công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC74HCU04D bảng dữ liệu(PDF) 2 Page - Motorola, Inc

tên linh kiện MC74HCU04D
Giải thích chi tiết về linh kiện  Hex Unbuffered Inverter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74HCU04D bảng dữ liệu(HTML) 2 Page - Motorola, Inc

  MC74HCU04D Datasheet HTML 1Page - Motorola, Inc MC74HCU04D Datasheet HTML 2Page - Motorola, Inc MC74HCU04D Datasheet HTML 3Page - Motorola, Inc MC74HCU04D Datasheet HTML 4Page - Motorola, Inc MC74HCU04D Datasheet HTML 5Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MC74HCU04
MOTOROLA
High–Speed CMOS Logic Data
DL129 — Rev 6
2
MAXIMUM RATINGS*
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage (Referenced to GND)
– 0.5 to + 7.0
V
Vin
DC Input Voltage (Referenced to GND)
– 1.5 to VCC + 1.5
V
Vout
DC Output Voltage (Referenced to GND)
– 0.5 to VCC + 0.5
V
Iin
DC Input Current, per Pin
± 20
mA
Iout
DC Output Current, per Pin
± 25
mA
ICC
DC Supply Current, VCC and GND Pins
± 50
mA
PD
Power Dissipation in Still Air
Plastic DIP†
SOIC Package†
750
500
mW
Tstg
Storage Temperature
– 65 to + 150
_C
TL
Lead Temperature, 1 mm from case for 10 Seconds
(Plastic DIP or SOIC Package)
260
_C
* Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the Recommended Operating Conditions.
†Derating — Plastic DIP: –10mW/
_C from 65_ to 125_C
SOIC Package: –7mW/
_C from 65_ to 125_C
For high frequency or heavy load considerations, see Chapter 2 of the Motorola High–Speed CMOS Data Book (DL129/D).
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage (Referenced to GND)
2.0
6.0
V
Vin, Vout
DC Input Voltage, Output Voltage (Referenced to GND)
0
VCC
V
TA
Operating Temperature, All Package Types
– 55
+ 125
_C
tr, tf
Input Rise and Fall Time (Figure 1)
No
Limit
ns
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
Guaranteed Limit
Symbol
Parameter
Test Conditions
VCC
V
– 55 to
25
_C
v 85_C
v 125_C
Unit
VIH
Minimum High–Level Input
Voltage
Vout = 0.5 V*
|Iout| v 20 µA
2.0
4.5
6.0
1.7
3.6
4.8
1.7
3.6
4.8
l.7
3.6
4.8
V
VIL
Maximum Low–Level Input
Voltage
Vout = VCC – 0.5 V*
|Iout| v 20 µA
2.0
4.5
6.0
0.3
0.8
1.1
0.3
0.8
1.1
0.3
0.8
1.1
V
VOH
Minimum High–Level Output
Voltage
Vin = GND
|Iout| v 20 µA
2.0
4.5
6.0
1.8
4.0
5.5
1.8
4.0
5.5
1.8
4.0
5.5
V
Vin = GND
|Iout| v 4.0 mA
|Iout| v 5.2 mA
4.5
6.0
3.86
5.36
3.76
5.26
3.70
5.20
VOL
Maximum Low–Level Output
Voltage
Vin = VCC
|Iout| v 20 µA
2.0
4.5
6.0
0.2
0.5
0.5
0.2
0.5
0.5
0.2
0.5
0.5
V
Vin = VCC
|Iout| v 4.0 mA
|Iout| v 5.2 mA
4.5
6.0
0.32
0.32
0.37
0.37
0.40
0.40
Iin
Maximum Input Leakage Current
Vin = VCC or GND
6.0
± 0.1
± 1.0
± 1.0
µA
ICC
Maximum Quiescent Supply
Current (per Package)
Vin = VCC or GND
Iout = 0 µA
6.0
2
20
40
µA
NOTE: Information on typical parametric values can be found in Chapter 2 of the Motorola High–Speed CMOS Data Book (DL129/D).
* For VCC = 2.0 V, Vout = 0.2 V or VCC – 0.2 V.
This device contains protection
circuitry to guard against damage
due to high static voltages or electric
fields. However, precautions must
be taken to avoid applications of any
voltage higher than maximum rated
voltages to this high–impedance cir-
cuit. For proper operation, Vin and
Vout should be constrained to the
range GND
v (Vin or Vout) v VCC.
Unused inputs must always be
tied to an appropriate logic voltage
level (e.g., either GND or VCC).
Unused outputs must be left open.


Số phần tương tự - MC74HCU04D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
MC74HCU04 NXP-MC74HCU04 Datasheet
759Kb / 40P
   Universal Digital Loop Transceiver (UDLT-3) Evaluation Module
Rev. 3, 2/2002
logo
Motorola, Inc
MC74HCU04A MOTOROLA-MC74HCU04A Datasheet
134Kb / 7P
   Hex Unbuffered Inverter
logo
ON Semiconductor
MC74HCU04A ONSEMI-MC74HCU04A Datasheet
159Kb / 8P
   Hex Unbuffered Inverter
March, 2000 ??Rev. 2
MC74HCU04A ONSEMI-MC74HCU04A Datasheet
167Kb / 9P
   Hex Unbuffered Inverter High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 4
MC74HCU04A ONSEMI-MC74HCU04A Datasheet
113Kb / 7P
   Hex Unbuffered Inverter
September, 2014 ??Rev. 8
More results

Mô tả tương tự - MC74HCU04D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC74VHCU04 ONSEMI-MC74VHCU04_06 Datasheet
149Kb / 6P
   Hex Inverter (Unbuffered)
March, 2006 ??Rev. 4
logo
Nexperia B.V. All right...
74HCU04-Q100 NEXPERIA-74HCU04-Q100 Datasheet
823Kb / 16P
   Hex unbuffered inverter
HEF4069UB NEXPERIA-HEF4069UB Datasheet
246Kb / 13P
   Hex unbuffered inverter
Rev. 10 - 10 February 2022
74LVCU04A-Q100 NEXPERIA-74LVCU04A-Q100 Datasheet
782Kb / 15P
   Hex unbuffered inverter
74AHCU04 NEXPERIA-74AHCU04 Datasheet
245Kb / 14P
   Hex unbuffered inverter
Rev. 5 - 18 May 2020
logo
ON Semiconductor
MC74HCU04A ONSEMI-MC74HCU04A Datasheet
159Kb / 8P
   Hex Unbuffered Inverter
March, 2000 ??Rev. 2
74HCU04 ONSEMI-74HCU04 Datasheet
133Kb / 9P
   Hex Unbuffered Inverter
March, 2007 ??Rev. 0
MC74HCU04A ONSEMI-MC74HCU04A_14 Datasheet
113Kb / 7P
   Hex Unbuffered Inverter
September, 2014 ??Rev. 8
logo
Nexperia B.V. All right...
74LVCU04A NEXPERIA-74LVCU04A Datasheet
262Kb / 14P
   Hex unbuffered inverter
Rev. 9 - 31 March 2021
logo
Motorola, Inc
MC74HCU04A MOTOROLA-MC74HCU04A Datasheet
134Kb / 7P
   Hex Unbuffered Inverter
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com