công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TC1N914BM bảng dữ liệu(PDF) 4 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

tên linh kiện TC1N914BM
Giải thích chi tiết về linh kiện  300 mW DO-34 Hermetically Sealed Glass Fast Switching Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Trang chủ  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

TC1N914BM bảng dữ liệu(HTML) 4 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  TC1N914BM Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd TC1N914BM Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd TC1N914BM Datasheet HTML 3Page - Tak Cheong Electronics (Holdings) Co.,Ltd TC1N914BM Datasheet HTML 4Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Number: DB-100
April 14, 2008 / A
DISCLAIMER NOTICE
TAK CHEONG
®
NOTICE
The information presented in this document is for reference only. Tak Cheong reserves the right to make
changes without notice for the specification of the products displayed herein.
The product listed herein is designed to be used with ordinary electronic equipment or devices, and not
designed to be used with equipment or devices which require high level of reliability and the malfunction of with
would directly endanger human life (such as medical instruments, transportation equipment, aerospace
machinery, nuclear-reactor controllers, fuel controllers and other safety devices), Tak Cheong Semiconductor
Co., Ltd., or anyone on its behalf, assumes no responsibility or liability for any damagers resulting from such
improper use of sale.
This publication supersedes & replaces all information reviously supplied. For additional information, please visit
our website http://www.takcheong.com, or consult your nearest Tak Cheong’s sales office for further assistance.


Số phần tương tự - TC1N914BM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tak Cheong Electronics ...
TC1N914BM TAK_CHEONG-TC1N914BM Datasheet
125Kb / 4P
   300 mW DO-34 Hermetically Sealed Glass Fast Switching Diodes
More results

Mô tả tương tự - TC1N914BM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tak Cheong Electronics ...
TC1N4148M TAK_CHEONG-TC1N4148M Datasheet
125Kb / 4P
   300 mW DO-34 Hermetically Sealed Glass Fast Switching Diodes
TC1SS133M TAK_CHEONG-TC1SS133M Datasheet
67Kb / 2P
   300 mW DO-34 Hermetically Sealed Glass Switching Diodes
logo
Yea Shin Technology Co....
1N4448 YEASHIN-1N4448 Datasheet
309Kb / 2P
   500 mW DO-34 Hermetically Sealed Glass Fast Switching Diodes
1N4148 YEASHIN-1N4148 Datasheet
1Mb / 4P
   500 mW DO-34 Hermetically Sealed Glass Fast Switching Diodes
1N4148M YEASHIN-1N4148M Datasheet
545Kb / 2P
   500 mW DO-34 Hermetically Sealed Glass Fast Switching Diodes
logo
Tak Cheong Electronics ...
TC1SS244M TAK_CHEONG-TC1SS244M_08 Datasheet
136Kb / 4P
   300 mW DO-34 Hermetically Sealed Glass - High Voltage Switching Diodes
TC1SS244M TAK_CHEONG-TC1SS244M Datasheet
67Kb / 2P
   300 mW DO-34 Hermetically Sealed Glass - High Voltage Switching Diodes
TC1N4148 TAK_CHEONG-TC1N4148 Datasheet
125Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Fast Switching Diodes
TCBAW76 TAK_CHEONG-TCBAW76 Datasheet
125Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Fast Switching Diodes
logo
Shanghai Leiditech Elec...
1N4148 LEIDITECH-1N4148 Datasheet
2Mb / 3P
   500 mW DO-35 Hermetically Sealed Glass Fast Switching Diodes
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com