công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BZX85C9V1 bảng dữ liệu(PDF) 2 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

tên linh kiện BZX85C9V1
Giải thích chi tiết về linh kiện  1.3 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Trang chủ  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

BZX85C9V1 bảng dữ liệu(HTML) 2 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  BZX85C9V1 Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd BZX85C9V1 Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd BZX85C9V1 Datasheet HTML 3Page - Tak Cheong Electronics (Holdings) Co.,Ltd BZX85C9V1 Datasheet HTML 4Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Number: DB-069
Sep. 2010 / F
Page 2
L i c e n s e d b y O N S e m i c o n d u c t o r ,
A t r a d e m a r k o f s e m i c o n d u c t o r
C o m p o n e n t s
I n d u s t r i e s ,
L L C
f o r
Z e n e r T e c h n o l o g y a n d P r o d u c t s .
TAK CHEONG
®
ELECTRICAL CHARACTERISTICS (TA = 25℃ unless otherwise noted.)
Zener Voltage (Note 2 & 3.)
Zener Impedance (Note 4.)
Leakage Current
VZ (Volts)
@IZT
ZZT @IZT
ZZK @IZK
IR @ VR
Device
(Note 1.)
Device
Marking
Min
Nom
Max
(mA)
(Ω)
(Ω)
(mA)
(uA Max)
(Volts)
BZX85C3V3
BZX85C3V6
BZX85C3V9
BZX85C4V3
BZX85C4V7
BZX85C3V3
BZX85C3V6
BZX85C3V9
BZX85C4V3
BZX85C4V7
3.1
3.4
3.7
4.0
4.4
3.3
3.6
3.9
4.3
4.7
3.5
3.8
4.1
4.6
5.0
80
60
60
50
45
20
15
15
13
13
400
500
500
500
600
1
1
1
1
1
60
30
5
3
3
1
1
1
1
1.5
BZX85C5V1
BZX85C5V6
BZX85C6V2
BZX85C6V8
BZX85C7V5
BZX85C5V1
BZX85C5V6
BZX85C6V2
BZX85C6V8
BZX85C7V5
4.8
5.2
5.8
6.4
7.0
5.1
5.6
6.2
6.8
7.5
5.4
6.0
6.6
7.2
7.9
45
45
35
35
35
10
7
4
3.5
3
500
400
300
300
200
1
1
1
1
0.5
1
1
1
1
1
2
2
3
4
4.5
BZX85C8V2
BZX85C9V1
BZX85C10
BZX85C11
BZX85C12
BZX85C8V2
BZX85C9V1
BZX85C10
BZX85C11
BZX85C12
7.7
8.5
9.4
10.4
11.4
8.2
9.1
10
11
12
8.7
9.6
10.6
11.6
12.7
25
25
25
20
20
5
5
7
8
9
200
200
200
300
350
0.5
0.5
0.5
0.5
0.5
1
1
0.5
0.5
0.5
5
6.5
7
7.7
8.4
BZX85C13
BZX85C15
BZX85C16
BZX85C18
BZX85C20
BZX85C13
BZX85C15
BZX85C16
BZX85C18
BZX85C20
12.4
13.8
15.3
16.8
18.8
13
15
16
18
20
14.1
15.6
17.1
19.1
21.2
20
15
15
15
10
10
15
15
20
24
400
500
500
500
600
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
9.1
10.5
11.0
12.5
14.0
BZX85C22
BZX85C24
BZX85C27
BZX85C30
BZX85C33
BZX85C22
BZX85C24
BZX85C27
BZX85C30
BZX85C33
20.8
22.8
25.1
28.0
31.0
22
24
27
30
33
23.3
25.6
28.9
32.0
35.0
10
10
8
8
8
25
25
30
30
35
600
600
750
1000
1000
0.5
0.5
0.25
0.25
0.25
0.5
0.5
0.5
0.5
0.5
15.5
17.0
19.0
21.0
23.0
BZX85C36
BZX85C39
BZX85C43
BZX85C47
BZX85C56
BZX85C36
BZX85C39
BZX85C43
BZX85C47
BZX85C56
34
37
40
44
52
36
39
43
47
56
38
41
46
50
60
8
6
6
4
4
40
45
50
90
120
1000
1000
1000
1500
2000
0.25
0.25
0.25
0.25
0.25
0.5
0.5
0.5
0.5
0.5
25
27
30
33
39
BZX85C62
BZX85C75
BZX85C91
BZX85C100
BZX85C62
BZX85C75
BZX85C91
BZX85C100
58
70
85
96
62
75
91
100
66
80
96
106
4
4
2.7
2.7
125
150
250
350
2000
2000
3000
3000
0.25
0.25
0.25
0.25
0.5
0.5
0.5
0.5
43
51
62
68
VF = 1.2V Max @IF = 200mA for 30V below types , VF = 2.0V Max @IF = 200mA for 30~56V types, and VF = 3.0V Max @IF = 200mA for
60V above types
1. TOLERANCE AND TYPE NUMBER DESIGNATION (VZ)
Tolerance designation – the type numbers listed have zener voltage min/max limits as shown.
2. SPECIALS AVAILABLE INCLUDE
Nominal zener voltages between the voltages shown and tighter voltage, for detailed information on price, availability and delivery, contact
you nearest Tak Cheong representative.
3. ZENER VOLTAGE (VZ) MEASUREMENT
The zener voltage (VZ) is tested under pulse conditions such that TJ is no more than 2℃ above TA.
4. ZENER IMPEDANCE (ZZ) DERIVATION
The zener impedance is derived from the 60 cycle AC voltage, which results when an AC current having an RMS value equal to 10% of the
DC zener current (IZT or IZK) is superimposed on IZT or IZK.


Số phần tương tự - BZX85C9V1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
BZX85C9V1 VISHAY-BZX85C9V1 Datasheet
58Kb / 5P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
logo
Rectron Semiconductor
BZX85C9V1 RECTRON-BZX85C9V1 Datasheet
88Kb / 2P
   1.3W DO-41 Zener Diode
logo
New Jersey Semi-Conduct...
BZX85C9V1 NJSEMI-BZX85C9V1 Datasheet
99Kb / 2P
   SILICON PLANAR ZENER DIODES
logo
Fairchild Semiconductor
BZX85C9V1 FAIRCHILD-BZX85C9V1 Datasheet
49Kb / 3P
   Zeners
logo
Taiwan Semiconductor Co...
BZX85C9V1 TSC-BZX85C9V1 Datasheet
764Kb / 3P
   1.3W,5% Tolerance Zener Diode
More results

Mô tả tương tự - BZX85C9V1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tak Cheong Electronics ...
TCBZX85C3V3 TAK_CHEONG-TCBZX85C3V3_11 Datasheet
168Kb / 4P
   1.3 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
BZX85C3V3 TAK_CHEONG-BZX85C3V3 Datasheet
128Kb / 4P
   1.3 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
TCBZX85C3V3 TAK_CHEONG-TCBZX85C3V3 Datasheet
177Kb / 5P
   1.3 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
1N4728A TAK_CHEONG-1N4728A_10 Datasheet
325Kb / 4P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
logo
List of Unclassifed Man...
TC1N4728A ETC1-TC1N4728A Datasheet
496Kb / 6P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TC1N4728A TAK_CHEONG-TC1N4728A_10 Datasheet
454Kb / 5P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
1N4728A TAK_CHEONG-1N4728A Datasheet
128Kb / 4P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
TC1N4728A TAK_CHEONG-TC1N4728A Datasheet
178Kb / 5P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
logo
ON Semiconductor
BZX85C3V3RL ONSEMI-BZX85C3V3RL Datasheet
57Kb / 8P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
February, 2002 ??Rev. 1
logo
Tak Cheong Electronics ...
1N4751A TAK_CHEONG-1N4751A Datasheet
445Kb / 7P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
March 2002 / A
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com