công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC74HCT541ADW bảng dữ liệu(PDF) 1 Page - Motorola, Inc

tên linh kiện MC74HCT541ADW
Giải thích chi tiết về linh kiện  Octal 3-State Non-Inverting Buffer/Line Driver/Line Receiver With LSTTL-Compatible Inputs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74HCT541ADW bảng dữ liệu(HTML) 1 Page - Motorola, Inc

  MC74HCT541ADW Datasheet HTML 1Page - Motorola, Inc MC74HCT541ADW Datasheet HTML 2Page - Motorola, Inc MC74HCT541ADW Datasheet HTML 3Page - Motorola, Inc MC74HCT541ADW Datasheet HTML 4Page - Motorola, Inc MC74HCT541ADW Datasheet HTML 5Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
3–1
REV 1
© Motorola, Inc. 1995
10/95
Octal 3-State Non-Inverting
Buffer/Line Driver/
Line Receiver With
LSTTL-Compatible Inputs
High–Performance Silicon–Gate CMOS
The MC74HCT541A is identical in pinout to the LS541. This device may
be used as a level converter for interfacing TTL or NMOS outputs to high
speed CMOS inputs.
The HCT541A is an octal non–inverting buffer/line driver/line receiver
designed to be used with 3–state memory address drivers, clock drivers, and
other bus–oriented systems. This device features inputs and outputs on
opposite sides of the package and two ANDed active–low output enables.
• Output Drive Capability: 15 LSTTL Loads
• TTL/NMOS–Compatible Input Levels
• Outputs Directly Interface to CMOS, NMOS and TTL
• Operating Voltage Range: 4.5 to 5.5V
• Low Input Current: 1µA
• In Compliance With the JEDEC Standard No. 7A Requirements
• Chip Complexity: 134 FETs or 33.5 Equivalent Gates
18
Y1
2
A1
17
Y2
3
A2
16
Y3
4
A3
15
Y4
5
A4
14
Y5
6
A5
13
Y6
7
A6
12
Y7
8
A7
11
Y8
9
A8
OE1
OE2
1
19
Output
Enables
Data
Inputs
Non–Inverting
Outputs
PIN 20 = VCC
PIN 10 = GND
LOGIC DIAGRAM
Pinout: 20–Lead Packages (Top View)
19
20
18
17
16
15
14
2
1
3
4
5
6
7
VCC
13
8
12
9
11
10
OE2
Y1
Y2
Y3
Y4
Y5
Y6
Y7
Y8
OE1
A1
A2
A3
A4
A5
A6
A7
A8
GND
L
L
H
X
L
L
X
H
L
H
X
X
MC74HCT541A
FUNCTION TABLE
Inputs
Output Y
OE1
OE2
A
L
H
Z
Z
Z = High Impedance
X = Don’t Care
DW SUFFIX
SOIC PACKAGE
CASE 751D–04
N SUFFIX
PLASTIC PACKAGE
CASE 738–03
ORDERING INFORMATION
MC74HCTXXXAN
MC74HCTXXXADW
Plastic
SOIC
1
20
1
20


Số phần tương tự - MC74HCT541ADW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC74HCT541ADW ONSEMI-MC74HCT541ADW Datasheet
128Kb / 8P
   Octal 3-State Non-Inverting Buffer/Line Driver/Line Receiver With LSTTL-Compatible Inputs
March, 2000 ??Rev. 2
MC74HCT541ADW ONSEMI-MC74HCT541ADW Datasheet
108Kb / 8P
   Octal 3?뭆tate Non?묲nverting Buffer/Line Driver/ Line Receiver With LSTTL?묬ompatible Inputs
June, 2006 ??Rev. 5
MC74HCT541ADWG ONSEMI-MC74HCT541ADWG Datasheet
108Kb / 8P
   Octal 3?뭆tate Non?묲nverting Buffer/Line Driver/ Line Receiver With LSTTL?묬ompatible Inputs
June, 2006 ??Rev. 5
MC74HCT541ADWG ONSEMI-MC74HCT541ADWG Datasheet
153Kb / 8P
   Octal 3-State Non-Inverting Buffer/Line Driver/Line Receiver With LSTTL-Compatible Inputs
June, 2011 ??Rev. 6
MC74HCT541ADWG ONSEMI-MC74HCT541ADWG Datasheet
118Kb / 6P
   Octal 3-State Non-Inverting Buffer/Line Driver/ Line Receiver
September, 2014 ??Rev. 7
More results

Mô tả tương tự - MC74HCT541ADW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC74HCT541A ONSEMI-MC74HCT541A_11 Datasheet
153Kb / 8P
   Octal 3-State Non-Inverting Buffer/Line Driver/Line Receiver With LSTTL-Compatible Inputs
June, 2011 ??Rev. 6
MC74HCT541A ONSEMI-MC74HCT541A Datasheet
128Kb / 8P
   Octal 3-State Non-Inverting Buffer/Line Driver/Line Receiver With LSTTL-Compatible Inputs
March, 2000 ??Rev. 2
logo
Motorola, Inc
MC74HCT240A MOTOROLA-MC74HCT240A Datasheet
171Kb / 7P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver with LSTTL-Compatible Inputs
MC54HCT244A MOTOROLA-MC54HCT244A Datasheet
115Kb / 7P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver with LSTTL-Compatible Inputs
logo
ON Semiconductor
MC74HCT244A ONSEMI-MC74HCT244A Datasheet
175Kb / 8P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver with LSTTL-Compatible Inputs
May, 2000 ??Rev. 9
MC74HCT244A ONSEMI-MC74HCT244A_11 Datasheet
151Kb / 8P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver with LSTTL-Compatible Inputs
May, 2011 ??Rev. 12
MC74HCT241A ONSEMI-MC74HCT241A Datasheet
169Kb / 9P
   Octal 3-State Noninverting Buffer/Line Driver/ Line Receiver with LSTTL-Compatible Inputs
December, 2009 ??Rev. 8
MC74HC541A ONSEMI-MC74HC541A Datasheet
127Kb / 8P
   Octal 3-State Non-Inverting Buffer/Line Driver/Line Receiver
March, 2000 ??Rev. 2
MC74HCT541A ONSEMI-MC74HCT541A_16 Datasheet
118Kb / 6P
   Octal 3-State Non-Inverting Buffer/Line Driver/ Line Receiver
September, 2014 ??Rev. 7
MC74HCT541A ONSEMI-MC74HCT541A_06 Datasheet
108Kb / 8P
   Octal 3?뭆tate Non?묲nverting Buffer/Line Driver/ Line Receiver With LSTTL?묬ompatible Inputs
June, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com