công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC74HCT240ADT bảng dữ liệu(PDF) 3 Page - Motorola, Inc

tên linh kiện MC74HCT240ADT
Giải thích chi tiết về linh kiện  Octal 3-State Inverting Buffer/Line Driver/Line Receiver with LSTTL-Compatible Inputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74HCT240ADT bảng dữ liệu(HTML) 3 Page - Motorola, Inc

  MC74HCT240ADT Datasheet HTML 1Page - Motorola, Inc MC74HCT240ADT Datasheet HTML 2Page - Motorola, Inc MC74HCT240ADT Datasheet HTML 3Page - Motorola, Inc MC74HCT240ADT Datasheet HTML 4Page - Motorola, Inc MC74HCT240ADT Datasheet HTML 5Page - Motorola, Inc MC74HCT240ADT Datasheet HTML 6Page - Motorola, Inc MC74HCT240ADT Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MC74HCT240A
High–Speed CMOS Logic Data
DL129 — Rev 6
3
MOTOROLA
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
Sb l
P
T
C
di i
V
Guaranteed Limit
Ui
Symbol
Parameter
Test Conditions
VCC
V
– 55 to
25
_C
v 85_C
v 125_C
Unit
ICC
Maximum Quiescent Supply
Current (per Package)
Vin = VCC or GND
Iout = 0 µA
5.5
4
40
160
µA
∆ICC
Additional Quiescent Supply
Current
Vin = 2.4 V, Any One Input
Vin = VCC or GND, Other Inputs
55
≥ –55_C
25
_C to 125_C
A
Current
Vin = VCC or GND, Other Inputs
lout = 0 µA
5.5
2.9
2.4
mA
NOTES:
1. Information on typical parametric values along with frequency or heavy load considerations can be found in Chapter 2 of the Motorola High–
Speed CMOS Data Book (DL129/D).
2. Total Supply Current = ICC + Σ∆ICC.
AC ELECTRICAL CHARACTERISTICS (VCC = 5.0 V ± 10%, CL = 50 pF, Input tr = tf = 6 ns)
Sb l
P
Guaranteed Limit
Ui
Symbol
Parameter
– 55 to
25
_C
v 85_C
v 125_C
Unit
tPLH,
tPHL
Maximum Propagation Delay, A to YA or B to YB
(Figures 1 and 3)
20
25
30
ns
tPLZ,
tPHZ
Maximum Propagation Delay, Output Enable to YA or YB
(Figures 2 and 4)
28
35
42
ns
tPZL,
tPZH
Maximum Propagation Delay, Output Enable to YA or YB
(Figures 2 and 4)
25
31
38
ns
tTLH,
tTHL
Maximum Output Transition Time, Any Output
(Figures 1 and 3)
12
15
18
ns
Cin
Maximum Input Capacitance
10
10
10
pF
Cout
Maximum Three–State Output Capacitance (Output in High–Impedance
State)
15
15
15
pF
NOTE: For propagation delays with loads other than 50 pF, and information on typical parametric values, see Chapter 2 of the Motorola High–
Speed CMOS Data Book (DL129/D).
C
P
Di
i
i
C
i
(P
E
bl d O
)*
Typical @ 25
°C, VCC = 5.0 V
F
CPD
Power Dissipation Capacitance (Per Enabled Output)*
55
pF
* Used to determine the no–load dynamic power consumption: PD = CPD VCC2f + ICC VCC. For load considerations, see Chapter 2 of the
Motorola High–Speed CMOS Data Book (DL129/D).


Số phần tương tự - MC74HCT240ADT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC74HCT241A ONSEMI-MC74HCT241A Datasheet
169Kb / 9P
   Octal 3-State Noninverting Buffer/Line Driver/ Line Receiver with LSTTL-Compatible Inputs
December, 2009 ??Rev. 8
MC74HCT241ADTG ONSEMI-MC74HCT241ADTG Datasheet
169Kb / 9P
   Octal 3-State Noninverting Buffer/Line Driver/ Line Receiver with LSTTL-Compatible Inputs
December, 2009 ??Rev. 8
MC74HCT241ADTR2G ONSEMI-MC74HCT241ADTR2G Datasheet
169Kb / 9P
   Octal 3-State Noninverting Buffer/Line Driver/ Line Receiver with LSTTL-Compatible Inputs
December, 2009 ??Rev. 8
MC74HCT241ADWG ONSEMI-MC74HCT241ADWG Datasheet
169Kb / 9P
   Octal 3-State Noninverting Buffer/Line Driver/ Line Receiver with LSTTL-Compatible Inputs
December, 2009 ??Rev. 8
MC74HCT241ADWR2G ONSEMI-MC74HCT241ADWR2G Datasheet
169Kb / 9P
   Octal 3-State Noninverting Buffer/Line Driver/ Line Receiver with LSTTL-Compatible Inputs
December, 2009 ??Rev. 8
More results

Mô tả tương tự - MC74HCT240ADT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC74HCT541A ONSEMI-MC74HCT541A_11 Datasheet
153Kb / 8P
   Octal 3-State Non-Inverting Buffer/Line Driver/Line Receiver With LSTTL-Compatible Inputs
June, 2011 ??Rev. 6
logo
Motorola, Inc
MC74HCT541A MOTOROLA-MC74HCT541A Datasheet
151Kb / 5P
   Octal 3-State Non-Inverting Buffer/Line Driver/Line Receiver With LSTTL-Compatible Inputs
logo
ON Semiconductor
MC74HCT541A ONSEMI-MC74HCT541A Datasheet
128Kb / 8P
   Octal 3-State Non-Inverting Buffer/Line Driver/Line Receiver With LSTTL-Compatible Inputs
March, 2000 ??Rev. 2
logo
Motorola, Inc
MC54HCT244A MOTOROLA-MC54HCT244A Datasheet
115Kb / 7P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver with LSTTL-Compatible Inputs
logo
ON Semiconductor
MC74HCT244A ONSEMI-MC74HCT244A Datasheet
175Kb / 8P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver with LSTTL-Compatible Inputs
May, 2000 ??Rev. 9
MC74HCT244A ONSEMI-MC74HCT244A_11 Datasheet
151Kb / 8P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver with LSTTL-Compatible Inputs
May, 2011 ??Rev. 12
MC74HCT241A ONSEMI-MC74HCT241A Datasheet
169Kb / 9P
   Octal 3-State Noninverting Buffer/Line Driver/ Line Receiver with LSTTL-Compatible Inputs
December, 2009 ??Rev. 8
logo
Motorola, Inc
MC54-74HC240A MOTOROLA-MC54-74HC240A Datasheet
168Kb / 7P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver
logo
ON Semiconductor
MC74HC240A ONSEMI-MC74HC240A Datasheet
180Kb / 8P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver
May, 2000 ??Rev. 9
logo
Integral Corp.
IN74ACT240 INTEGRAL-IN74ACT240 Datasheet
184Kb / 4P
   OCTAL 3-STATE INVERTING BUFFER/LINE DRIVER/LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com