công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SPI-8002TW bảng dữ liệu(PDF) 1 Page - Sanken electric

tên linh kiện SPI-8002TW
Giải thích chi tiết về linh kiện  2-Output, Step-down Switching Mode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANKEN [Sanken electric]
Trang chủ  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SPI-8002TW bảng dữ liệu(HTML) 1 Page - Sanken electric

  SPI-8002TW Datasheet HTML 1Page - Sanken electric SPI-8002TW Datasheet HTML 2Page - Sanken electric SPI-8002TW Datasheet HTML 3Page - Sanken electric SPI-8002TW Datasheet HTML 4Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
58
ICs
1-1-3 DC/DC Converter ICs
■Recommended Operating Conditions*1
Parameter
Input Voltage Range
Output Voltage Range
Output Current Range
Operating Junction Temperature Range
Operating Temperature Range
Symbol
VIN
VCC
VC/E
VO
IO
Tjop
Top
Unit
V
V
V
V
A
°C
°C
■Absolute Maximum Ratings*1
Unit
V
V
V
W
°C
°C
°C/W
°C/W
Symbol
VIN
VCC
VC/E
PD
Tj
Tstg
θj-c
θj-a
Parameter
Input Voltage
Power Dissipation*2, *3
Junction Temperature
Storage Temperature
Thermal Resistance (junction to case)*2
Thermal Resistance (junction to ambient air)*2
Ratings
SPI-8001TW
SPI-8002TW
SPI-8003TW
21
40
40
21
40
40
21
40
40
3.0
+135
+150
–40 to +135
–40 to +150
9.0
35.8
■Features
•2 regulators combined in one package
• Output current: 1.5A × 2 (HSOP 16 Pin
Surface mount package)
•High efficiency: TYP80% (SPI-8001TW),
TYP78% (SPI-8002TW)
•Variable output voltage: 1.0 to 16V (SPI-
8001TW), 1.0 to 24V (SPI-8002TW)
• Built-in reference oscillator (250kHz): Enables
to downsize a choke-coil
• Low circuit current consumption: ≤ 1µA (at
output OFF)
• High accuracy reference voltage: ±1%
• Built-in foldback-overcurrent and thermal
protection circuits
• Built-in ON/OFF circuit (soft start available) –
per output
*1: Absolute maximum ratings show the destructive limit. No parameter should exceed the ratings in transient or normal
operations.
*2: When mounted on glass-epoxy board 70cm2 (copper laminate area 30.8cm2).
*3: Limited by thermal protection.
Ratings
SPI-8001TW
SPI-8002TW
SPI-8003TW
min.
max.
min.
max.
min.
max.
VO+3
20
VO+3
38
VO+3
38
4.5
20
4.5
38
4.5
38
20
38
38
116
1
24
1
24
1.5
1.5
1.5
–30
+135
–30
+135
–30
+125
–30
+135
–30
+135
–30
+85
*1: Recommended operating conditions show the operating conditions required for the normal circuit function described in the electrical characteristics.
These conditions must be followed in actual use.
2-Output, Step-down Switching Mode
SPI-8001TW/SPI-8002TW/SPI-8003TW
■Applications
• Onboard local power supplies
•OA equipment
• For stabilization of the secondary-side output voltage of switching power supplies


Số phần tương tự - SPI-8002TW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Allegro MicroSystems
SPI-8002TW ALLEGRO-SPI-8002TW Datasheet
444Kb / 10P
   Dual 1.5 A, DC/DC Step-Down Converter
logo
Sanken electric
SPI-8002TW SANKEN-SPI-8002TW Datasheet
474Kb / 4P
   2-Output Step-down Switching Mode Regulator ICs
SPI-8002TW SANKEN-SPI-8002TW Datasheet
89Kb / 4P
   2-Output, Step-down Switching Mode
logo
Allegro MicroSystems
SPI-8002TW-TL ALLEGRO-SPI-8002TW-TL Datasheet
444Kb / 10P
   Dual 1.5 A, DC/DC Step-Down Converter
More results

Mô tả tương tự - SPI-8002TW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanken electric
SPI-8001TW SANKEN-SPI-8001TW Datasheet
89Kb / 4P
   2-Output, Step-down Switching Mode
STA801M SANKEN-STA801M Datasheet
62Kb / 2P
   2-Output Separate Excitation Step-down Switching Mode
SPI-8001TW SANKEN-SPI-8001TW Datasheet
474Kb / 4P
   2-Output Step-down Switching Mode Regulator ICs
SI-8100QL SANKEN-SI-8100QL_11 Datasheet
79Kb / 2P
   Current Mode Control Step-down Switching Mode
logo
Allegro MicroSystems
A4490 ALLEGRO-A4490 Datasheet
390Kb / 16P
   Triple Output Step-Down Switching Regulator
A4490EES-T ALLEGRO-A4490EES-T Datasheet
395Kb / 17P
   Triple Output Step-Down Switching Regulator
logo
Sanken electric
SI-8105QL SANKEN-SI-8105QL Datasheet
56Kb / 2P
   Current Mode Control Step-down Switching Mode
logo
Allegro MicroSystems
A4491EESTR-T ALLEGRO-A4491EESTR-T Datasheet
397Kb / 16P
   Triple Output Step-Down Switching Regulator
logo
STMicroelectronics
GS-R51212S STMICROELECTRONICS-GS-R51212S Datasheet
87Kb / 8P
   31WTRIPLE OUTPUT STEP-DOWN SWITCHING REGULATORS
L7980 STMICROELECTRONICS-L7980 Datasheet
1Mb / 44P
   2 A step-down switching regulator
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com