công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SI-8010Y bảng dữ liệu(PDF) 1 Page - Sanken electric

tên linh kiện SI-8010Y
Giải thích chi tiết về linh kiện  Full-Mold, Separate Excitation Step-down Switching Mode Regulator ICs
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANKEN [Sanken electric]
Trang chủ  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-8010Y bảng dữ liệu(HTML) 1 Page - Sanken electric

  SI-8010Y Datasheet HTML 1Page - Sanken electric SI-8010Y Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
48
ICs
1-1-3 DC/DC Converter ICs
Unit
V
W
W
°C
°C
°C/W
°C/W
Ratings
45
20.8(With infinite heatsink)
1.8(Without heatsink, stand-alone operation)
30 to +150
40 to +150
6
66.7
Symbol
VIN
PD1
PD2
Tj
Tstg
θj-c
θj-a
Parameter
Input Voltage
Power Dissipation
Junction Temperature
Storage Temperature
Thermal Resistance (Junction to Case)
Thermal Resistance (Junction to Ambient Air)
Parameter
Input Voltage Range
Output Voltage Range
Output Current Range
Operating Junction Temperature Range
Operating Temperature Range
Symbol
VIN
Vo
Io
Tjop
Top
Unit
V
V
A
°C
°C
Raings
SI-8010Y
SI-8050Y
8 or VO+3* to 43
8 to 43
1 to 15
5
0 to 8.0
–30 to +135
–30 to +85
Unit
V
mV/°C
%
kHz
mV
mV
A
mA
µA
µA
V
V/V
µA/V
V/A
%
nsec
Parameter
Output Voltage
(Reference voltage for SI-8010Y)
Temperature Coefficient of Output Voltage
(Reference voltage temperature coefficient for SI-8010Y)
Efficiency
Oscillation Frequency
Line Regulation
Load Regulation
Overcurrent Protection Starting Current
Quiescent Circuit Current
EN/SS Pin*
Error Amplifier Voltage Gain
Error Amplifier Transformer Conductance
Current Sense Amplifier Impedance
Maximum ON Duty
Minimum ON Time
Symbol
VO(VREF)
Conditions
∆VO/∆T(∆VREF/∆T)
Conditions
η
Conditions
fo
Conditions
∆VOLINE
Conditions
∆VOLOAD
Conditions
Is
Conditions
Iq
Conditions
Iq(OFF)
Conditions
ISSL
Conditions
VSSL
Conditions
AEA
GEA
1/GCS
DMAX
DMIN
Ratings
SI-8010Y*
SI-8050Y
mIN.
typ.
max.
mIN.
typ.
max.
0.98
1.00
1.02
4.90
5.00
5.10
VIN=30V, Io=0.1A
VIN=30V, Io=0.1A
±0.1
±0.5
VIN=30V, Io=0.1A, Ta=0 to 100°CVIN=30V, Io=0.1A, Ta=0 to 100°C
86
86
VIN=30V, Io=3A
VIN=30V, Io=3A
130
130
VIN=30V, Io=3A
VIN=30V, Io=3A
30
90
30
90
VIN=10 to 43V, Io=3A
VIN=10 to 43V, Io=3A
30
90
30
90
VIN=30V, Io=0.1 to 8A
VIN=30V, Io=0.1 to 8A
8.1
8.1
VIN=20V
VIN=20V
88
VIN=30V, Io=0A, EN/SS=open
VIN=30V, Io=0A, EN/SS=open
200
500
200
500
VIN=30V, EN/SS=0V
VIN=30V, EN/SS=0V
10
30
10
30
VIN=30V, EN/SS=0V
VIN=30V, EN/SS=0V
0.5
0.5
VIN=30V
VIN=30V
300
300
800
800
0.16
0.16
92
92
200
200
SI-8000Y
SS
5SS
C6
C6
5
SI-8000Y
Soft start
Soft start
+VOUT. ON/OFF
Full-Mold, Separate Excitation Step-down Switching Mode Regulator ICs
SI-8000Y Series
■Features
• Compact (equivalent to TO220) full-mold
package
• Output current: 8.0 A
• High efficiency: 86%
• Built-in reference oscillator (130 kHz)
• Built-in drooping-type-overcurrent protection
and thermal protection circuits
• Built-in soft start circuit (Output ON/OFF
available)
•Low current consumption during off
■Absolute Maximum Ratings
■Recommended Operating Conditions
■Electrical Characteristics
■Applications
•AV equipment
•OA equipment
• Gaming equipment
• Onboard local power supplies
Current Mode Control Step-down Switching Mode
Outflow Current at
Low Voltage
Low Level Voltage
*:R1=8kΩ, R2=2kΩ when Ta=25°C and Vo=5V
*: The minimum value of the input voltage range is 8 V or Vo + 3V, whichever is higher.


Số phần tương tự - SI-8010Y

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanken electric
SI-8010Y SANKEN-SI-8010Y Datasheet
69Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode Regulator
More results

Mô tả tương tự - SI-8010Y

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanken electric
SI-8000TFE SANKEN-SI-8000TFE Datasheet
443Kb / 2P
   Full-Mold Separate Excitation Step-down Switching Mode Regulator ICs
SI-8000HFE SANKEN-SI-8000HFE_10 Datasheet
50Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode Regulator ICs
NR887D SANKEN-NR887D Datasheet
59Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode Regulator ICs
SI-8000JF SANKEN-SI-8000JF_10 Datasheet
48Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode Regulator ICs
SI-8000S SANKEN-SI-8000S_10 Datasheet
43Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode Regulator ICs
SI-8000HFE SANKEN-SI-8000HFE Datasheet
449Kb / 2P
   Full-Mold Separate Excitation Step-down Switching Mode Regulator ICs
SI-8000E SANKEN-SI-8000E_10 Datasheet
40Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode Regulator ICs
SI-8010Y SANKEN-SI-8010Y Datasheet
69Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode Regulator
SI-8015JF SANKEN-SI-8015JF Datasheet
83Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8050JF SANKEN-SI-8050JF Datasheet
83Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com