công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BC328-XBK bảng dữ liệu(PDF) 1 Page - Diotec Semiconductor

tên linh kiện BC328-XBK
Giải thích chi tiết về linh kiện  General Purpose Si-Epitaxial Planar Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIOTEC [Diotec Semiconductor]
Trang chủ  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BC328-XBK bảng dữ liệu(HTML) 1 Page - Diotec Semiconductor

  BC328-XBK Datasheet HTML 1Page - Diotec Semiconductor BC328-XBK Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BC327-xBK / BC328-xBK
BC327-xBK / BC328-xBK
PNP
General Purpose Si-Epitaxial Planar Transistors
Si-Epitaxial Planar-Transistoren für universellen Einsatz
PNP
Version 2010-06-23
Dimensions - Maße [mm]
Power dissipation
Verlustleistung
625 mW
Plastic case
Kunststoffgehäuse
TO-92
(10D3)
Weight approx. – Gewicht ca.
0.18 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Special packaging bulk
Sonder-Lieferform Schüttgut
Maximum ratings (TA = 25°C)
Grenzwerte (TA = 25°C)
BC327
BC328
Collector-Emitter-volt. – Kollektor-Emitter-Spannung E-B short
- VCES
50 V
30 V
Collector-Emitter-volt. – Kollektor-Emitter-Spannung B open
- VCEO
45 V
25 V
Emitter-Base-voltage – Emitter-Basis-Spannung
C open
- VEBO
5 V
Power dissipation – Verlustleistung
Ptot
625 mW 1)
Collector current – Kollektorstrom (dc)
- IC
800 mA
Peak Collector current – Kollektor-Spitzenstrom
- ICM
1 A
Base current – Basisstrom
- IB
100 mA
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-55...+150°C
-55…+150°C
Characteristics (Tj = 25°C)
Kennwerte (Tj = 25°C)
Min.
Typ.
Max.
DC current gain – Kollektor-Basis-Stromverhältnis 2)
- VCE = 1 V, - IC = 100 mA
Group -16
Group -25
Group -40
hFE
hFE
hFE
100
160
250
160
250
400
250
400
630
- VCE = 1 V, - IC = 300 mA
Group -16
Group -25
Group -40
hFE
hFE
hFE
60
100
170
130
200
320
Collector-Emitter saturation voltage – Kollektor-Emitter-Sättigungsspg. 2)
- IC = 500 mA, - IB = 50 mA
- VCEsat
0.7 V
1
Valid, if leads are kept at ambient temperature at a distance of 2 mm from case
Gültig wenn die Anschlussdrähte in 2 mm Abstand vom Gehäuse auf Umgebungstemperatur gehalten werden
2
Tested with pulses tp = 300 µs, duty cycle ≤ 2% – Gemessen mit Impulsen tp = 300 µs, Schaltverhältnis ≤ 2%
© Diotec Semiconductor AG
http://www.diotec.com/
1
2 x 1.27
C B E
4.6
±0.1


Số phần tương tự - BC328-XBK

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
BC328-16 MOTOROLA-BC328-16 Datasheet
160Kb / 4P
   Amplifier Transistors(PNP)
logo
Siemens Semiconductor G...
BC328-16 SIEMENS-BC328-16 Datasheet
143Kb / 6P
   PNP Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
logo
Diotec Semiconductor
BC328-16 DIOTEC-BC328-16 Datasheet
143Kb / 2P
   Si-Epitaxial PlanarTransistors
logo
Micro Commercial Compon...
BC328-16 MCC-BC328-16 Datasheet
341Kb / 3P
   PNP Plastic-Encapsulate Transistors
BC328-16 MCC-BC328-16 Datasheet
390Kb / 3P
   PNP Plastic-Encapsulate Transistors
More results

Mô tả tương tự - BC328-XBK

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Diotec Semiconductor
2N4403 DIOTEC-2N4403 Datasheet
104Kb / 2P
   General Purpose Si-Epitaxial Planar Transistors
2N4401 DIOTEC-2N4401 Datasheet
102Kb / 2P
   General Purpose Si-Epitaxial Planar Transistors
BC337-XBK DIOTEC-BC337-XBK Datasheet
95Kb / 2P
   General Purpose Si-Epitaxial Planar Transistors
BC546XBK DIOTEC-BC546XBK Datasheet
87Kb / 2P
   General Purpose Si-Epitaxial Planar Transistors
2N5400 DIOTEC-2N5400 Datasheet
106Kb / 2P
   General Purpose Si-Epitaxial Planar Transistors
BC546 DIOTEC-BC546_07 Datasheet
100Kb / 2P
   General Purpose Si-Epitaxial Planar Transistors
2N5550 DIOTEC-2N5550 Datasheet
106Kb / 2P
   General Purpose Si-Epitaxial Planar Transistors
2N5172 DIOTEC-2N5172 Datasheet
105Kb / 2P
   General Purpose Si-Epitaxial Planar Transistors
BC327 DIOTEC-BC327_07 Datasheet
106Kb / 2P
   General Purpose Si-Epitaxial Planar Transistors
BC337 DIOTEC-BC337_07 Datasheet
105Kb / 2P
   General Purpose Si-Epitaxial Planar Transistors
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com