công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
1N5361B bảng dữ liệu(PDF) 1 Page - Diotec Semiconductor |
|
1N5361B bảng dữ liệu(HTML) 1 Page - Diotec Semiconductor |
1 / 2 page 1N5345B ... 1N5388B (5 W) 1N5345B ... 1N5388B (5 W) Silicon-Power-Zener Diodes (non-planar technology) Silizium-Leistungs-Zener-Dioden (flächendiffundierte Dioden) Version 2011-02-10 Dimensions - Maße [mm] Maximum power dissipation Maximale Verlustleistung 5 W Nominal Z-voltage Nominale Z-Spannung 8.7...200 V Plastic case Kunststoffgehäuse ~ DO-201 Weight approx. Gewicht ca. 0.8 g Plastic material has UL classification 94V-0 Gehäusematerial UL94V-0 klassifiziert Standard packaging taped in ammo pack Standard Lieferform gegurtet in Ammo-Pack Standard Zener voltage tolerance is ±5%). Other voltage tolerances and higher Zener voltages on request. Die Toleranz der Zener-Spannung ist in der Standard-Ausführung ±5%. Andere Toleranzen oder höhere Arbeitsspannungen auf Anfrage. Maximum ratings and Characteristics Grenz- und Kennwerte Power dissipation Verlustleistung TA = 25°C Ptot 5 W 1) Non repetitive peak power dissipation, t < 10 ms Einmalige Impuls-Verlustleistung, t < 10 ms TA = 25°C PZSM 80 W Operating junction temperature – Sperrschichttemperatur Storage temperature – Lagerungstemperatur Tj TS -50...+150°C -50...+175°C Thermal resistance junction to ambient air Wärmewiderstand Sperrschicht – umgebende Luft RthA < 25 K/W 1) Thermal resistance junction to terminal Wärmewiderstand Sperrschicht – Anschluss RthL <8 K/W Zener voltages see table on next page – Zener-Spannungen siehe Tabelle auf der nächsten Seite 2 1 Valid, if leads are kept at ambient temperature at a distance of 10 mm from case Gültig, wenn die Anschlussdrähte in 10 mm Abstand vom Gehäuse auf Umgebungstemperatur gehalten werden 2 Tested with pulses – Gemessen mit Impulsen © Diotec Semiconductor AG http://www.diotec.com/ 1 Ø 1.2±0.05 Ø 4.5+0.1 -0.3 |
Số phần tương tự - 1N5361B |
|
Mô tả tương tự - 1N5361B |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |