công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL23418TFRUZ-T7A bảng dữ liệu(PDF) 1 Page - Intersil Corporation

tên linh kiện ISL23418TFRUZ-T7A
Giải thích chi tiết về linh kiện  Single, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL23418TFRUZ-T7A bảng dữ liệu(HTML) 1 Page - Intersil Corporation

  ISL23418TFRUZ-T7A Datasheet HTML 1Page - Intersil Corporation ISL23418TFRUZ-T7A Datasheet HTML 2Page - Intersil Corporation ISL23418TFRUZ-T7A Datasheet HTML 3Page - Intersil Corporation ISL23418TFRUZ-T7A Datasheet HTML 4Page - Intersil Corporation ISL23418TFRUZ-T7A Datasheet HTML 5Page - Intersil Corporation ISL23418TFRUZ-T7A Datasheet HTML 6Page - Intersil Corporation ISL23418TFRUZ-T7A Datasheet HTML 7Page - Intersil Corporation ISL23418TFRUZ-T7A Datasheet HTML 8Page - Intersil Corporation ISL23418TFRUZ-T7A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
Single, 128-Tap, Low Voltage Digitally Controlled
Potentiometer (XDCP™)
ISL23418
The ISL23418 is a volatile, low voltage, low noise, low power,
SPI™ bus, 128 taps, single digitally controlled potentiometer
(DCP), which integrates DCP core, wiper switches, and control
logic on a monolithic CMOS integrated circuit.
The digitally controlled potentiometer is implemented with a
combination of resistor elements and CMOS switches. The
position of the wiper is controlled by the user through the SPI
bus interface. The potentiometer has an associated volatile
Wiper Register (WR) that can be directly written to and read by
the user. The contents of the WR controls the position of the
wiper. When powered on, the ISL23418 wiper always
commences at mid-scale (64-tap position).
The low voltage, low power consumption, and small package
size of the ISL23418 make it an ideal choice for use in battery
operated equipment. The ISL23418 has a VLOGIC pin allowing
down to 1.2V bus operation, independent from the VCC value.
This allows for low logic levels to be connected directly to the
ISL23418 without passing through a voltage level shifter.
The DCP can be used as a three-terminal potentiometer or as a
two-terminal variable resistor in a wide variety of applications
including control, parameter adjustments, and signal
processing.
Related Literature
•See ISL23415, “Single, Low Voltage Digitally Controlled
Potentiometer (XDCP™)”
Features
• 128 Resistor Taps
• SPI Serial Interface
- No Additional Level Translator for Low Bus Supply
- Daisy Chaining of Multiple DCP
• Wiper Resistance: 70
Ω Typical @ VCC = 3.3V
• Shutdown Mode: Forces DCP into End-to-end Open Circuit;
RW Shorted to RL Internally
• Power-on Preset to Mid-scale (64-tap Position)
• Shutdown and Standby Current <2.8µA Max
• Power Supply
-VCC = 1.7V to 5.5V Analog Power Supply
-VLOGIC = 1.2V to 5.5V SPI Bus/Logic Power Supply
• DCP Terminal Voltage from 0V to VCC
•10k
Ω, 50kΩ or 100kΩ Total Resistance
• Extended Industrial Temperature Range: -40°C to +125°C
• 10 Ld MSOP or 10 Ld µTQFN Packages
• Pb-free (RoHS compliant)
Applications
• Power Supply Margining
• RF Power Amplifier Bias Compensation
• LCD Bias Compensation
• Gain Adjustment in Battery Powered Instruments
• Portable Medical Equipment Calibration
FIGURE 1. FORWARD AND BACKWARD RESISTANCE vs TAP
POSITION, 10k
FIGURE 2. VREF ADJUSTMENT
0
2000
4000
6000
8000
10000
0
25
50
75
100
125
TAP POSITION (DECIMAL)
VREF_M
ISL28114
ISL23418
+
-
VREF
RL1
RW1
RH1
August 3, 2011
FN7901.0
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
|Copyright Intersil Americas Inc. 2011. All Rights Reserved
XDCP is a trademark of Intersil Americas Inc. Intersil (and design) is a trademark owned by Intersil Corporation
or one of its subsidiaries .All other trademarks mentioned are the property of their respective owners.


Số phần tương tự - ISL23418TFRUZ-T7A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
ISL23418TFRUZ-T7A RENESAS-ISL23418TFRUZ-T7A Datasheet
1Mb / 20P
   Single, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
More results

Mô tả tương tự - ISL23418TFRUZ-T7A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
ISL23418 RENESAS-ISL23418 Datasheet
1Mb / 20P
   Single, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL90726 RENESAS-ISL90726 Datasheet
441Kb / 8P
   Single Volatile 128-Tap XDCP??Digitally Controlled Potentiometer (XDCP)
ISL90727 RENESAS-ISL90727 Datasheet
436Kb / 8P
   Single Volatile 128-Tap XDCP??Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
ISL23348 INTERSIL-ISL23348 Datasheet
865Kb / 19P
   Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23428 INTERSIL-ISL23428 Datasheet
645Kb / 21P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23328TFVZ INTERSIL-ISL23328TFVZ Datasheet
693Kb / 20P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
September 29, 2015
ISL23428TFVZ INTERSIL-ISL23428TFVZ Datasheet
702Kb / 21P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
September 23, 2015
logo
Renesas Technology Corp
ISL23328 RENESAS-ISL23328 Datasheet
1Mb / 20P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23428 RENESAS-ISL23428 Datasheet
1Mb / 21P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL23328 INTERSIL-ISL23328 Datasheet
779Kb / 20P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com