công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL23448 bảng dữ liệu(PDF) 1 Page - Intersil Corporation

tên linh kiện ISL23448
Giải thích chi tiết về linh kiện  Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL23448 bảng dữ liệu(HTML) 1 Page - Intersil Corporation

  ISL23448 Datasheet HTML 1Page - Intersil Corporation ISL23448 Datasheet HTML 2Page - Intersil Corporation ISL23448 Datasheet HTML 3Page - Intersil Corporation ISL23448 Datasheet HTML 4Page - Intersil Corporation ISL23448 Datasheet HTML 5Page - Intersil Corporation ISL23448 Datasheet HTML 6Page - Intersil Corporation ISL23448 Datasheet HTML 7Page - Intersil Corporation ISL23448 Datasheet HTML 8Page - Intersil Corporation ISL23448 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
|Copyright Intersil Americas Inc. 2011. All Rights Reserved
Intersil (and design) and XDCP are trademarks owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners
Quad, 128 Tap, Low Voltage Digitally Controlled
Potentiometer (XDCP™)
ISL23448
The ISL23448 is a volatile, low voltage, low noise, low power,
128 tap, quad digitally controlled potentiometer (DCP) with an
SPI Bus™ interface. It integrates four DCP cores, wiper
switches and control logic on a monolithic CMOS integrated
circuit.
Each digitally controlled potentiometer is implemented with a
combination of resistor elements and CMOS switches. The
position of the wipers are controlled by the user through the
SPI bus interface. Each potentiometer has an associated
volatile Wiper Register (WRi, i = 0, 1, 2, 3) that can be directly
written to and read by the user. The contents of the WRi
controls the position of the wiper. When powered on, the wiper
of each DCP will always commence at mid-scale (64 tap
position).
The low voltage, low power consumption, and small package
of the ISL23448 make it an ideal choice for use in battery
operated equipment. In addition, the ISL23448 has a VLOGIC
pin allowing down to 1.2V bus operation, independent from the
VCC value. This allows for low logic levels to be connected
directly to the ISL23448 without passing through a voltage
level shifter.
The DCP can be used as a three-terminal potentiometer or as a
two-terminal variable resistor in a wide variety of applications
including control, parameter adjustments, and signal processing.
Applications
• Power supply margining
• Trimming sensor circuits
• Gain adjustment in battery powered instruments
• RF power amplifier bias compensation
Features
• Four potentiometers per package
•128 resistor taps
•10kΩ
, 50kΩ or 100kΩ total resistance
• SPI serial interface
- No additional level translator for low bus supply
- Daisy Chaining of multiple DCPs
•Power supply
-VCC = 1.7V to 5.5V analog power supply
-VLOGIC = 1.2V to 5.5V SPI bus/logic power supply
• Maximum supply current without serial bus activity
(standby)
- 5µA @ VCC and VLOGIC = 5V
- 2µA @ VCC and VLOGIC = 1.7V
•Shutdown Mode
- Forces the DCP into an end-to-end open circuit and RWi is
connected to RLi internally
- Reduces power consumption by disconnecting the DCP
resistor from the circuit
• Wiper resistance: 70Ω typical @ VCC = 3.3V
• Power-on preset to mid-scale (64 tap position)
• Extended industrial temperature range: -40°C to +125°C
• 20 Ld TSSOP or 20 Ld QFN packages
• Pb-free (RoHS compliant)
FIGURE 1. FORWARD AND BACKWARD RESISTANCE vs TAP
POSITION, 10kΩ DCP
FIGURE 2. VREF ADJUSTMENT
0
2000
4000
6000
8000
10000
032
64
96
128
TAP POSITION (DECIMAL)
VREF_M
ISL28114
1 DCP
OF
ISL23448
+
-
VREF
RL1
RW1
RH1
August 19, 2011
FN7905.0


Số phần tương tự - ISL23448

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL23448 INTERSIL-ISL23448 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL23448 INTERSIL-ISL23448 Datasheet
4Mb / 20P
   Intersil?셲 Solutions for Industrial Process Control
logo
Renesas Technology Corp
ISL23448 RENESAS-ISL23448 Datasheet
1Mb / 21P
   Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP™)
August 19, 2011
ISL23448TFRZ RENESAS-ISL23448TFRZ Datasheet
1Mb / 21P
   Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP™)
August 19, 2011
ISL23448TFVZ RENESAS-ISL23448TFVZ Datasheet
1Mb / 21P
   Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP™)
August 19, 2011
More results

Mô tả tương tự - ISL23448

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL23348 INTERSIL-ISL23348 Datasheet
865Kb / 19P
   Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
ISL23348 RENESAS-ISL23348 Datasheet
1Mb / 19P
   Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP™)
August 24, 2011
ISL23448 RENESAS-ISL23448 Datasheet
1Mb / 21P
   Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP™)
August 19, 2011
ISL23418 RENESAS-ISL23418 Datasheet
1Mb / 20P
   Single, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL23418 INTERSIL-ISL23418 Datasheet
927Kb / 20P
   Single, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23428 INTERSIL-ISL23428 Datasheet
645Kb / 21P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23328TFVZ INTERSIL-ISL23328TFVZ Datasheet
693Kb / 20P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
September 29, 2015
ISL23428TFVZ INTERSIL-ISL23428TFVZ Datasheet
702Kb / 21P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
September 23, 2015
logo
Renesas Technology Corp
ISL23328 RENESAS-ISL23328 Datasheet
1Mb / 20P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23428 RENESAS-ISL23428 Datasheet
1Mb / 21P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com