công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM1L-0515DH30-FZ bảng dữ liệu(PDF) 3 Page - AIMTEC |
|
AM1L-0515DH30-FZ bảng dữ liệu(HTML) 3 Page - AIMTEC |
3 / 4 page Series AM1L-FZ 1 Watt | DC-DC Converter www.aimtec.com Tel: +1 514 620 2722 Toll free: + 1 888 9 AIMTEC (924 6832) F 051e R12.A 3 of 4 North America only Output Specifications Parameters Conditions Typical Maximum Units Voltage accuracy Nominal input 1 3 % Voltage balance (Dual Output Models) Balanced Load ±1 % Cross Regulation (Dual Output Models) 25% load on one output - 100% load on second load 5 % Short Circuit protection Max 1 second Line voltage regulation Per 1% of Vin Change 1.2 % Load voltage regulation (Single) Output current change from 20% to 100% max load 8 12 % Load voltage regulation (Dual) Output current change from 20% to 100% max load 9 12 % Temperature coefficient Nominal Input ±0.01 ±0.02 %/oC Ripple & Noise 20MHz Bandwidth 100 mV p-p General Specifications Parameters Conditions Typical Maximum Units Switching frequency 100% load 100(Min 70KHz) 150 KHz Operating temperature -40 to +85 oC Storage temperature -55 to +125 oC Maximum case temperature 100 oC Derating No derating up to +85 oC Cooling Free Air Convection Humidity 90 % RH Case material Plastic (UL94-V0) Weight 1.6/2.1 g Dimensions (L x W x H) 1KVdc isolation single output models :0.50 x 0.44 x 0.29 inches 12.80 x 11.20 x 7.40 mm All other models :0.60 x 0.44 x 0.29 inches 15.20 x 11.20 x 7.40 mm MTBF 3000k hours Maximum soldering temperature 300 (1.5mm from case for 10 seconds) oC Pin Out Specifications Block Diagrams Pin 1000VDC Single 1 -V Input 2 +V Input 3 No Pin 4 -V Output 5 +V Output 6 No Pin 7 No Pin 8 N.C Pin 1000VDC 3000VDC Dual Single Dual 1 -V Input -V Input -V Input 2 +V Input +V Input +V Input 3 No Pin No Pin No Pin 4 Common -V Output Common 5 -V Output N.C. -V Output 6 No Pin No Pin No Pin 7 +V Output +V Output +V Output 8 No Pin No Pin No Pin 9 No Pin No Pin No Pin 10 N.C. N.C. N.C. |
Số phần tương tự - AM1L-0515DH30-FZ |
|
Mô tả tương tự - AM1L-0515DH30-FZ |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |