công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SS14 bảng dữ liệu(PDF) 1 Page - Micro Commercial Components |
|
SS14 bảng dữ liệu(HTML) 1 Page - Micro Commercial Components |
1 / 3 page SS12 THRU SS110 1 Amp Schottky Rectifier 20 to 100 Volts Features • Low Forward Voltage • Guard Ring Protection • High Current Capability Maximum Ratings • Operating Temperature: -55 °C to +125°C • Storage Temperature: -55 °C to +150°C • Maximum Thermal Resistance; 28 °C/W Junction To Lead MCC Catalog Number Device Marking Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage SS12 SS12 20V 14V 20V SS13 SS13 30V 21V 30V SS14 SS14 40V 28V 40V SS15 SS15 50V 35V 50V SS16 SS16 60V 42V 60V SS18 SS18 80V 56V 80V SS110 SS110 100V 70V 100V Electrical Characteristics @ 25 °C Unless Otherwise Specified Average Forward Current IF(AV) 1.0A TJ = 100 °C Peak Forward Surge Current IFSM 30A 8.3ms, half sine Maximum Instantaneous Forward Voltage SS12 SS13 SS14 SS15-16 SS18-110 VF .45V .55V .60V .70V .85V IFM = 1.0A; TJ = 25 °C* Typical Junction Capacitance SS12 - SS16 SS18-SS110 CJ 110pF 30pF Measured at 1.0MHz, VR=4.0V *Pulse test: Pulse width 300 µsec, Duty cycle 2% Maximum DC Reverse Current At Rated DC Blocking Voltage IR 0.5mA 20mA TA = 25 °C TA = 100 °C H J E F G A B D C Cathode Band 0.070” 0.090” 0.085” SUGGESTED SOLDER PAD LAYOUT DIMENSIONS INCHES MM DIM MIN MAX MIN MAX NOTE A .078 .116 1.98 2.95 B .067 .089 1.70 2.25 C .002 .008 .05 .20 D --- .02 --- .51 E .035 .055 .89 1.40 F .065 .096 1.65 2.45 G .205 .224 5.21 5.69 H .160 .180 4.06 4.57 J .100 .112 2.57 2.84 DO-214AC (SMA) (High Profile) omponents 20736 Marilla Street Chatsworth !"# $% !"# MCC TM Micro Commercial Components www.mccsemi.com 1 of 3 • Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates Compliant. See ordering information) Note: 1. High Temperature Solder Exemptions Applied, see EU Directive Annex 7. Revision: B 20 11/11/01 • Epoxy meets UL 94 V-0 flammability rating • Moisture Sensitivity Level 1 NOT RECOMMENDED FOR NEW DESIGNS USE SS12E-TP~SS110E-TP SERIES |
Số phần tương tự - SS14 |
|
Mô tả tương tự - SS14 |