công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NBXSBA021 bảng dữ liệu(PDF) 2 Page - ON Semiconductor

tên linh kiện NBXSBA021
Giải thích chi tiết về linh kiện  3.3 V, 266.667 MHz LVPECL Clock Oscillator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBXSBA021 bảng dữ liệu(HTML) 2 Page - ON Semiconductor

  NBXSBA021 Datasheet HTML 1Page - ON Semiconductor NBXSBA021 Datasheet HTML 2Page - ON Semiconductor NBXSBA021 Datasheet HTML 3Page - ON Semiconductor NBXSBA021 Datasheet HTML 4Page - ON Semiconductor NBXSBA021 Datasheet HTML 5Page - ON Semiconductor NBXSBA021 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NBXSBA021, NBXSBB021
http://onsemi.com
2
NC
OE
GND
CLK
VDD
CLK
1
2
3
6
5
4
Figure 2. Pin Connections (Top View)
Table 1. PIN DESCRIPTION
Pin No.
Symbol
I/O
Description
1
OE
LVTTL/LVCMOS
Control Input
Output Enable Pin. When left floating pin defaults to logic HIGH and output is active.
See OE pin description Table 2.
2
NC
N/A
No Connect.
3
GND
Power Supply
Ground 0 V.
4
CLK
LVPECL Output
Non−Inverted Clock Output. Typically loaded with 50 W receiver termination resistor to
VTT = VDD − 2 V.
5
CLK
LVPECL Output
Inverted Clock Output. Typically loaded with 50 W receiver termination resistor to
VTT = VDD − 2 V.
6
VDD
Power Supply
Positive power supply voltage. Voltage should not exceed 3.3 V ±10%.
Table 2. OUTPUT ENABLE TRI−STATE FUNCTION
OE Pin
Output Pins
Open
Active
HIGH Level
Active
LOW Level
High Z
Table 3. ATTRIBUTES
Characteristic
Value
Internal Default State Resistor
170 kW
ESD Protection
Human Body Model
Machine Model
2 kV
200 V
Meets or Exceeds JEDEC Standard EIA/JESD78 IC Latchup Test
1. For additional Moisture Sensitivity information, refer to Application Note AND8003/D.
Table 4. MAXIMUM RATINGS
Symbol
Parameter
Condition 1
Condition 2
Rating
Units
VDD
Positive Power Supply
GND = 0 V
4.6
V
Iout
LVPECL Output Current
Continuous
Surge
25
50
mA
TA
Operating Temperature Range
−40 to +85
°C
Tstg
Storage Temperature Range
−55 to +120
°C
Tsol
Wave Solder
See Figure 5
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.


Số phần tương tự - NBXSBA021

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
NBXSBA021 ONSEMI-NBXSBA021 Datasheet
100Kb / 6P
   Clock Oscillator
May, 2008 - Rev. 1
NBXSBA021LN1TAG ONSEMI-NBXSBA021LN1TAG Datasheet
100Kb / 6P
   Clock Oscillator
May, 2008 - Rev. 1
More results

Mô tả tương tự - NBXSBA021

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
NBXSBA008_0910 ONSEMI-NBXSBA008_0910 Datasheet
161Kb / 6P
   3.3 V, 161.1328 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 2
NBXSBB023 ONSEMI-NBXSBB023 Datasheet
160Kb / 6P
   3.3 V, 400 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 2
NBXSBB020 ONSEMI-NBXSBB020 Datasheet
129Kb / 7P
   3.3 V, 280 MHz LVPECL Clock Oscillator
February, 2010 ??Rev. 5
NBXSBB022 ONSEMI-NBXSBB022 Datasheet
160Kb / 6P
   3.3 V, 187.5 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 2
NBXDBB017_0910 ONSEMI-NBXDBB017_0910 Datasheet
146Kb / 8P
   3.3 V, 156.25 MHz / 312.5MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 3
NBXDBB018_0910 ONSEMI-NBXDBB018_0910 Datasheet
136Kb / 7P
   3.3 V, 155.52 MHz / 311.04MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 3
NBXSBA045 ONSEMI-NBXSBA045 Datasheet
125Kb / 6P
   2.5/3.3 V, 345.00 MHz LVPECL Clock Oscillator
March, 2010 ??Rev. 0
NBXDBA019 ONSEMI-NBXDBA019_10 Datasheet
136Kb / 6P
   3.3 V, 125 MHz / 250 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 3
NBXDBA014LNHTAG ONSEMI-NBXDBA014LNHTAG Datasheet
114Kb / 6P
   3.3 V, 62.5 MHz 125 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 4
NBXDBA012 ONSEMI-NBXDBA012 Datasheet
152Kb / 6P
   3.3 V, 106.25 MHz 212.5 MHz LVPECL Clock Oscillator
August, 2007 - Rev. 0
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com