công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NBXDBB018_0910 bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện NBXDBB018_0910
Giải thích chi tiết về linh kiện  3.3 V, 155.52 MHz / 311.04MHz LVPECL Clock Oscillator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBXDBB018_0910 bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  NBXDBB018_0910 Datasheet HTML 1Page - ON Semiconductor NBXDBB018_0910 Datasheet HTML 2Page - ON Semiconductor NBXDBB018_0910 Datasheet HTML 3Page - ON Semiconductor NBXDBB018_0910 Datasheet HTML 4Page - ON Semiconductor NBXDBB018_0910 Datasheet HTML 5Page - ON Semiconductor NBXDBB018_0910 Datasheet HTML 6Page - ON Semiconductor NBXDBB018_0910 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2009
October, 2009 − Rev. 3
1
Publication Order Number:
NBXDBB018/D
NBXDBB018, NBXDBA018
3.3 V, 155.52 MHz /
311.04MHz LVPECL Clock
Oscillator
The NBXDBB018 dual frequency crystal oscillator (XO) is
designed to meet today’s requirements for 3.3 V LVPECL clock
generation applications. The device uses a high Q fundamental crystal
and Phase Lock Loop (PLL) multiplier to provide selectable 155.52
MHz or 311.04 MHz, ultra low jitter and phase noise LVPECL
differential output.
This device is a member of ON Semiconductor’s PureEdge
t clock
family that provides accurate and precision clock solutions.
Available in 5 mm x 7 mm SMD (CLCC) package on 16 mm tape
and reel in quantities of 1000. Frequency stability options available as
either 50 PPM NBXDBA018 (Industrial Temperature Range) or
20 PPM NBXDBB018 (Commercial Temperature Range).
Features
LVPECL Differential Output
Uses High Q Fundamental Mode Crystal and PLL Multiplier
Ultra Low Jitter and Phase Noise − 0.4 ps (12 kHz − 20 MHz)
Selectable Output Frequency − 155.52 MHz (default) / 311.04 MHz
Hermetically Sealed Ceramic SMD Package
RoHS Compliant
Operating Range 3.3 V ±10%
Total Frequency Stability − ±20 PPM or ±50 PPM
This is a Pb−Free Device
Applications
Networking
SONET
SDH
Figure 1. Simplified Logic Diagram
PLL
Clock
Multiplier
Crystal
GND
FSEL
OE
CLK CLK
VDD
65
4
12
3
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
NBXDBB018LN1TAG
CLCC−6
(Pb−Free)
1000/
Tape & Reel
MARKING DIAGRAM
NBXDBA018 = NBXDBA018 (±50 PPM)
NBXDBB018 = NBXDBB018 (±20 PPM)
155.52/311.04 = Output Frequency (MHz)
AA
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G
= Pb−Free Package
6 PIN CLCC
LN SUFFIX
CASE 848AB
NBXDBB018
155.52/311.04
AAWLYYWWG
NBXDBA018LN1TAG
CLCC−6
(Pb−Free)
1000/
Tape & Reel
NBXDBA018
155.52/311.04
AAWLYYWWG
NBXDBB018LNHTAG CLCC−6
(Pb−Free)
100/
Tape & Reel
NBXDBA018LNHTAG CLCC−6
(Pb−Free)
100/
Tape & Reel


Số phần tương tự - NBXDBB018_0910

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
NBXDBB018LN1TAG ONSEMI-NBXDBB018LN1TAG Datasheet
128Kb / 7P
   Clock Oscillator
March, 2009 ??Rev. 2
NBXDBB018LNHTAG ONSEMI-NBXDBB018LNHTAG Datasheet
128Kb / 7P
   Clock Oscillator
March, 2009 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com