công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADM706 bảng dữ liệu(PDF) 5 Page - Analog Devices

tên linh kiện ADM706
Giải thích chi tiết về linh kiện  Supervisory Circuits
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADM706 bảng dữ liệu(HTML) 5 Page - Analog Devices

  ADM706 Datasheet HTML 1Page - Analog Devices ADM706 Datasheet HTML 2Page - Analog Devices ADM706 Datasheet HTML 3Page - Analog Devices ADM706 Datasheet HTML 4Page - Analog Devices ADM706 Datasheet HTML 5Page - Analog Devices ADM706 Datasheet HTML 6Page - Analog Devices ADM706 Datasheet HTML 7Page - Analog Devices ADM706 Datasheet HTML 8Page - Analog Devices ADM706 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ADM705/ADM706/ADM707/ADM708
Rev. G | Page 5 of 12
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
RESET
ADM705/
ADM706
TOP VIEW
(Not to Scale)
1
2
3
4
5
8
7
6
MR
PFO
WDI
WDO
VCC
GND
PFI
Figure 3. ADM705/ADM706 PDIP/SOIC
Pin Configuration
RESET
ADM707/
ADM708
TOP VIEW
(Not to Scale)
1
2
3
4
5
8
7
6
MR
PFO
NC
VCC
GND
PFI
NC = NO CONNECT
RESET
Figure 4. ADM707/ADM708 PDIP/SOIC
Pin Configuration
PFO
ADM708
TOP VIEW
(Not to Scale)
1
2
3
4
5
8
7
6
RESET
GND
PFI
NC
RESET
MR
VCC
NC = NO CONNECT
Figure 5. ADM708 MSOP
Pin Configuration
Table 3. Pin Function Descriptions
Mnemonic
Pin Number
Description
ADM705/
ADM706
(PDIP, SOIC)
ADM707/
ADM708
(PDIP, SOIC)
ADM708
(MSOP)
MR
1
1
3
Manual Reset Input. When this pin is taken below 0.8 V, a reset is generated.
MR can be driven from TTL, CMOS logic, or from a manual reset switch as it is
internally debounced. An internal 250 μA pull-up current holds the input high
when floating.
VCC
2
2
4
5 V Power Supply Input.
GND
3
3
5
0 V Ground Reference for All Signals.
PFI
4
4
6
Power-Fail Input. PFI is the noninverting input to the power-fail comparator.
When PFI is less than 1.25 V, PFO goes low. If unused, PFI should be connected
to GND or VCC.
PFO
5
5
7
Power-Fail Output. PFO is the output from the power-fail comparator. It goes
low when PFI is less than 1.25 V.
WDI
6
N/A
N/A
Watchdog Input. WDI is a three-level input. If WDI remains either high or low
for longer than the watchdog timeout period, the watchdog output (WDO)
goes low. The timer resets with each transition at the WDI input. Either a high-
to-low or a low-to-high transition clears the counter. The internal timer is also
cleared whenever reset is asserted. The watchdog timer is disabled when WDI
is left floating or connected to a three-state buffer.
NC
N/A
6
8
No Connect.
RESET
7
7
1
Logic Output. RESET goes low for 200 ms when triggered. It can be trig-
gered either by VCC being below the reset threshold or by a low signal on the
manual reset input (MR). RESET remains low whenever VCC is below the reset
threshold (4.65 V in ADM705/ADM707, 4.40 V in ADM706/ADM708). It remains
low for 200 ms after VCC goes above the reset threshold or MR goes from low to
high. A watchdog timeout does not trigger RESET unless WDO is connected to MR.
WDO
8
N/A
N/A
Watchdog Output. WDO remains low until the watchdog timer is cleared. WDO
also goes low during low line conditions. Whenever VCC is below the reset
threshold, WDO goes low if the internal WDO remains low. As soon as VCC goes
above the reset threshold, WDO goes high.
RESET
N/A
8
2
Logic Output. RESET is an active high output suitable for systems that use
active high reset logic. It is the inverse of RESET.


Số phần tương tự - ADM706

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADM706 AD-ADM706 Datasheet
143Kb / 8P
   Low Cost uP Supervisory Circuits
REV. B
ADM706 AD-ADM706 Datasheet
129Kb / 8P
   3 V, Voltage Monitoring uP Supervisory Circuits
REV. A
ADM706 AD-ADM706 Datasheet
338Kb / 12P
   Low Cost Microprocessor Supervisory Circuits
Rev. G
ADM706 AD-ADM706 Datasheet
410Kb / 12P
   Low Cost Microprocessor Supervisory Circuits
Rev. H
ADM706AN AD-ADM706AN Datasheet
143Kb / 8P
   Low Cost uP Supervisory Circuits
REV. B
More results

Mô tả tương tự - ADM706

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
CAT1163WI28 ONSEMI-CAT1163WI28 Datasheet
143Kb / 12P
   Supervisory Circuits with Supervisory Circuits with
November, 2011 ??Rev. 10
logo
Micrel Semiconductor
MIC705 MICREL-MIC705 Datasheet
177Kb / 8P
   Supervisory Circuits
logo
ON Semiconductor
N84C163 ONSEMI-N84C163_18 Datasheet
212Kb / 13P
   Supervisory Circuits
May, 2018 ??Rev. 1
N84C161 ONSEMI-N84C161_18 Datasheet
212Kb / 13P
   Supervisory Circuits
May, 2018 ??Rev. 1
CAT1024 ONSEMI-CAT1024_18 Datasheet
404Kb / 23P
   Supervisory Circuits
May, 2018 ??Rev. 21
logo
Linear Technology
LTC690 LINER-LTC690 Datasheet
141Kb / 16P
   Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690 MAXIM-MAX690 Datasheet
626Kb / 16P
   Microprocessor Supervisory Circuits
Rev 2; 4/95
MAX690A MAXIM-MAX690A Datasheet
98Kb / 12P
   Microprocessor Supervisory Circuits
Rev 3; 9/93
logo
Analog Devices
ADM690A AD-ADM690A Datasheet
327Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM8690ADM8695 AD-ADM8690ADM8695 Datasheet
183Kb / 16P
   Microprocessor Supervisory Circuits
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com