công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADM705 bảng dữ liệu(PDF) 1 Page - Analog Devices

tên linh kiện ADM705
Giải thích chi tiết về linh kiện  Supervisory Circuits
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADM705 bảng dữ liệu(HTML) 1 Page - Analog Devices

  ADM705_08 Datasheet HTML 1Page - Analog Devices ADM705_08 Datasheet HTML 2Page - Analog Devices ADM705_08 Datasheet HTML 3Page - Analog Devices ADM705_08 Datasheet HTML 4Page - Analog Devices ADM705_08 Datasheet HTML 5Page - Analog Devices ADM705_08 Datasheet HTML 6Page - Analog Devices ADM705_08 Datasheet HTML 7Page - Analog Devices ADM705_08 Datasheet HTML 8Page - Analog Devices ADM705_08 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Low Cost Microprocessor
Supervisory Circuits
ADM705/ADM706/ADM707/ADM708
Rev. G
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008 Analog Devices, Inc. All rights reserved.
FEATURES
Guaranteed RESET valid with VCC = 1 V
190 μA quiescent current
Precision supply voltage monitor
4.65 V (ADM705/ADM707)
4.40 V (ADM706/ADM708)
200 ms reset pulse width
Debounced TTL/CMOS manual reset input (MR)
Independent watchdog timer (ADM705/ADM706)
1.60 sec timeout (ADM705/ADM706)
Active high reset output (ADM707/ADM708)
Voltage monitor for power-fail or low battery warning
Superior upgrade for MAX705 to MAX708
APPLICATIONS
Microprocessor systems
Computers
Controllers
Intelligent instruments
Critical microprocessor supply monitoring
FUNCTIONAL BLOCK DIAGRAMS
WATCHDOG
TRANSITION
DETECTOR
WATCHDOG
INPUT (WDI)
POWER-FAIL
INPUT (PFI)
POWER-FAIL
OUTPUT (PFO)
WATCHDOG
OUTPUT (WDO)
RESET
*VOLTAGE REFERENCE = 4.65V (ADM705), 4.40V (ADM706)
ADM705/
ADM706
RESET AND
WATCHDOG
TIMEBASE
RESET
GENERATOR
MR
VCC
250μA
VCC
WATCHDOG
TIMER
4.65V*
1.25V
Figure 1. ADM705/ADM706
1.25V
POWER-FAIL
INPUT (PFI)
RESET
* VOLTAGE REFERENCE = 4.65V (ADM707), 4.40V (ADM708)
ADM707/
ADM708
RESET
GENERATOR
MR
VCC
250μA
VCC
RESET
4.65V*
POWER-FAIL
OUTPUT (PFO)
Figure 2. ADM707/ADM708
GENERAL DESCRIPTION
The ADM705/ADM706/ADM707/ADM708 microprocessor
supervisory circuits are suitable for monitoring 5 V power
supplies/batteries and can also monitor microprocessor activity.
The ADM705/ADM706 provide power-supply monitoring
circuitry that generate a reset output during power-up, power-
down, and brownout conditions. The reset output remains
operational with VCC as low as 1 V. Independent watchdog
monitoring circuitry is also provided. This is activated if the
watchdog input has not been toggled within 1.60 seconds.
In addition, there is a 1.25 V threshold detector to warn of
power-failures, to detect low battery conditions, or to monitor an
additional power supply. An active low, debounced manual reset
input (MR) is also included.
The ADM705 and ADM706 are identical except for the reset
threshold monitor levels, which are 4.65 V and 4.40 V, respectively.
The ADM707 and ADM708 provide a similar functionality to
the ADM705 and ADM706 and only differ in that a watchdog
timer function is not available. Instead, an active high reset
output (RESET) is available as well as the active low reset output
(RESET). The ADM707 and ADM708 are identical except for
the reset threshold monitor levels, which are 4.65 V and 4.40 V,
respectively.
All parts are available in narrow 8-lead PDIP and 8-lead SOIC
packages.


Số phần tương tự - ADM705_08

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADM705AN AD-ADM705AN Datasheet
143Kb / 8P
   Low Cost uP Supervisory Circuits
REV. B
ADM705AN AD-ADM705AN Datasheet
338Kb / 12P
   Low Cost Microprocessor Supervisory Circuits
Rev. G
ADM705AN AD-ADM705AN Datasheet
338Kb / 12P
   Low Cost Microprocessor Supervisory Circuits
Rev. G
ADM705AN AD-ADM705AN Datasheet
410Kb / 12P
   Low Cost Microprocessor Supervisory Circuits
Rev. H
ADM705ANZ AD-ADM705ANZ Datasheet
338Kb / 12P
   Low Cost Microprocessor Supervisory Circuits
Rev. G
More results

Mô tả tương tự - ADM705_08

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
CAT1163WI28 ONSEMI-CAT1163WI28 Datasheet
143Kb / 12P
   Supervisory Circuits with Supervisory Circuits with
November, 2011 ??Rev. 10
logo
Micrel Semiconductor
MIC705 MICREL-MIC705 Datasheet
177Kb / 8P
   Supervisory Circuits
logo
ON Semiconductor
N84C163 ONSEMI-N84C163_18 Datasheet
212Kb / 13P
   Supervisory Circuits
May, 2018 ??Rev. 1
N84C161 ONSEMI-N84C161_18 Datasheet
212Kb / 13P
   Supervisory Circuits
May, 2018 ??Rev. 1
CAT1024 ONSEMI-CAT1024_18 Datasheet
404Kb / 23P
   Supervisory Circuits
May, 2018 ??Rev. 21
logo
Linear Technology
LTC690 LINER-LTC690 Datasheet
141Kb / 16P
   Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690 MAXIM-MAX690 Datasheet
626Kb / 16P
   Microprocessor Supervisory Circuits
Rev 2; 4/95
MAX690A MAXIM-MAX690A Datasheet
98Kb / 12P
   Microprocessor Supervisory Circuits
Rev 3; 9/93
logo
Analog Devices
ADM690A AD-ADM690A Datasheet
327Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM8690ADM8695 AD-ADM8690ADM8695 Datasheet
183Kb / 16P
   Microprocessor Supervisory Circuits
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com