công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS3DDR3812 bảng dữ liệu(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TS3DDR3812
Giải thích chi tiết về linh kiện  12-Channel, 1:2 MUX/DEMUX Switch for DDR3 Applications
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TS3DDR3812 bảng dữ liệu(HTML) 3 Page - Texas Instruments

  TS3DDR3812 Datasheet HTML 1Page - Texas Instruments TS3DDR3812 Datasheet HTML 2Page - Texas Instruments TS3DDR3812 Datasheet HTML 3Page - Texas Instruments TS3DDR3812 Datasheet HTML 4Page - Texas Instruments TS3DDR3812 Datasheet HTML 5Page - Texas Instruments TS3DDR3812 Datasheet HTML 6Page - Texas Instruments TS3DDR3812 Datasheet HTML 7Page - Texas Instruments TS3DDR3812 Datasheet HTML 8Page - Texas Instruments TS3DDR3812 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
TS3DDR3812
www.ti.com
SCDS314A
– FEBRUARY 2011 – REVISED MARCH 2011
TERMINAL FUNCTIONS
PIN
DESCRIPTION
NAME
NUMBER
VCC
1,17, 30
Supply Voltage
GND
ThermalPad
Ground
EN
8
Enable Input
SEL1
9
Select Input
SEL2
10
Select Input
A0, A1, A2, A3, A4, A5, A6, A7, A8, A9, A10, A11
2, 3, 4, 5, 6, 7, 11, 12, 13, 14, 15, 16
Data I/Os
B0, B1, B2, B3, B4, B5, B6, B7, B8, B9, B10, B11
41, 39, 38, 36, 34, 32, 29, 27, 25, 23, 21, 19
Data I/Os
C0, C1, C2, C3, C4, C5, C6, C7, C8, C9, C10, C11
42, 40, 37, 35, 33, 31, 28, 26, 24, 22, 20, 18
Data I/Os
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.5
4.6
V
VI/O
Analog voltage range(2)(3)(4)
A, B, C
–0.5
7
V
VIN
Digital input voltage range(2)(3)
SEL1, SEL2
–0.5
7
V
II/OK
Analog port diode current
VI/O < 0
–50
mA
IIK
Digital input clamp current
VIN < 0
–50
mA
II/O
On-state switch current(5)
A, B, C
–128
128
mA
IDD, IGND
Continuous current through VDD or GND
–100
100
mA
θJA
Package thermal impedance(6)
RUA package
31.8
°C/W
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under
"Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under
"recommended operating
conditions
" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to ground, unless otherwise specified.
(3)
The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
(4)
VI and VO are used to denote specific conditions for VI/O.
(5)
II and IO are used to denote specific conditions for II/O
(6)
The package thermal impedance is calculated in accordance with JESD 51-7.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s) :TS3DDR3812


Số phần tương tự - TS3DDR3812

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS3DDR32611 TI1-TS3DDR32611 Datasheet
815Kb / 13P
[Old version datasheet]   1A Peak Sink/Source PCDDR3 Termination Regulator with Integrated Isolation Switch and Low Power Mode Operation
TS3DDR32611 TI1-TS3DDR32611 Datasheet
279Kb / 12P
[Old version datasheet]   1A Peak Sink/Source PCDDR3 Termination Regulator with Integrated Isolation Switch and Low Power Mode Operation
TS3DDR32611ZQCR TI1-TS3DDR32611ZQCR Datasheet
815Kb / 13P
[Old version datasheet]   1A Peak Sink/Source PCDDR3 Termination Regulator with Integrated Isolation Switch and Low Power Mode Operation
TS3DDR32611 TI1-TS3DDR32611_14 Datasheet
279Kb / 12P
[Old version datasheet]   1A Peak Sink/Source PCDDR3 Termination Regulator with Integrated Isolation Switch and Low Power Mode Operation
TS3DDR32611 TI-TS3DDR32611_15 Datasheet
798Kb / 13P
[Old version datasheet]   1A Peak Sink/Source PCDDR3 Termination Regulator with Integrated Isolation Switch and Low Power Mode Operation
More results

Mô tả tương tự - TS3DDR3812

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pericom Semiconductor C...
PI5C33X257 PERICOM-PI5C33X257_05 Datasheet
428Kb / 5P
   12-Channel, 2:1 Mux/DeMux Bus Switch
PI5C3303 PERICOM-PI5C3303 Datasheet
55Kb / 3P
   2:1 Mux/Demux Bus Switch
logo
Potato Semiconductor Co...
PO3B402A POTATO-PO3B402A Datasheet
568Kb / 6P
   4-Port 2-Channel, 2:1 Mux/DeMux Switch
PO3B402A POTATO-PO3B402A_14 Datasheet
956Kb / 5P
   4-Port 2-Channel, 2:1 Mux/DeMux Switch
logo
Integrated Device Techn...
IDT74FST163214 IDT-IDT74FST163214 Datasheet
80Kb / 6P
   12-BIT 3:1 MUX/DEMUX SWITCH
logo
Unisonic Technologies
US5C3257 UTC-US5C3257 Datasheet
139Kb / 6P
   QUAD 2:1 MUX/DEMUX BUS SWITCH
logo
Pericom Semiconductor C...
PI5C3257QE PERICOM-PI5C3257QE Datasheet
694Kb / 6P
   Quad 2:1 Mux/DeMux Bus Switch
logo
Unisonic Technologies
US5C3257 UTC-US5C3257_15 Datasheet
139Kb / 6P
   QUAD 2:1 MUX/DEMUX BUS SWITCH
logo
Pericom Semiconductor C...
PI5C3303 PERICOM-PI5C3303_09 Datasheet
415Kb / 5P
   SOTiny 2:1 Mux/DeMux Bus Switch
logo
Potato Semiconductor Co...
PO3B10A POTATO-PO3B10A Datasheet
543Kb / 6P
   2-Channel, 2:1 Mux/DeMux Switch w/ Single Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com