công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS19450 bảng dữ liệu(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

tên linh kiện TS19450
Giải thích chi tiết về linh kiện  AC/DC WLED Driver with External MOSFET Universal High Brightness
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TSC [Taiwan Semiconductor Company, Ltd]
Trang chủ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19450 bảng dữ liệu(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS19450 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19450 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19450 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19450 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19450 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19450 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19450 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS19450 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TS19450
AC/DC WLED Driver with External MOSFET
Universal High Brightness
2/8
Version: A10
Electrical Specifications (TA= 25oC, VIN= 12V, unless otherwise noted)
Function Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Input
DC Input Voltage Range
VINDC
DC input voltage
8.0
--
450
V
Shut-down Mode Supply Current
IINSD
Pin PWMD to GND
--
0.5
1.0
mA
Internal Regulator
Internally Regulated Voltage
VDD
VIN=8V, IDD(EXT)=0, 500pF at
Gate, RT=226kΩ, PWMD=VDD
7.0
7.5
8.0
V
Line Regulation of VDD
∆VDDLine
VIN=8~450V, IDD(EXT)=0, 500pF at
Gate, RT=226kΩ, PWMD=VDD
0
--
1.0
V
Load Regulation of VDD
∆VDDLoad
IDD(EXT)=0~1mA, 500pF at Gate,
RT=226kΩ, PWMD=VDD
0
--
100
mV
Undervoltage Lockout Threshold
UVLO
VDD rising
6.45
6.7
6.95
V
Undervoltage Lockout Hysteresis
∆UVLO
VDD falling
--
500
--
mV
VDD current available for external
circuitry
VDD (EXT)
VIN=8V~100V
--
--
1.0
mA
Dimming
PWMD Input Low Voltage
VENL
VIN=8V~450V
--
--
1.0
V
PWMD Input High Voltage
VENH
VIN=8V~450V
2.4
--
--
V
PWMD Pull-down resistance at
PWMD
REN
VPWMD=5V
50
100
150
Linear Dimming pin voltage
VLD
VIN=12V
0
--
250
mV
Current Sense Comparator
-40ºC < TA < +85ºC
225
250
275
Current Sense Pull-in Threshold
Voltage
VCSTH
TA < +125ºC
213
250
287
mV
Offset Voltage for LD Comparator
VOFFSET
-12
--
12
mV
Current Sense Blanking Interval
TBLANK
VLD=VDD , VCS=0.55VLD
150
215
280
nS
Delay to Output
TDELAY
VIN=12V, VLD=0.15V,
VCS=0~0.22V after TBLANK
--
--
300
nS
Oscillator
RT=1MΩ
20
25
30
Oscillator Frequency
fOSC
RT=223kΩ
80
100
120
kHz
Max. Oscillator PWM Duty Cycle
DMAX
F=25kHz at Gate, CS to GND
--
--
100
%
Gate Driver
Gate Sourcing Current
ISOURCE
VGATE=0V, VDD=7.5V
165
--
--
mA
Gate Sinking Current
ISINK
VGATE=VDD, VDD=7.5V
165
--
--
mA
Gate high output voltage
VGATE(HI)
IOUT=-10mA
VDD-
0.3
--
VDD
V
Gate low output voltage
VGATE(LO)
IOUT=10mA
0
--
0.3
V
Gate output Rise Time
TRISE
CGATE=500pF, 10%~90% VGATE
--
30
50
nS
Gate Output Fall Time
TFALL
CGATE=500pF, 90%~10% VGATE
--
30
50
nS
Note 1: Limited by package power dissipation, whichever is lower
Note 2: VDD load current external to the TS19450
Note 3: Denotes the specifications which apply over the full operating ambient temperature range of -40ºC<TA<+125ºC


Số phần tương tự - TS19450

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Taiwan Semiconductor Co...
TS19450 TSC-TS19450 Datasheet
304Kb / 10P
   AC/DC WLED Driver with External MOSFET Universal High Brightness
TS19450CSRLG TSC-TS19450CSRLG Datasheet
304Kb / 10P
   AC/DC WLED Driver with External MOSFET Universal High Brightness
TS19450 TSC-TS19450_15 Datasheet
304Kb / 10P
   AC/DC WLED Driver with External MOSFET Universal High Brightness
More results

Mô tả tương tự - TS19450

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Taiwan Semiconductor Co...
TS19450 TSC-TS19450_15 Datasheet
304Kb / 10P
   AC/DC WLED Driver with External MOSFET Universal High Brightness
TS19460 TSC-TS19460 Datasheet
132Kb / 7P
   AC/DC WLED Driver with External MOSFET Universal High Brightness
TS19451 TSC-TS19451 Datasheet
180Kb / 7P
   AC/DC WLED Driver with Internal MOSFET Universal Switch Mode
TS19452 TSC-TS19452 Datasheet
203Kb / 7P
   AC/DC WLED Driver with Internal MOSFET
logo
AiT Semiconductor Inc.
A9910 AITSEMI-A9910 Datasheet
242Kb / 8P
   AC-DC LED DRIVER UNIVERSAL HIGH BRIGHTNESS LED DRIVER
REV1.0 - MAR 2013
logo
Taiwan Semiconductor Co...
TS19453 TSC-TS19453 Datasheet
108Kb / 7P
   AC/DC Programmable Current WLED Driver
logo
Microchip Technology
HV9910V MICROCHIP-HV9910V Datasheet
375Kb / 15P
   Universal High-Brightness LED Driver
01/27/15
logo
Taiwan Semiconductor Co...
TS19372 TSC-TS19372 Datasheet
317Kb / 6P
   Buck (Step-down) WLED Driver with External Switch
logo
Supertex, Inc
HV9910 SUTEX-HV9910_07 Datasheet
578Kb / 8P
   Universal High Brightness LED Driver
logo
Taiwan Semiconductor Co...
TS19372 TSC-TS19372_10 Datasheet
183Kb / 9P
   Buck (Step-down) WLED Driver with External Switch
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com