công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS5204CYRF bảng dữ liệu(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

tên linh kiện TS5204CYRF
Giải thích chi tiết về linh kiện  150mA Low Noise LDO Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TSC [Taiwan Semiconductor Company, Ltd]
Trang chủ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS5204CYRF bảng dữ liệu(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS5204CYRF Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS5204CYRF Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS5204CYRF Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS5204CYRF Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS5204CYRF Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS5204CYRF Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS5204CYRF Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS5204CYRF Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TS5204
150mA Low Noise LDO Voltage Regulator
2/8
Version: F11
Electrical Specification (VIN=Vo+1V, Io=100uA, COUT=1uF, Vce≥2V, TJ =25
oC, unless otherwise specified.)
Parameter
Conditions
Min
Typ
Max
Unit
Output Voltage
VIN=Vo + 1V
0.97|Vo|
VOUT
1.03|Vo|
V
VIN=Vo + 1V, Io= 120mA
0.96|Vo|
1.04|Vo|
Output Voltage Temp. Coefficient
(Note 4)
--
50
--
ppm/
oC
Line Regulation
Vo+1V
≤ V
IN
≤ 16V
--
0.1
0.5
%
Load Regulation (Note 5)
0.1mA
≤ Io ≤ 120mA
--
1
2
%
Dropout Voltage (Note 6)
Io=100uA
--
20
--
mV
Io=50mA
--
250
300
Io=120mA
--
350
400
Io=150mA (5V version)
--
450
500
Ground Pin Current (Note 7)
Io=100uA
--
110
150
uA
Io=50mA
--
500
1000
Io=120mA
--
2600
3100
Io=150mA (5V version)
--
3500
4200
Output Current Limit
VOUT=0V
--
200
--
mA
Power Supply Rejection Ratio
At f=100Hz, Io=100uA,
--
65
--
dB
Thermal Regulation (Note 8)
--
0.05
--
%/W
Output Noise
Io=50mA, COUT =2.2uF,
--
260
--
nV√Hz
Note:
1. Exceeding the absolute maximum rating may damage the device.
2. The maximum allowable power dissipation at any Ta is Pd(max) = [TJ(MAX) - Ta] + ӨJA. Exceeding the maximum
allowable power dissipation will result in excessive die temperature, and the regulator will go into thermal
shutdown.
3. The device is not guaranteed to function outside its operating rating.
4: Output voltage temperature coefficient is defined as the worst case voltage change divided by the total
temperature range.
5: Regulation is measured at constant junction temperature using low duty cycle pulse testing. Parts are tested for
load regulation in the load range from 1mA to 150mA (5V version) and 1mA to 120mA (VOUT <5V version).
Changes in output voltage due to heating effects are covered by the thermal regulation specification.
6: Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its
nominal value measured at 1V differential.
7: Ground pin current is the regulator quiescent current plus pass transistor base current. The total current drawn
from the supply is the sum of the load current plus the ground pin current.
8: Thermal regulation is defined as the change in output voltage at a time “t” after a change in power dissipation is
applied, excluding load or line regulation effects. Specifications are for a 150mA load pulse at VIN =16V for
t=10mS.


Số phần tương tự - TS5204CYRF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Taiwan Semiconductor Co...
TS5204CY TSC-TS5204CY Datasheet
141Kb / 4P
   150mA Low Noise LDO Voltage Regulator
TS5204CY TSC-TS5204CY Datasheet
141Kb / 4P
   150mA Low Noise LDO Voltage Regulator
TS5204CY TSC-TS5204CY Datasheet
190Kb / 4P
   150mA Low Noise LDO Voltage Regulator
TS5204CY TSC-TS5204CY Datasheet
264Kb / 6P
   150mA Low Noise LDO Voltage Regulator
TS5204CY1.8 TSC-TS5204CY1.8 Datasheet
141Kb / 4P
   150mA Low Noise LDO Voltage Regulator
More results

Mô tả tương tự - TS5204CYRF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Taiwan Semiconductor Co...
TS5204CQ33 TSC-TS5204CQ33 Datasheet
186Kb / 8P
   150mA Low Noise LDO Voltage Regulator
logo
Calogic, LLC
CLM5205 CALOGIC-CLM5205 Datasheet
46Kb / 3P
   150mA Low-Noise LDO Voltage Regulator
logo
Taiwan Semiconductor Co...
TS5204 TSC-TS5204_1 Datasheet
190Kb / 4P
   150mA Low Noise LDO Voltage Regulator
TS5204 TSC-TS5204_06 Datasheet
141Kb / 4P
   150mA Low Noise LDO Voltage Regulator
TS5204 TSC-TS5204_07 Datasheet
264Kb / 6P
   150mA Low Noise LDO Voltage Regulator
TS5204CQ50 TSC-TS5204CQ50 Datasheet
186Kb / 8P
   150mA Low Noise LDO Voltage Regulator
TS5204 TSC-TS5204 Datasheet
141Kb / 4P
   150mA Low Noise LDO Voltage Regulator
logo
Sipex Corporation
SPX5205 SIPEX-SPX5205_04 Datasheet
184Kb / 8P
   150mA, Low-Noise LDO Voltage Regulator
logo
Exar Corporation
SPX5205 EXAR-SPX5205 Datasheet
4Mb / 8P
   150mA, LOW-NOISE LDO VOLTAGE REGULATOR
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com