công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS5201 bảng dữ liệu(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

tên linh kiện TS5201
Giải thích chi tiết về linh kiện  200mA Low Noise LDO Voltage Regulator with Enable
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TSC [Taiwan Semiconductor Company, Ltd]
Trang chủ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS5201 bảng dữ liệu(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS5201_08 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS5201_08 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS5201_08 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS5201_08 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS5201_08 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS5201_08 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS5201_08 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TS5201
200mA Low Noise LDO
Voltage Regulator with Enable
1/7
Version: B07
SOP-8
General Description
TS5201 is an efficient linear voltage regulator with ultra low noise output, very low dropout voltage (typically 17mV at
light loads and 165mV at 200mA), and very low power consumption (600uA at 100mA), providing high output current
even when the application requires very low dropout voltage. The Chip Enable (EN) includes a CMOS or TTL
compatible input allows the output to be turned off to prolong battery life. When shutdown, power consumption drops
nearly to zero. TS5201 is included a precision voltage reference, error correction circuit, a current limited output
driver, over temperature shutdown, revered battery protection and a reference bypass pin to improve its already
excellent low-noise performance.
Features
Ultra Low Noise Output
Output Current up to 200mA
Low Dropout Voltage
Low Power Consumption
“Zero” Off-mode Current
Logic Controlled Electronic Enable
Internal Current Limit
Thermal Shutdown Protection
Typical Application Circuit
Adjustable Version: VOUT = 1.24 (R1+R2)/R2
(Adjustable output range up to 8V)
EN (pin3) may be connected directly to VIN (pin 1)
Low noise operation: CBYP =470pF, COUT >2.2uF
Basic operation: CBYP =not used, COUT >2uF
Application
Cellular Telephones
Palmtops, Notebook Computers
Battery Powered Equipment
Consumer and Personal Electronics
SMPS Post Regulator and DC to DC Modules
High-efficiency Linear Power Supplies
Portable Application
Ordering Information
Part No.
Package
Packing
TS5201CS RF
SOP-8
2.5Kpcs / 13” Reel
Absolute Maximum Rating (Note 1)
Parameter
Symbol
Value
Unit
Input Supply Voltage
VIN
-20~ +20
V
Enable Input Voltage
VCE
-20~ +20
V
Power Dissipation (Note 2)
PD
Internal limited
Thermal Resistance
ӨJA
220
oC/W
Operating Junction Temperature Range
TJ
0 ~ +125
oC
Storage Temperature Range
TSTG
-65 ~ +150
oC
Lead Soldering Temperature (260
oC)
5
S
Pin Definition:
1. Output
8. Input
2. ADJ / N/C
7. N/C
3. Ground
6. N/C
4. N/C
5. Enable
off
EN
VIN
VOUT
COUT
2.2uF
on
R1
R2


Số phần tương tự - TS5201_08

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Taiwan Semiconductor Co...
TS5201 TSC-TS5201_07 Datasheet
328Kb / 7P
   200mA Low Noise LDO Voltage Regulator with Enable
More results

Mô tả tương tự - TS5201_08

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Taiwan Semiconductor Co...
TS5201 TSC-TS5201_07 Datasheet
328Kb / 7P
   200mA Low Noise LDO Voltage Regulator with Enable
TS5201 TSC-TS5201 Datasheet
270Kb / 6P
   200mA Low Noise LDO Voltage Regulator with Enable
TS5201 TSC-TS5201_1 Datasheet
270Kb / 6P
   200mA Low Noise LDO Voltage Regulator with Enable
TS5205 TSC-TS5205 Datasheet
157Kb / 6P
   150mA Low Noise LDO Voltage Regulator with Enable
TS5215CS25 TSC-TS5215CS25 Datasheet
218Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
TS5205 TSC-TS5205_1 Datasheet
183Kb / 6P
   150mA Low Noise LDO Voltage Regulator with Enable
TS5215CS33 TSC-TS5215CS33 Datasheet
218Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
TS5215CX533 TSC-TS5215CX533 Datasheet
218Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
TS5215 TSC-TS5215_07 Datasheet
385Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
TS5215 TSC-TS5215 Datasheet
174Kb / 7P
   300mA Low Noise LDO Voltage Regulator with Enable
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com