công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BFX34 bảng dữ liệu(PDF) 1 Page - Seme LAB

tên linh kiện BFX34
Giải thích chi tiết về linh kiện  HIGH CURRENT GENERAL PURPOSE TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SEME-LAB [Seme LAB]
Trang chủ  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BFX34 bảng dữ liệu(HTML) 1 Page - Seme LAB

  BFX34 Datasheet HTML 1Page - Seme LAB BFX34 Datasheet HTML 2Page - Seme LAB BFX34 Datasheet HTML 3Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HIGH CURRENT GENERAL
PURPOSE TRANSISTOR
Semelab Limited reserves the right to change test conditions, parameter limits and package dimensions without notice.
Information furnished by Semelab is believed to be both accurate and reliable at the time of going to press. However
Semelab assumes no responsibility for any errors or omissions discovered in its use. Semelab encourages customers to
verify that datasheets are current before placing orders.
Semelab Limited
Semelab Limited
Semelab Limited
Semelab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Document Number 5569
Issue 2
Page 1 of 3
BFX34
Silicon Epitaxial NPN Transistor
High Speed, Low Saturation Switch
Hermetic TO39 Package
Screening Options Available
ABSOLUTE MAXIMUM RATINGS (T
C = 25°C unless otherwise stated)
VCBO
Collector – Base Voltage
120V
VCEO
Collector – Emitter Voltage
60V
VEBO
Emitter – Base Voltage
6V
IB
Continuous Base Current
1.0A
IC
Continuous Collector Current
2A
ICM
Peak Repetitive Collector Current
5A
PD
Total Power Dissipation at
TA = 25°C
870mW
TC = 25°C
5W
TJ
Junction Temperature Range
200°C
Tstg
Storage Temperature Range
-65 to +200°C
THERMAL PROPERTIES
Symbols
Parameters
Max.
Unit
RθJA
Thermal Resistance, Junction To Ambient
200
°C/W
RθJC
Thermal Resistance, Junction To Case
35
°C/W


Số phần tương tự - BFX34

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
BFX34 PHILIPS-BFX34 Datasheet
52Kb / 8P
   NPN switching transistor
1997 Apr 22
logo
STMicroelectronics
BFX34 STMICROELECTRONICS-BFX34 Datasheet
66Kb / 4P
   SILICON NPN TRANSISTOR
logo
Central Semiconductor C...
BFX34 CENTRAL-BFX34 Datasheet
56Kb / 1P
   Small Signal Transistors
logo
STMicroelectronics
BFX34 STMICROELECTRONICS-BFX34 Datasheet
48Kb / 4P
   SILICON NPN TRANSISTOR
logo
Seme LAB
BFX34 SEME-LAB-BFX34 Datasheet
21Kb / 2P
   HIGH CURRENT GENERAL PURPOSE TRANSISTOR
More results

Mô tả tương tự - BFX34

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Seme LAB
BFX34 SEME-LAB-BFX34 Datasheet
21Kb / 2P
   HIGH CURRENT GENERAL PURPOSE TRANSISTOR
logo
TT Electronics.
BFX34 TTELEC-BFX34 Datasheet
80Kb / 3P
   HIGH CURRENT GENERAL PURPOSE TRANSISTOR
logo
Intersil Corporation
CA3081 INTERSIL-CA3081 Datasheet
66Kb / 6P
   General Purpose High Current NPN Transistor Arrays
November 1999
logo
List of Unclassifed Man...
CA3250 ETC-CA3250 Datasheet
113Kb / 3P
   GENERAL PURPOSE HIGH CURRENT NPN TRANSISTOR ARRAYS
logo
Renesas Technology Corp
CA-3083 RENESAS-CA-3083 Datasheet
297Kb / 4P
   General Purpose High Current NPN Transistor Array
logo
Intersil Corporation
CA3081 INTERSIL-CA3081_01 Datasheet
150Kb / 6P
   General Purpose High Current NPN Transistor Arrays
CA3083 INTERSIL-CA3083 Datasheet
31Kb / 4P
   General Purpose High Current NPN Transistor Array
September 1998
CA3083 INTERSIL-CA3083_06 Datasheet
147Kb / 4P
   General Purpose High Current NPN Transistor Array
logo
NTE Electronics
NTE48 NTE-NTE48 Datasheet
21Kb / 2P
   Silicon NPN Transistor Darlington, General Purpose Amplifier, High Current
NTE929 NTE-NTE929 Datasheet
23Kb / 2P
   Integrated Circuit General Purpose, High Current, NPN Transistor Array
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com