công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS3406 bảng dữ liệu(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

tên linh kiện TS3406
Giải thích chi tiết về linh kiện  600mA / 1.5MHz Synchronous Buck Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TSC [Taiwan Semiconductor Company, Ltd]
Trang chủ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS3406 bảng dữ liệu(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS3406_08 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS3406_08 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS3406_08 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS3406_08 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS3406_08 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS3406_08 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS3406_08 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TS3406
600mA / 1.5MHz Synchronous Buck Converter
4/7
Version: B07
Function Description (Continue)
Maximum Load Current
The TS3406 will operate with input supply voltage as low as 2.5V, however, the maximum load current decreases at
lower input due to large IR drop on the main switch and synchronous rectifier. The slope compensation signal reduces
the peak inductor current as a function of the duty cycle to prevent sub-harmonic oscillations at duty cycles greater than
50%. Conversely the current limit increases as the duty cycle decreases.
Application Information
Setting the Output Voltage
Application circuit item shows the basic application circuit with TS3406 adjustable output version. The external resistor
sets the output voltage according to the following equation:
Inductor Selection
For most designs, the TS3406 operates with inductors of 1µH to 4.7µH. Low inductance values are physically smaller
but require faster switching, which results in some efficiency loss. The inductor value can be derived from the following
equation:
Where is inductor Ripple Current. Large value inductors lower ripple current and small value inductors result in high
ripple currents. Choose inductor ripple current approximately 35% of the maximum load current 600mA, ∆IL=210mA.
For output voltages above 2.0V, when light-load efficiency is important, the minimum recommended inductor is 2.2µH.
For optimum voltage-positioning load transients, choose an inductor with DC series resistance in the 50mΩ to 150mΩ
range. For higher efficiency at heavy loads (above 200mA), or minimal load regulation (but some transient overshoot),
the resistance should be kept below 100mΩ. The DC current rating of the inductor should be at least equal to the
maximum load current plus half the ripple current to prevent core saturation (600mA+105mA).
Input Capacitor Selection
The input capacitor reduces the surge current drawn from the input and switching noise from the device. The input
capacitor impedance at the switching frequency shall be less than input source impedance to prevent high frequency
switching current passing to the input. A low ESR input capacitor sized for maximum RMS current must be used.
Ceramic capacitors with X5R or X7R dielectrics are highly recommended because of their low ESR and small
temperature coefficients. A 4.7µF ceramic capacitor for most applications is sufficient.
Table 1: Resistor Select for Output Voltage Setting
VOUT
R2
R1
1.2V
300K
300K
1.5V
300K
450K
1.8V
300K
600K
2.5V
300K
950K
Table 2: Inductor Select for Output Voltage Setting (Vcc-3.6V)
VOUT
1.2V
1.5V
1.8V
2.5V
Inductor
2.2uH
2.2uH
2.2uH
2.2uH
Part Number
WE-TPC
7440430027
7440430027
7440430027
7440430022
Note: Part Type MH or M (www.we-online.com)


Số phần tương tự - TS3406_08

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Taiwan Semiconductor Co...
TS34063 TSC-TS34063 Datasheet
115Kb / 8P
   Dc to Dc Converter Controller
TS34063 TSC-TS34063 Datasheet
733Kb / 10P
   Dc to Dc Converter Controller
TS34063 TSC-TS34063 Datasheet
353Kb / 10P
   Dc to Dc Converter Controller
TS34063A TSC-TS34063A Datasheet
115Kb / 8P
   Dc to Dc Converter Controller
TS34063ACD TSC-TS34063ACD Datasheet
115Kb / 8P
   Dc to Dc Converter Controller
More results

Mô tả tương tự - TS3406_08

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Taiwan Semiconductor Co...
TS3406 TSC-TS3406 Datasheet
282Kb / 7P
   600mA / 1.5MHz Synchronous Buck Converter
logo
AMETHERM Circuit Protec...
AME5258 AMETHERM-AME5258 Datasheet
297Kb / 17P
   1.5MHz, 600mA Synchronous Buck Converter
logo
Analog Microelectronics
AME5248 AME-AME5248 Datasheet
287Kb / 21P
   1.5MHz, 600mA Synchronous Buck Converter
AME5249 AME-AME5249 Datasheet
272Kb / 21P
   1.5MHz, 600mA Synchronous Buck Converter
logo
Taiwan Semiconductor Co...
TS3406 TSC-TS3406_13 Datasheet
116Kb / 7P
   600mA / 1.5MHz Synchronous Buck Converter
logo
Analog Microelectronics
AME5249A AME-AME5249A Datasheet
301Kb / 21P
   1.5MHz, 600mA Synchronous Buck Converter
AME5248A AME-AME5248A Datasheet
274Kb / 20P
   1.5MHz, 600mA Synchronous Buck Converter
logo
Sipex Corporation
SP6659 SIPEX-SP6659 Datasheet
201Kb / 10P
   1.5MHz, 600mA Synchronous Buck Regulator
SP6659 SIPEX-SP6659_06 Datasheet
340Kb / 11P
   1.5MHz, 600mA Synchronous Buck Regulator
logo
Anpec Electronics Corop...
APW7101 ANPEC-APW7101 Datasheet
341Kb / 16P
   1.5MHz, 600mA, Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com