công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS2418 bảng dữ liệu(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

tên linh kiện TS2418
Giải thích chi tiết về linh kiện  Telephone Tone Ringer with Bridge Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TSC [Taiwan Semiconductor Company, Ltd]
Trang chủ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2418 bảng dữ liệu(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS2418_08 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2418_08 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2418_08 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2418_08 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2418_08 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TS2418
Telephone Tone Ringer with Bridge Diode
2/5
Version: B07
Absolute Maximum Rating
Parameter
Symbol
Value
Unit
Calling Voltage (f=50Hz) Continuous
VTP
120
Vrms
Calling Voltage (f=50Hz) 5 Sec ON/10 Sec OFF
VTP
200
Vrms
Supply Current
ICC
22
mA
Operating Temperature
TOP
0~+70
0C
Storage and Junction Temperature
Tstg
-65~+150
0C
Note: a. Maximum Rating are those values beyond which damage to the device may occur.
b. Functional operation should be restricted to the Recommended Operating Conditions.
Recommended Operating Conditions
Description
Symbol
Min
Max
Unit
Supply Voltage
VCC
--
26
V
Operating Temperature
TA
-20
+70
0C
Note: This device contains protection circuitry to guard against damage due to high static voltages or electric fields.
However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this
high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range GND≦(VIN or VOUT)≦
VCC. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC ). Unused output
must be left open.
Electrical Specifications (Ta = 25oC, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Supply Voltage
VCC
--
--
26
V
Current Consumption without Load
ICC
Vs = 8.8 to 26V
--
1.5
1.8
mA
Activation Voltage
VON
12.2
--
13
V
Activation Voltage Range
VONR
RA=1KΩ
8.0
--
10
V
Sustaining Voltage
VSUS
8.0
--
8.8
V
Differential Resistance in Off Condition
RD
6.4
--
--
Output Voltage Swing
VOUT
--
VCC-3
--
V
Short Circuit Current
IOUT
Vs=26V
--
35
--
mA
AC Operation
Output Frequency
fH1
fH2
fH1
fH2
VCC =26V,R1=14KΩ
VSCR =0V
VSCR =6V
--
--
2300
1700
--
--
Hz
Hz
fH1 Range
R1=27KΩ to 1.7 KΩ
0.1
--
15
KHz
Sweep Frequency
fL
R1=14KΩ,C1=100nF
--
10
--
Hz


Số phần tương tự - TS2418_08

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Taiwan Semiconductor Co...
TS2418 TSC-TS2418_07 Datasheet
268Kb / 6P
   Telephone Tone Ringer with Bridge Diode
More results

Mô tả tương tự - TS2418_08

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Wing Shing Computer Com...
WS2418 WINGS-WS2418 Datasheet
102Kb / 3P
   TELEPHONE TONE RINGER WITH BRIDGE DIODE
logo
System Logic Semiconduc...
SL2418 SLS-SL2418 Datasheet
33Kb / 3P
   Telephone Tone Ringer with Bridge Diode
logo
List of Unclassifed Man...
IL2418 ETC-IL2418 Datasheet
48Kb / 5P
   Telephone Tone Ringer with Bridge Diode
logo
Taiwan Semiconductor Co...
TS2418 TSC-TS2418 Datasheet
117Kb / 4P
   Telephone tone ringer with bridge diode
logo
Wing Shing Computer Com...
KA2418 WINGS-KA2418 Datasheet
103Kb / 3P
   TELEPHONE TONE RINGER WITH BRIDGE DIODE
logo
List of Unclassifed Man...
IN2418 ETC-IN2418 Datasheet
152Kb / 3P
   Telephone Tone Ringer with Bridge Diode
logo
Integral Corp.
IL6840 INTEGRAL-IL6840 Datasheet
297Kb / 5P
   Telephone Tone Ringer with Bridge Diode
logo
Taiwan Semiconductor Co...
TS2418 TSC-TS2418_07 Datasheet
268Kb / 6P
   Telephone Tone Ringer with Bridge Diode
logo
Motorola, Inc
MC34012-1 MOTOROLA-MC34012-1 Datasheet
21Kb / 1P
   TELEPHONE TONE RINGER
logo
Unisonic Technologies
31002A UTC-31002A_15 Datasheet
193Kb / 5P
   TELEPHONE TONE RINGER
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com