công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS1117CWRP bảng dữ liệu(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

tên linh kiện TS1117CWRP
Giải thích chi tiết về linh kiện  1A Low Dropout Positive Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TSC [Taiwan Semiconductor Company, Ltd]
Trang chủ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1117CWRP bảng dữ liệu(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS1117CWRP Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1117CWRP Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1117CWRP Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1117CWRP Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1117CWRP Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS1117CWRP Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS1117CWRP Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS1117CWRP Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TS1117
1A Low Dropout Positive Voltage Regulator
1/8
Version: C11
TO-220
TO-252
(DPAK)
TO-223
SOP-8
General Description
TS1117 are high performance positive voltage regulators are designed for use in applications requiring low
dropout performance at full rated current, Additionally, TS1117 provides excellent regulation over variations due
to changes in line, load and temperature. Outstanding features include low dropout performance at rated current,
fast transient response, internal current limiting and thermal shutdown protection of the output device. TS1117
are three terminal regulators with fixed and adjustable voltage options available in popular packages.
Features
Low Dropout Performance 1.5V max.
Fill Current Rating Over Line and Temperature
Fast Transient Response
±2% Total Output Regulation Over Line, Load
and Temperature
Adjust Pin Current max 90uA Over Temperature
Line Regulation Typical 0.015%
Load Regulation Typical 0.05%
Fixed / Adjustable Output Voltage
Ordering Information
Part No.
Package
Packing
TS1117CZxx C0
TO-220
50pcs / Tube
TS1117CPxx RO
TO-252
2.5Kpcs / 13” Reel
TS1117CWxx RP
SOT-223
2.5Kpcs / 13” Reel
TS1117CSxx RL
SOP-8
2.5Kpcs / 13” Reel
TS1117CZxx C0G
TO-220
50pcs / Tube
TS1117CPxx ROG
TO-252
2.5Kpcs / 13” Reel
TS1117CWxx RPG
SOT-223
2.5Kpcs / 13” Reel
TS1117CSxx RLG
SOP-8
2.5Kpcs / 13” Reel
Note: Where xx denotes voltage option, available are
5.0V, 3.3V, 2.5V, 1.8V and 1.2V. Leave blank for
adjustable version.
“G” denotes Halogen Free Products
Typical Application Circuit
Fixed Output Voltage Version
VOUT = VREF(1+R2/R1) + Iadj R2
Adjustable Output Voltage Version
Block Diagram
Pin Definition:
1. Fixed / Adj
2. Output (Tab)
3. Input
Pin Definition:
1. Fixed / Adj
8. N/C
2. Output
7. Output
3. Output
6. Output
4. Input
5. N/C


Số phần tương tự - TS1117CWRP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Taiwan Semiconductor Co...
TS1117CW TSC-TS1117CW Datasheet
147Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
TS1117CW-18 TSC-TS1117CW-18 Datasheet
147Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
TS1117CW-25 TSC-TS1117CW-25 Datasheet
147Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
TS1117CW-33 TSC-TS1117CW-33 Datasheet
147Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
TS1117CW-50 TSC-TS1117CW-50 Datasheet
147Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
More results

Mô tả tương tự - TS1117CWRP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Unisonic Technologies
LM2940 UTC-LM2940 Datasheet
154Kb / 11P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
LM1117-XXXJ3 CYSTEKEC-LM1117-XXXJ3 Datasheet
309Kb / 5P
   1A Low Dropout Positive Voltage Regulator
logo
Torex Semiconductor
XB1117-12 TOREX-XB1117-12 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
LM1117-1.5L3 CYSTEKEC-LM1117-1.5L3 Datasheet
391Kb / 8P
   1A Low Dropout Positive Voltage Regulator
LM1117-XXXL3 CYSTEKEC-LM1117-XXXL3 Datasheet
427Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Unisonic Technologies
LM2940 UTC-LM2940_V01 Datasheet
539Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS1117BCW12 TSC-TS1117BCW12 Datasheet
247Kb / 7P
   1A Low Dropout Positive Voltage Regulator
logo
E-Tech Electronics LTD
LM2940 ETL-LM2940 Datasheet
369Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Torex Semiconductor
XB1117 TOREX-XB1117_15 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
E-CMOS Corporation
EC50117S E-CMOS-EC50117S Datasheet
548Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Hi-Sincerity Mocroelect...
H1117E HSMC-H1117E Datasheet
44Kb / 4P
   1A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com