công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TS1085 bảng dữ liệu(PDF) 1 Page - Taiwan Semiconductor Company, Ltd |
|
TS1085 bảng dữ liệu(HTML) 1 Page - Taiwan Semiconductor Company, Ltd |
1 / 8 page TS1085 3A Low Dropout Positive Voltage Regulator 1/8 Version: B07 TO-220 TO-263 (D 2PAK) TO-252 (DPAK) General Description TS1085 are high performance positive voltage regulators are designed for use in applications requiring low dropout performance at full rated current, Additionally, TS1085 provides excellent regulation over variations due to changes in line, load and temperature. Outstanding features include low dropout performance at rated current, fast transient response, internal current limiting and thermal shutdown protection of the output device. TS1085 are three terminal regulators with fixed and adjustable voltage options available in popular packages. Ordering Information Part No. Package Packing TS1085CZxx C0 TO-220 50pcs / Tube TS1085CMxx RN TO-263 800pcs / 13” Reel TS1085CPxx RO TO-252 2.5Kpcs / 13” Reel Note: Where xx denotes voltage option, available are 5.0V, 3.3V and 2.5V. Leave blank for adjustable version. Contact factory for additional voltage options. Features ● Low Dropout Performance 1.5V max. ● Fill Current Rating Over Line and Temperature ● Fast Transient Response ● ±2% Total Output Regulation Over Line, Load and Temperature ● Adjust Pin Current max 90uA Over Temperature ● Line Regulation Typical 0.015% ● Load Regulation Typical 0.05% ● Fixed / Adjustable Output Voltage ● TO-220, TO-263 and TO-252 Package Block Diagram Typical Application Circuit Fixed Output Voltage Version VOUT = VREF(1+R2/R1) + Iadj R2 Adjustable Output Voltage Version Pin Definition: 1. Fixed / Adj 2. Output 3. Input Pin 2 connect to heat sink |
Số phần tương tự - TS1085_09 |
|
Mô tả tương tự - TS1085_09 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |