công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS317CMRN bảng dữ liệu(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

tên linh kiện TS317CMRN
Giải thích chi tiết về linh kiện  3-Terminal Adjustable Positive Voltage Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TSC [Taiwan Semiconductor Company, Ltd]
Trang chủ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS317CMRN bảng dữ liệu(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS317CMRN Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS317CMRN Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS317CMRN Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS317CMRN Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS317CMRN Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS317CMRN Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS317CMRN Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS317CMRN Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS317CMRN Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TS317
3-Terminal Adjustable Positive Voltage Regulator
1/14
Version: D07
TO-220
TO-263
(D
2PAK)
TO-252
(DPAK)
SOT-223
General Description
The TS317 is adjustable 3-terminal positive voltage regulator capable of supplying in excess of 1.5A over an output
voltage range of 1.25 V to 37 V. This voltage regulator is exceptionally easy to use and require only two external
resistors to set the output voltage. Further, it employs internal current limiting, thermal shutdown and safe area
compensation, making it essentially blow-out proof.
Features
Output Voltage Range 1.25 to 37V
Output current
- TO-220/TO-263 up to 1.5A
- TO-252/SOT-223 up to 500mA
Eliminates Stocking Many Fixed Voltages
Internal Thermal Overload Protection
Current Limit Constant with Temperature
Output transistor safe-area compensation
Output voltage offered in 4% tolerance
Floating Operation for High Voltage Applications
Standard Application Circuit
Ordering Information
Part No.
Package
Packing
TS317CZ C0
TO-220
50pcs / Tube
TS317CM RN
TO-263
800pcs / 13” Reel
TS317CP RO
TO-252
2.5Kpcs / 13” Reel
TS317CW RP
SOT-223
2.5Kpcs / 13” Reel
Cin is required if regulator is located an appreciable
distance from power supply filter.
Co is not needed for stability, however, it does improve
transient response.
Vout = 1.25 V(1 + R2 / R1 ) + IAdjR2
Since IAdj is controlled to less than 100 µA, the error
associated
with
this
term
is
negligible
in
most
applications
Absolute Maximum Rating (Ta = 25
oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Input Voltage
VIN
40
V
Power Dissipation
PD
Internal Limited
W
Operating Junction Temperature
TJ
0~+125
oC
Storage Temperature Range
TSTG
-65~+150
oC
Pin Definition:
1. Adjustable
2. Output
3. Input
Heatsink is connected to Pin 2


Số phần tương tự - TS317CMRN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
TS317CM ETC-TS317CM Datasheet
438Kb / 8P
   3-Terminal Adjustable Output Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS317CM TSC-TS317CM Datasheet
401Kb / 8P
   3-Terminal Adjustable Output Positive Voltage Regulator
More results

Mô tả tương tự - TS317CMRN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
New Japan Radio
NJM317 NJRC-NJM317 Datasheet
260Kb / 8P
   ADJUSTABLE 3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS317L TSC-TS317L_07 Datasheet
743Kb / 11P
   3-Terminal Adjustable Positive Voltage Regulator
TS317L TSC-TS317L_14 Datasheet
496Kb / 10P
   3-Terminal Adjustable Positive Voltage Regulator
TS317L TSC-TS317L_08 Datasheet
214Kb / 11P
   3-Terminal Adjustable Positive Voltage Regulator
logo
First Components Intern...
LM317S FCI-LM317S Datasheet
335Kb / 3P
   3-TERMINAL 1.5A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
GTM CORPORATION
G3ULM317 GTM-G3ULM317 Datasheet
331Kb / 3P
   3-TERMINAL 1.5A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA350 FAIRCHILD-KA350 Datasheet
121Kb / 8P
   3-Terminal 3A Positive Adjustable Voltage Regulator
LM350 FAIRCHILD-LM350 Datasheet
121Kb / 8P
   3-Terminal 3A Positive Adjustable Voltage Regulator
logo
List of Unclassifed Man...
TS317CP ETC-TS317CP Datasheet
438Kb / 8P
   3-Terminal Adjustable Output Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS317L TSC-TS317L Datasheet
311Kb / 6P
   3-Terminal Adjustable Output Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com