công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SS12 bảng dữ liệu(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

tên linh kiện SS12
Giải thích chi tiết về linh kiện  1.0AMP Surface Mount Schottky Barrier Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TSC [Taiwan Semiconductor Company, Ltd]
Trang chủ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SS12 bảng dữ liệu(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SS12_11 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SS12_11 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CREAT BY ART
UL Recognized File # E-326243
For surface mounted application
Easy pick and place
Metal to silicon rectifier, majority carrier conduction
Low power loss, high efficiency
High current capability, low VF
High surge current capability
High reliability grade (ACE-Q101 qualified)
SS1X
G
= Green Compound
Y
= Year
M
= Work Month
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
SS
12
SS
13
SS
14
SS
15
SS
16
SS
19
SS
110
SS
115
Unit
VRRM
20
30
40
50
60
90
100
150
V
VRMS
14
21
28
35
42
63
70
105
V
VDC
20
30
40
50
60
90
100
150
V
IF(AV)
A
mA
mA
mA
Cj
pF
TJ
OC
TSTG
OC
Version:G11
Note3: Mount on Cu-Pad Size 5mm × 5mm on P.C.B.
10
5
Typical Junction Capecitance (Note 2)
50
Note1: Pulse Test with PW=300u sec, 1% Duty Cycle
--
Note2: Measured at 1 MHz and Applied Reverse Voltagr of 4.0V D.C.
Operating Temperature Range
Storage Temperature Range
- 65 to + 150
- 65 to + 125
- 65 to + 150
0.1
IR
Mechanical Data
Maximum Repetitive Peak Reverse Voltage
Dimensions in inches and (millimeters)
Terminal: Pure tin plated, lead free
Case: JEDEC SMA/DO-214AC Molded plastic
-
Packaging: 12 mm tape per EIA STD RS-481
2
High temperature soldering guaranteed: 260℃
/10s at terminals
SS12 - SS115
1.0AMP Surface Mount Schottky Barrier Rectifier
Marking Diagram
SMA/DO-214AC
Epitaxial construction
Features
Plastic material used carriers Underwriters
Laboratory Classigication 94V-0
30
Green compound with suffix "G" on packing
code & prefix "G" on datecode
Weight: 0.066 gram
Type Number
Maximum Average Forward Rectified Current
Maximum Reverse Current @ Rated VR TA=25 ℃
TA=100℃
TA=125 ℃
0.4
Polarity: Indicated by cathode band
= Specific Device Code
Maximum RMS Voltage
Maximum DC Blocking Voltage
1.0
A
Maximum Instantaneous Forward Voltage (Note 1)
@ 1.0A @ 25℃
@ 1.0A @100℃
VF
0.5
0.4
0.75
0.65
0.80
0.70
0.95
0.85
V
Peak Forward Surge Current, 8.3 ms Single Half Sine-
wave Superimposed on Rated Load (JEDEC method)
IFSM
Typical Thermal Resistance (Note 3)
RθjL
RθjA
28
88
OC/W
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE


Số phần tương tự - SS12_11

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Micro Commercial Compon...
SS12 MCC-SS12_11 Datasheet
187Kb / 3P
   1 Amp Schottky Rectifier 20 to 100 Volts
logo
Vishay Siliconix
SS12 VISHAY-SS12_11 Datasheet
81Kb / 4P
   Surface Mount Schottky Barrier Rectifier
Revision: 18-Apr-11
logo
Yangzhou yangjie electr...
SS12 YANGJIE-SS12_11 Datasheet
132Kb / 2P
   Schottky Rectifier
logo
Micro Commercial Compon...
SS12 MCC-SS12_11 Datasheet
208Kb / 3P
   1 Amp Schottky Rectifier 20 to 100 Volts High Current Capability
More results

Mô tả tương tự - SS12_11

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Taiwan Semiconductor Co...
SK12B TSC-SK12B_11 Datasheet
207Kb / 2P
   1.0AMP Surface Mount Schottky Barrier Rectifier
SSL12 TSC-SSL12_11 Datasheet
201Kb / 2P
   1.0AMP Surface Mount Schottky Barrier Rectifier
SK12B TSC-SK12B_13 Datasheet
260Kb / 4P
   1.0AMP Surface Mount Schottky Barrier Rectifier
SS13M TSC-SS13M Datasheet
176Kb / 3P
   1.0Amp Surface Mount Schottky Barrier Rectifier
logo
DIYI Electronic Technol...
DSS12U DYELEC-DSS12U Datasheet
1Mb / 2P
   SINGLE PHASE 1.0AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Taiwan Semiconductor Co...
LL5817 TSC-LL5817_1 Datasheet
273Kb / 2P
   1.0AMP. Surface Mount Schottky Barrier Rectifiers
logo
Cystech Electonics Corp...
CSMASS1XAS CYSTEKEC-CSMASS1XAS Datasheet
145Kb / 3P
   1.0Amp. Surface Mount Schottky Barrier Diodes
SK1XSB CYSTEKEC-SK1XSB Datasheet
199Kb / 5P
   1.0Amp. Surface Mount Schottky Barrier Diodes
logo
SeCoS Halbleitertechnol...
SK12L SECOS-SK12L Datasheet
369Kb / 4P
   1.0AMP Surface Mount Schottky Barrier Rectifiers
SM120B SECOS-SM120B Datasheet
155Kb / 2P
   1.0AMP Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com