công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ISL28107 bảng dữ liệu(PDF) 1 Page - Intersil Corporation |
|
ISL28107 bảng dữ liệu(HTML) 1 Page - Intersil Corporation |
1 / 31 page 1 Precision Single, Dual and Quad Low Noise Operational Amplifiers ISL28107, ISL28207, ISL28407 The ISL28107, ISL28207 and ISL28407 are single, dual and quad amplifiers featuring low noise, low input bias current, and low offset and temperature drift. This makes them the ideal choice for applications requiring both high DC accuracy and AC performance. The combination of precision, low noise, and small footprint provides the user with outstanding value and flexibility relative to similar competitive parts. Applications for these amplifiers include precision active filters, medical and analytical instrumentation, precision power supply controls, and industrial controls. The ISL28107 is available in 8 Ld SOIC, MSOP and TDFN packages. The ISL28207 is available in 8 Ld SOIC, MSOP and TDFN packages. The ISL28407 will be offered in 14 Ld SOIC, TSSOP and 16 Ld QFN packages. All devices are offered in standard pin configurations and operate over the extended temperature range of -40°C to +125°C. Applications • Precision Instruments • Medical Instrumentation • Spectral Analysis Equipment • Active Filter Blocks • Microphone Pre-amplifier • Thermocouples and RTD Reference Buffers • Data Acquisition • Power Supply Control Features • Low Input Offset. . . . . . . . . . . . . . . . . . . . . . . . . . . . .75µV Max. • Input Bias Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15pA • Superb Temperature Drift - Voltage Offset. . . . . . . . . . . . . . . . . . . . . . . 0.65µV/°C Max. - Input Current. . . . . . . . . . . . . . . . . . . . . . . . . .0.9pA/°C Max. • Outstanding ESD performance - Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.5kV - Machine Model. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 500V - Charged Device Model. . . . . . . . . . . . . . . . . . . . . . . . . .1.5kV • Very Low Voltage Noise, 10Hz . . . . . . . . . . . . . . . . . 14nV/ √Hz • Low Current Consumption (per amp) . . . . . . . . 0.29mA Max. • Gain-bandwidth Product . . . . . . . . . . . . . . . . . . . . . . . . . . 1MHz • Wide Supply Range . . . . . . . . . . . . . . . . . . . . . . . . .4.5V to 40V • Operating Temperature Range. . . . . . . . . . .-40°C to +125°C • No Phase Reversal • Pb-Free (RoHS Compliant) Related Literature • See AN1508 “ISL281X7SOICEVAL1Z Evaluation Board User’s Guide” • See AN1509 “ISL282X7SOICEVAL2Z Evaluation Board User’s Guide” FIGURE 1. TYPICAL APPLICATION FIGURE 2. INPUT NOISE VOLTAGE SPECTRAL DENSITY - + OUTPUT V+ R1 V- R2 C1 C2 SALLEN-KEY LOW PASS FILTER (1kHz) VIN 19.1k 48.7k 3.3nF 8.2nF FREQUENCY (Hz) 10 100 1000 0.1 1 10 100 1k 10k 100k V+ = ±19V AV = 1 CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 1-888-468-3774 |Copyright Intersil Americas Inc. 2009-2011. All Rights Reserved Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries. All other trademarks mentioned are the property of their respective owners. September 6, 2011 FN6631.4 |
Số phần tương tự - ISL28107_11 |
|
Mô tả tương tự - ISL28107_11 |