công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

KBL605G bảng dữ liệu(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

tên linh kiện KBL605G
Giải thích chi tiết về linh kiện  Single Phase 6.0AMPS. Glass Passivated Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TSC [Taiwan Semiconductor Company, Ltd]
Trang chủ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

KBL605G bảng dữ liệu(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  KBL605G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd KBL605G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CREAT BY ART
UL Recoganized File #E-326243
Glass passivated junction
Reliable low cost construction
High surge current capability
Mechanical Data
KBL60XG
= Specific Device Code
G
= Green Compound
Y
= Year
WW
= Work Week
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
KBL
601G
KBL
602G
KBL
603G
KBL
604G
KBL
605G
KBL
606G
KBL
607G
Unit
VRRM
50
100
200
400
600
800
1000
V
VRMS
35
70
140
280
420
560
700
V
VDC
50
100
200
400
600
800
1000
V
I
2TA2S
TJ
OC
TSTG
OC
127
Weight: 5.61 grams
Type Number
- 55 to + 150
Note 1 : Pulse Test with PW=300 usec, 1% Duty Cycle
A
Green compound with suffix "G" on packing
code & prefix "G" on datecode
Rating for fusing (t<8.3ms)
KBL601G - KBL607G
Marking Diagram
KBL
V
Single Phase 6.0AMPS. Glass Passivated Bridge Rectifiers
Features
Ideal for printed circuit board
VF
Peak Forward Surge Current, 8.3 ms Single Half Sine-
wave Superimposed on Rated Load (JEDEC method)
High temperature soldering guaranteed:
260℃/10 seconds at 5 lbs.,(2.3kg) tension
Note 2 : Thermal Resistance Measures on Al. Plate at 3" x 5" x 0.25"
Operating Temperature Range
Storage Temperature Range
- 55 to + 150
uA
10
500
Dimensions in inches and (millimeters)
A
Terminals: Leads solderable per MIL-STD-202,
Method 208
Version:D11
Case: KBL
Maximum DC Reverse Current
@TA=25℃
at Rated DC Block Voltage
@TA=125 ℃
IR
Maximum Repetitive Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Instantaneous Forward Voltage (Note 1)
@3.0A
@6.0A
OC/W
Maximum Average Forward Rectified Current
@TA=50℃
IF(AV)
6
Typical Thermal Resistance (Note 2)
RθjA
RθjL
13
7.5
1.0
1.1
IFSM
175
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE


Số phần tương tự - KBL605G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Taiwan Semiconductor Co...
KBL605G TSC-KBL605G Datasheet
199Kb / 4P
   Glass Passivated Bridge Rectifiers
KBL605G TSC-KBL605G Datasheet
199Kb / 4P
   Glass Passivated Bridge Rectifiers
More results

Mô tả tương tự - KBL605G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Taiwan Semiconductor Co...
KBU601G TSC-KBU601G_12 Datasheet
189Kb / 2P
   Single Phase 6.0AMPS. Glass Passivated Bridge Rectifiers
logo
First Components Intern...
GBU600 FCI-GBU600 Datasheet
127Kb / 2P
   6.0Amps Glass Passivated Single Phase Silico n Bridge
logo
Chongqing Pingwei Enter...
6A05G CHONGQING-6A05G_16 Datasheet
177Kb / 1P
   6.0AMPS . GLASS PASSIVATED RECTIFIERS
6A1G CHONGQING-6A1G_16 Datasheet
177Kb / 1P
   6.0AMPS . GLASS PASSIVATED RECTIFIERS
logo
Silicon Standard Corp.
GBL02 SSC-GBL02 Datasheet
305Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifiers
logo
Continental Device Indi...
GBJ25005 CDIL-GBJ25005 Datasheet
225Kb / 3P
   GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
TS10KL60 TSC-TS10KL60_14 Datasheet
180Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifiers
logo
List of Unclassifed Man...
GBU2D ETC2-GBU2D Datasheet
146Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
SGBU4D ETC2-SGBU4D Datasheet
147Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
SKBJ402 ETC2-SKBJ402 Datasheet
158Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com