công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL21007 bảng dữ liệu(PDF) 1 Page - Intersil Corporation

tên linh kiện ISL21007
Giải thích chi tiết về linh kiện  Precision, Low Noise FGA??Voltage References
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21007 bảng dữ liệu(HTML) 1 Page - Intersil Corporation

  ISL21007_11 Datasheet HTML 1Page - Intersil Corporation ISL21007_11 Datasheet HTML 2Page - Intersil Corporation ISL21007_11 Datasheet HTML 3Page - Intersil Corporation ISL21007_11 Datasheet HTML 4Page - Intersil Corporation ISL21007_11 Datasheet HTML 5Page - Intersil Corporation ISL21007_11 Datasheet HTML 6Page - Intersil Corporation ISL21007_11 Datasheet HTML 7Page - Intersil Corporation ISL21007_11 Datasheet HTML 8Page - Intersil Corporation ISL21007_11 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
Precision, Low Noise FGA™ Voltage References
ISL21007
The ISL21007 FGA™ voltage references are extremely low
power, high precision, and low noise voltage references
fabricated on Intersil’s proprietary Floating Gate Analog
technology. The ISL21007 features very low noise (4.5µVP-P for
0.1Hz to 10Hz) and very low operating current (150µA, Max). In
addition, the ISL21007 family features guaranteed initial
accuracy as low as ±0.5mV.
This combination of high initial accuracy, low drift, and low
output noise performance of the ISL21007 enables versatile
high performance control and data acquisition applications
with low power consumption.
Available Options
Features
• Reference Output Voltage . . . .1.250V, 2.048V, 2.500V,3.000V
• Initial Accuracy . . . . . . . . . . . . . . . . . . . . . . . ±0.5mV (B grade)
• Input Voltage Range
ISL21007-12, 20, 25. . . . . . . . . . . . . . . . . . . . . . . 2.7V to 5.5V
ISL21007-30. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.2V to 5.5V
• Low Output Voltage Noise. . . . . . . . 4.5µVP-P (0.1Hz to 10Hz)
• Supply Current . . . . . . . . . . . . . . . . . . . . . . . . . . . 150µA (Max)
• Temperature Coefficient . . . . . . . . . . . . . . 3ppm/°C (B grade)
• Operating Temperature Range. . . . . . . . . . .-40°C to +125°C
• Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 Ld SOIC
• Pb-Free (RoHS Compliant)
Applications
• High Resolution A/Ds and D/As
• Digital Meters
• Bar Code Scanners
•Basestations
• Battery Management/Monitoring
• Industrial/Instrumentation Equipment
Related Literature
• AN1533, “X-Ray Effects on Intersil FGA References”
• AN1494, “Reflow and PC Board Assembly Effects on Intersil
FGA References”
Pin Configuration
ISL21007
(8 LD SOIC)
TOP VIEW
PART
NUMBER
VOUT
OPTION
(V)
INITIAL
ACCURACY
(mV)
TEMPCO.
(ppm/°C)
ISL21007BFB812Z
1.250
±0.5
3
ISL21007CFB812Z
1.250
±1.0
5
ISL21007DFB812Z
1.250
±2.0
10
ISL21007BFB820Z
2.048
±0.5
3
ISL21007CFB820Z
2.048
±1.0
5
ISL21007DFB820Z
2.048
±2.0
10
ISL21007BFB825Z
2.500
±0.5
3
ISL21007CFB825Z
2.500
±1.0
5
ISL21007DFB825Z
2.500
±2.0
10
ISL21007BFB830Z
3.000
±0.5
3
ISL21007CFB830Z
3.000
±1.0
5
ISL21007DFB830Z
3.000
±2.0
10
GND or NC
VIN
DNC
GND
1
2
3
4
8
7
6
5
DNC
DNC
VOUT
TRIM
July 14, 2011
FN6326.8
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
|Copyright Intersil Americas Inc. 2007, 2011. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.


Số phần tương tự - ISL21007_11

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL21007BFB812Z INTERSIL-ISL21007BFB812Z Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
ISL21007BFB812Z INTERSIL-ISL21007BFB812Z Datasheet
879Kb / 18P
   Precision, Low Noise FGA?줧oltage References
logo
Renesas Technology Corp
ISL21007BFB812Z RENESAS-ISL21007BFB812Z Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
logo
Intersil Corporation
ISL21007BFB820Z INTERSIL-ISL21007BFB820Z Datasheet
879Kb / 18P
   Precision, Low Noise FGA?줧oltage References
logo
Renesas Technology Corp
ISL21007BFB820Z RENESAS-ISL21007BFB820Z Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
More results

Mô tả tương tự - ISL21007_11

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL21060 INTERSIL-ISL21060 Datasheet
2Mb / 20P
   Precision, Low Noise FGA Voltage References
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
logo
Intersil Corporation
ISL21009 INTERSIL-ISL21009 Datasheet
326Kb / 13P
   Precision, Low Noise FGA??Voltage References
ISL21007_0712 INTERSIL-ISL21007_0712 Datasheet
879Kb / 18P
   Precision, Low Noise FGA?줧oltage References
ISL21009_0709 INTERSIL-ISL21009_0709 Datasheet
640Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21009MEP INTERSIL-ISL21009MEP Datasheet
557Kb / 14P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21009 INTERSIL-ISL21009_09 Datasheet
721Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
logo
Renesas Technology Corp
ISL21032 RENESAS-ISL21032 Datasheet
446Kb / 7P
   Precision 0.600V Low Voltage FGA??References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com