công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SMAJ220A bảng dữ liệu(PDF) 2 Page - Micro Commercial Components |
|
SMAJ220A bảng dữ liệu(HTML) 2 Page - Micro Commercial Components |
2 / 4 page MCC 100 10 1.0 0.1 MOUNTED ON5.0mm 2 COPPER LAND AREAS NON-REPETITIVE PULSE WAVEFORM SHOWNINFIGURE 3 TA = 25 td, PULSE WIDTH, SEC 100 75 50 25 0 0 25 50 75 100 125 150 175 200 TA, AMBIENT TEMPERATURE, Fig. 1-PEAK PULSE POWER RATING CURVE Fig. 2-PULSE RATING CURVE 150 100 50 0 0 1.0 2.0 3.0 4.0 TA = 25 Pulse Width(td) is Defined as the Point Where the Peak Current Decays to 50% of lpp PeakValueIppm Half Value- Ipp 2 10/1000 sec Waveform as Defined by R.E.A. e-kt td tf = 10 sec t, TIME , ms 10,000 40,000 20,000 1,000 6,000 4,000 2,000 100 500 200 10 1.0 2.0 5.0 10 20 50 100 200 MEASUREDAT STAND-OFF VOLTAGE(VMW) TJ = 25 f= 1.0MHz Vsig = 50mVp-p MEASURED AT ZERO BIAS V(BR),BREAKDOWN VOLTAGE, VOLTS Fig. 3-PULSE WAVEFORM Fig. 4-TYPICAL JUNCTION CAPACITANCE 50 40 30 20 10 14 10 20 40 100 0 T J =TJ max 8.3mss SINGLE HALF SINCE-WAVE JEDEC METHOD NUMBER OF CYCLES AT 60Hz Fig. 5-MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT SMAJ5.0 thru SMAJ 440CA Revision: B 2011/09/16 TM Micro Commercial Components °C °C °C °C www.mccsemi.com 2 of 4 0.1us 1.0 us 10 us 100 us 1.0ms 10ms |
Số phần tương tự - SMAJ220A |
|
Mô tả tương tự - SMAJ220A |