công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BZX85C8V2 bảng dữ liệu(PDF) 1 Page - Taiwan Semiconductor Company, Ltd |
|
BZX85C8V2 bảng dữ liệu(HTML) 1 Page - Taiwan Semiconductor Company, Ltd |
1 / 3 page BZX85C3V3-BZX85C56 1.3W,5% Tolerance Zener Diode Small Signal Diode VZ Tolerance Selection of ±5% Hermetically Sealed Glass. Pb free version and RoHS compliant Min Max Min Max Case :DO-41 Solder Hot Dip Tin (Sn) lead finish 0. 68 0.8 1 0.027 0.032 3.70 4.25 0.146 0.167 25.40 - 1.000 - 2. 10 2. 60 0.083 0.102 Part No. Package code Package BZX85C3V3-56 A0 DO-41 BZX85C3V3-56 R0 DO-41 Maximum Ratings IF=10mA Notes:1. Valid provided that electrodes are kept at ambient temperature VBR : Voltage at IZK IZK : Test current for voltage VBR ZZK : Dynamic impedance at IZK IZT : Test current for voltage VZ VZ : Voltage at current IZT ZZT : Dynamic impedance at IZT IZM : Maximum steady state current VZM : Voltage at IZM DO-41 Axial Lead HERMETICALLY SEALED GLASS Designed for through-Hole Device Type Mounting. °C Zener I vs. V Characteristics V Thermal Resistance (Junction to Ambient) (Note 1) RθJA 130 °C/W Forward Voltage 1.2 TJ, TSTG Units PD W Rating at 25°C ambient temperature unless otherwise specified. Type Number D Ordering Information -55 to + 175 Value 1.3 Junction and Storage Temperature Range VF High reliability glass passivation insuring parameter stability and protection against junction contamination. Power Dissipation Symbol Polarity : Indicated by cathode band Weight : 310 mg A B C Maximum Ratings and Electrical Characteristics Features Mechanical Data Lead: Axial leads, solderable per MIIL-STD-202, Method 2025 Unit (mm) Wide zener voltage range selection : 3.3V to 56V Unit (inch) Dimensions Packing 5Kpcs / 14" Reel 3Kpcs / Ammo Voltage Current IF VF VR IR VBR IZK VZ IZT VZM IZM Forward Region Leakage Region BreakdownRegion Version : D11 A B C D |
Số phần tương tự - BZX85C8V2 |
|
Mô tả tương tự - BZX85C8V2 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |