công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

1N4001 bảng dữ liệu(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

tên linh kiện 1N4001
Giải thích chi tiết về linh kiện  1.0 AMPS. Silicon Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TSC [Taiwan Semiconductor Company, Ltd]
Trang chủ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1N4001 bảng dữ liệu(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  1N4001_11 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1N4001_11 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CREAR BY ART
High efficiency, Low VF
High current capability
High reliability
High surge current capability
Low power loss
1N400X
= Specific Device Code
G
= Green Compound
Y
= Year
WW
= Work Week
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
VRRM
50
100
200
400
600
800
1000
V
VRMS
35
70
140
280
420
560
700
V
VDC
50
100
200
400
600
800
1000
V
I
2TA2S
Cj
pF
RθjA
RθjC
RθjL
TJ
OC
TSTG
OC
Note1: Pulse Test with PW=300 usec, 1% Duty Cycle
Note2: Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
A
Maximum Instantaneous Forward Voltage (Note 1)
@ 1 A
VF
1.0
V
Rating for Fusing (t<8.3ms)
Peak Forward Surge Current, 8.3 ms Single Half Sine-wave
Superimposed on Rated Load (JEDEC method)
3.7
Maximum RMS Voltage
Maximum DC Blocking Voltage
IFSM
30
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length @TA=75℃
IF(AV)
1A
1N
4005
1N
4006
1N
4007
Unit
1N
4001
1N
4002
1N
4003
1N
4004
Maximum Repetitive Peak Reverse Voltage
Lead: Pure tin plated, lead free, solderable per
MIL-STD-202, Method 208 guaranteed
High temperature soldering guaranteed: 260℃/10s
/.375", (9.5mm) lead lengths at 5 lbs, (2.3kg) tension
Polarity: Color band denotes cathode
Weight: 0.35 grams
Type Number
Symbol
Maximum Reverse Current @ Rated VR TA=25 ℃
T A=125℃
50
10
- 65 to + 150
5
Typical Junction Capacitance (Note 2)
Maximum Full load Reverse Current, Full
cycle Average .375"(9.5mm) Lead Lenfth
@TA=75℃
Version:F11
1N4001 - 1N4007
1.0 AMPS. Silicon Rectifiers
Marking Diagram
DO-41
Dimensions in inches and (millimeters)
Epoxy: UL 94V-0 rate flame retardant
Case: Molded plastic
Features
Green compound with suffix "G" on packing
code & prefix "G" on datecode
Mechanical Data
uA
65
30
uA
OC/W
6
IR
Storage Temperature Range
- 65 to + 150
Operating Temperature Range
IR(AV)
Typical Thermal Resistance
15
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE


Số phần tương tự - 1N4001_11

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Micro Commercial Compon...
1N4001 MCC-1N4001_11 Datasheet
180Kb / 4P
   1 Amp Rectifier 50 - 1000 Volts
More results

Mô tả tương tự - 1N4001_11

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Taiwan Semiconductor Co...
BY133 TSC-BY133 Datasheet
82Kb / 2P
   1.0 AMPS. Silicon Rectifiers
GS1A TSC-GS1A Datasheet
509Kb / 2P
   1.0 AMPS. Surface Mount Silicon Rectifiers
logo
Yangzhou yangjie electr...
W005 YANGJIE-W005 Datasheet
244Kb / 2P
   SINGLE PHASE 1.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
Tiger Electronic Co.,Lt...
DF005 TGS-DF005 Datasheet
87Kb / 2P
   Single Phase 1.0 AMPS. Silicon Bridge Rectifiers
logo
Jinan Gude Electronic D...
S3A JGD-S3A Datasheet
169Kb / 2P
   1.0 AMPS SURFACE MOUNT RECTIFIERS
MUR105 JGD-MUR105 Datasheet
148Kb / 2P
   1.0 AMPS. ULTRA FAST RECTIFIERS
SFA11 JGD-SFA11 Datasheet
164Kb / 2P
   1.0 AMPS. SUPER FAST RECTIFIERS
logo
Taiwan Semiconductor Co...
SS12E TSC-SS12E Datasheet
523Kb / 3P
   1.0 AMPS. Surface Mount Schottky Rectifiers
US1A TSC-US1A Datasheet
54Kb / 2P
   1.0 Amps. Surface Mount Ultrafast Rectifiers
MUR160 TSC-MUR160 Datasheet
73Kb / 2P
   1.0 AMPS. Ultrafast Glass Passivated Rectifiers
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com