công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TDA06H0SB1 bảng dữ liệu(PDF) 1 Page - C&K Components

tên linh kiện TDA06H0SB1
Giải thích chi tiết về linh kiện  Ultra-miniature Surface Mount Half-pitch DIP Switches
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CK-COMPONENTS [C&K Components]
Trang chủ  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

TDA06H0SB1 bảng dữ liệu(HTML) 1 Page - C&K Components

  TDA06H0SB1 Datasheet HTML 1Page - C&K Components TDA06H0SB1 Datasheet HTML 2Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
H
H–6
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ck-components.com
TDA Series
Ultra-miniature Surface Mount Half-pitch DIP Switches
How To Order
Complete part numbers for TDA Series are shown below.
Specifications
SWITCH FUNCTION: SPST – 2, 4, 6, 8 & 10 positions.
CONTACT RATING:
24 V DC, 25 mA (switching).
50 V DC, 100 mA (steady state).
MECHANICAL AND ELECTRICAL LIFE: 1,000 cycles.
CONTACT RESISTANCE: 100 m
Ω max.
INSULATION RESISTANCE: 100 M
Ω @ 100 V DC min.
DIELECTRIC STRENGTH: 300 V AC min.
STORAGE TEMPERATURE: -40°C to 85°C.
OPERATING TEMPERATURE: -40°C to 85°C.
OPERATING FORCE: 4,9N max.
SOLDERABILITY: Per MIL-STD-202F method 208D, or
EIA RS-186E method 9 (1 hour steam aging).
Features/Benefits
Bifurcated contact for increased
electrical reliability
Process sealed for surface
mount soldering and washable
processing
RoHS compliant
PACKAGING: Switches supplied in rigid dispensing tubes in full
tube quantities only, this may affect order quantity. Numbers of
switches per tube varies with model. Tape and reel packaging
is 2,000 per reel.
Materials
CASE & COVER: PPS (UL94V-0)
ACTUATOR: LCP (UL94V-0).
CONTACTS: Copper alloy, with gold plate over nickel plate.
TERMINALS: Copper alloy, with gold flash over nickel plate.
All terminals are insert molded.
TAPE SEAL: Polyimide.
Note: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Note: All switches supplied in “OFF” position.
Typical Applications
Hand-held electronic devices
Portable computer and
electronic devices
Instrumentation and controls
Number of
Positions
TDA02
TDA04
TDA06
TDA08
TDA10
Flush Actuator
H0
Terminations
S
Packaging
NONE Tubes
R T/R
T D A
B
Contact material
B Gold
H 0
S
1
Sealed
1


Số phần tương tự - TDA06H0SB1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ITT Industries
TDA06H0SB1 ITT-TDA06H0SB1 Datasheet
126Kb / 1P
   Ultra-miniature Surface Mount Half-pitch DIP Switches
logo
Texas Instruments
TDA06H0SB1 TI1-TDA06H0SB1 Datasheet
2Mb / 48P
[Old version datasheet]   Contains all support circuitry needed for the ADS1174/ADS1274
May2009
logo
ITT Industries
TDA06H0SB1R ITT-TDA06H0SB1R Datasheet
126Kb / 1P
   Ultra-miniature Surface Mount Half-pitch DIP Switches
More results

Mô tả tương tự - TDA06H0SB1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ITT Industries
TDA02H0SB1 ITT-TDA02H0SB1 Datasheet
126Kb / 1P
   Ultra-miniature Surface Mount Half-pitch DIP Switches
logo
List of Unclassifed Man...
TDA10H0SK1R ETC1-TDA10H0SK1R Datasheet
44Kb / 1P
   Ultra-miniature Surface Mount Half-pitch DIP Switches
logo
C&K Components
TDA CK-COMPONENTS-TDA_V01 Datasheet
242Kb / 3P
   Ultra-miniature Surface Mount Half-pitch DIP Switches
TDA01H0SB1 CK-COMPONENTS-TDA01H0SB1 Datasheet
233Kb / 3P
   Ultra-miniature Surface Mount Half-pitch DIP Switches
TDP CK-COMPONENTS-TDP_V01 Datasheet
326Kb / 3P
   Ultra-miniature Surface Mount Half-pitch Side-Actuated DIP Switches
logo
ITT Industries
TDP08H0SBD1 ITT-TDP08H0SBD1 Datasheet
188Kb / 2P
   Ultra-miniature Surface Mount Half-pitch Side-Actuated DIP Switches
logo
Grayhill, Inc
97C08ST GRAYHILL-97C08ST Datasheet
110Kb / 1P
   Half Pitch DIP Switches
logo
E-SWITCH
KAD E-SWITCH-KAD Datasheet
408Kb / 1P
   DIP SWITCHES - HALF PITCH
logo
Grayhill, Inc
97C06SR GRAYHILL-97C06SR Datasheet
47Kb / 1P
   Half Pitch DIP Switches
97C06SRTRT GRAYHILL-97C06SRTRT Datasheet
351Kb / 1P
   Surface Mount DIP Switches
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com