công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

KSR212GLFS bảng dữ liệu(PDF) 1 Page - C&K Components

tên linh kiện KSR212GLFS
Giải thích chi tiết về linh kiện  Subminiature Tact Switch for SMT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CK-COMPONENTS [C&K Components]
Trang chủ  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

KSR212GLFS bảng dữ liệu(HTML) 1 Page - C&K Components

  KSR212GLFS Datasheet HTML 1Page - C&K Components KSR212GLFS Datasheet HTML 2Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.ck-components.com
B–19
Dimensions shown in: mm (inch)
Specifications and dimensions subject to change
B
Mechanical
Operating force(Fa) Operating life
Travel
Type
Newtons (grams)
(operations)
Silver versions
KSR212G LFS
1.5 < Fa < 2.2
200,000
0,25 ± 0,15
KSR222G LFS
1.9 < Fa < 2.6
200,000
0,3 ± 0,15
KSR232G LFS
2.25 < Fa < 3.75
200,000
0,35 ± 0,15
KSR252G LFS
3.37 < Fa < 5.6
200,000
0,5 ± 0,15
Gold versions
KSR214G LFS
1.5 < Fa < 2.2
200,000
0,25 ± 0,15
KSR224G LFS
1.9 < Fa < 2.6
200,000
0,3 ± 0,15
KSR234G LFS
2.25 < Fa < 3.75
200,000
0,35 ± 0,15
KSR254G LFS
3.37 < Fa < 5.6
200,000
0,5 ± 0,15
KSR Long Life-200,000 cycles-Gold and Silver Series
Subminiature Tact Switch for SMT
Features/Benefits
Saves PCB space
Range of 4 actuation forces
G terminations
N.O.
Detect type available
Rubber actuator
IP 50 sealed
RoHS compliant and compatible
Specification
FUNCTION: momentary action
CONTACT ARRANGEMENT: Normally Open
TERMINALS: Gullwing type for SMT
Typical Applications
Automotive
Cellular phones & accessories
Industrial electronics
Computers & network equipment
Electrical
Silver
Gold
MAXIMUM POWER:
1 VA
0.2 VA
MAXIMUM VOLTAGE:
32 V dc
32 V dc
MINIMUM VOLTAGE:
20 m Vdc
20 m Vdc
MAXIMUM CURRENT DC:
50 mA
10 mA
MINIMUM CURRENT DC:
1 mA
1 mA
CONTACT RESISTANCE:
≤ 100 m_Ω
INSULATION RESISTANCE (100 V): 1 G_
BOUNCE TIME: 1 ms max
Environmental
Silver
Gold
OPERATING TEMPERATURE:
-40˚C to 85˚C
-40˚C to 125˚C
STORAGE TEMPERATURE:
-55˚C to 85˚C
-55˚C to 125˚C
Process
SOLDERING: Compatible with lead free reflow soldering process.
NOTE: Specifications listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
OVERLOAD: 20 Newtons
Packaging
Switches are delivered on continuous tape, in reels of 2,500 pieces.
How To Order
Our easy build-a-switch concept allows you to mix and match options to create the switch you need. To order, select
desired option from each category and place it in the appropriate box.
However, please note that all the combinations of these options are not feasible.
For any part number different from those listed above, please consult your local representative.
Actuator
2 Soft actuator
K
S
R
Operating Force
1 1.8 N (180 grams)
2 2.0 N (200 grams)
3 3.0 N (300 grams)
5 4.5 N (450 grams)
Contact Material
2 Silver
4 Gold
Termination
G Gull wing
LFS RoHS compliant and compatible. Silver plated.
LFG RoHS compliant and compatible. Gold plated.


Số phần tương tự - KSR212GLFS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Samsung semiconductor
KSR2101 SAMSUNG-KSR2101 Datasheet
64Kb / 2P
   PNP (SWITCHING APPLICATION)
logo
Fairchild Semiconductor
KSR2101 FAIRCHILD-KSR2101 Datasheet
55Kb / 4P
   Switching Application
KSR2102 FAIRCHILD-KSR2102 Datasheet
60Kb / 4P
   PNP Epitaxial Silicon Transistor
logo
Samsung semiconductor
KSR2103 SAMSUNG-KSR2103 Datasheet
64Kb / 2P
   PNP (SWITCHING APPLICATION)
logo
Fairchild Semiconductor
KSR2103 FAIRCHILD-KSR2103 Datasheet
56Kb / 4P
   Switching Application
More results

Mô tả tương tự - KSR212GLFS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
C&K Components
KSR253GLFG CK-COMPONENTS-KSR253GLFG Datasheet
357Kb / 2P
   Subminiature Tact Switch for SMT
KSR211GLFS CK-COMPONENTS-KSR211GLFS Datasheet
357Kb / 2P
   Subminiature Tact Switch for SMT
logo
ITT Industries
KSR ITT-KSR Datasheet
68Kb / 3P
   Subminiature Tact Switch for SMT
logo
C&K Components
KSR213GLFG CK-COMPONENTS-KSR213GLFG Datasheet
357Kb / 2P
   Subminiature Tact Switch for SMT
KSR CK-COMPONENTS-KSR_V01 Datasheet
228Kb / 4P
   Subminiature Tact Switch for SMT
23 Jun 21
KSR CK-COMPONENTS-KSR Datasheet
219Kb / 2P
   Subminiature Tact Switch for SMT
logo
ITT Industries
KSS ITT-KSS Datasheet
82Kb / 3P
   Subminiature Side Actuated Tact Switch for SMT
logo
Analog Devices
KSR223GLFG AD-KSR223GLFG Datasheet
357Kb / 2P
   KSR Series Subminiature Tact Switch for SMT
logo
E-SWITCH
TL3340 E-SWITCH-TL3340 Datasheet
186Kb / 1P
   TACT SWITCHES SMT - SUBMINIATURE
logo
C&K Components
KSC241JLFS CK-COMPONENTS-KSC241JLFS Datasheet
312Kb / 6P
   Sealed Tact Switch for SMT
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com