công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

KMR2 bảng dữ liệu(PDF) 1 Page - C&K Components

tên linh kiện KMR2
Giải thích chi tiết về linh kiện  Microminiature SMT Top Actuated
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CK-COMPONENTS [C&K Components]
Trang chủ  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

KMR2 bảng dữ liệu(HTML) 1 Page - C&K Components

  KMR2 Datasheet HTML 1Page - C&K Components KMR2 Datasheet HTML 2Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
B–9
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ck-components.com
Features/Benefits
Long Life version
4 actuation forces
Optional ground pin
Ultra low current capabilities
Excellent tactile feel
KMR 2 Series
Microminiature SMT Top Actuated
Typical Applications
Automotive
Cellular phones
Industrial electronics
Medical equipment
Electrical
Silver
Gold
MAXIMUM POWER:
1 VA
0.2 VA
MAXIMUM VOLTAGE:
32 VDC
32 VDC
MINIMUM VOLTAGE:
20 mVDC
20 mVDC
MAXIMUM CURRENT:
50 mA
10 mA
MINIMUM CURRENT:
1 mA*
1 mA*
DIELECTRIC STRENGTH:
≥ 250 Vrms
CONTACT RESISTANCE:
≤ 100 mΩ
INSULATION RESISTANCE:
≥ 1GΩ
BOUNCE TIME:
≤ 3 ms
*For ULC version minimum current is 1µA at 1.8 VDC
Environmental
Silver
Gold
OPERATING TEMPERATURE:
-40˚C to 85˚C
-40˚C to 125˚C
STORAGE TEMPERATURE:
-55˚C to 85˚C
-55˚C to 125˚C
Process
Infrared Reflow Soldering in accordance with IEC61760-1
Packaging
In reels of 7,000 pieces for KMR 2
External diameter 330 mm ± 2 mm
NOTE: Specifications listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Specification
FUNCTION: momentary action
CONTACT ARRANGEMENT: 1 make contact = SPST, N.O.
TERMINALS: Gullwing type for SMT
Mechanical
Total height
2 1,9 mm
LFS Lead free compatible, silver plated
LFG Lead free compatible, gold plated
Actuation Force
1 1.2 N (120 grams)
2 2 N (200 grams)
3 3 N (300 grams)
4 4 N (400 grams)
K
M
R
N
G
2
3
1
Contact Material
1 Silver
2 Silver long life
3 Gold
Grounding option
G Ground pin
NG No Ground pin
Low Current capability
Void Under standard specification
ULC Low current
Part Number Description
For any part number different from those listed above, please consult your local representative.
KMR211 LFS
1.2 (120) ± 0.30
200 000
0.20 mm ± 0.1
KMR213 LFG
1.2 (120) ± 0.30
200 000
0.20 mm ± 0.1
KMR221 LFS
2.0 (200) ± 0.50
200 000
0.25 mm ± 0.1
KMR223G LFG
2.0 (200) ± 0.50
200 000
0.25 mm ± 0.1
KMR231 LFS
3.0 (300) ± 0.75
150 000
0.25 mm ± 0.1
KMR233G LFG
3.0 (300) ± 0.75
150 000
0.25 mm ± 0.1
KMR231 ULC LFS
3.0 (300) ± 0.75
150 000
0.25 mm ± 0.1
KMR232 LFS
3.0 (300) ± 0.75
300 000
0.25 mm ± 0.1
KMR232 ULC LFS
3.0 (300) ± 0.75
300 000
0.25 mm ± 0.1
KMR241 LFS
4.0 (400) ± 1.00
100 000
0.30 mm ± 0.1
KMR243G LFG
4.0 (400) ± 1.00
100 000
0.30 mm ± 0.1
KMR241 ULC LFS
4.0 (400) ± 1.00
100 000
0.30 mm ± 0.1
KMR242 LFS
4.0 (400) ± 1.00
200 000
0.30 mm ± 0.1
KMR242 ULC LFS
4.0 (400) ± 1.00
200 000
0.30 mm ± 0.1
Type G and NG
(except gold
version G only)
See description
below
Operating
force
N (grs)
Operating
life
(cycles)
Travel (mm)
TACTILE FEELING: for KMR 2 series:
≥ 30% (1.2N at 20%)
U
L
C
L
F
S
B


Số phần tương tự - KMR2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
C&K Components
KMR2 CK-COMPONENTS-KMR2 Datasheet
192Kb / 2P
   Microminiature SMT Top Actuated
24 Aug 21
logo
ITT Industries
KMR211G ITT-KMR211G Datasheet
71Kb / 3P
   Microminiature Tact Switch for SMT
KMR211G213G ITT-KMR211G213G Datasheet
167Kb / 2P
   Microminiature Tact Switch for SMT
logo
C&K Components
KMR211GLFS CK-COMPONENTS-KMR211GLFS Datasheet
161Kb / 2P
   Microminiature SMT Top Actuated
KMR211LFS CK-COMPONENTS-KMR211LFS Datasheet
161Kb / 2P
   KMR 2 Series Microminiature SMT Top Actuated
More results

Mô tả tương tự - KMR2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
C&K Components
PTS820J25MSMTRLFS CK-COMPONENTS-PTS820J25MSMTRLFS Datasheet
164Kb / 3P
   Microminiature SMT Top Actuated
KMR4 CK-COMPONENTS-KMR4_V01 Datasheet
197Kb / 2P
   Microminiature SMT Top Actuated
24 Aug 21
PTS810 CK-COMPONENTS-PTS810_V01 Datasheet
197Kb / 2P
   Microminiature SMT Top Actuated
14 Nov 22
PTS830 CK-COMPONENTS-PTS830_V01 Datasheet
186Kb / 3P
   Microminiature SMT Top Actuated
14 Nov 22
KMR4 CK-COMPONENTS-KMR4 Datasheet
169Kb / 2P
   Microminiature SMT Top Actuated
PTS820 CK-COMPONENTS-PTS820 Datasheet
183Kb / 4P
   Microminiature SMT Top Actuated
KMR421GLFS CK-COMPONENTS-KMR421GLFS Datasheet
162Kb / 2P
   Microminiature SMT Top Actuated
PTS820 CK-COMPONENTS-PTS820_V01 Datasheet
213Kb / 3P
   Microminiature SMT Top Actuated
14 Nov 22
KMR2 CK-COMPONENTS-KMR2_V01 Datasheet
192Kb / 2P
   Microminiature SMT Top Actuated
24 Aug 21
KMR211GLFS CK-COMPONENTS-KMR211GLFS Datasheet
161Kb / 2P
   Microminiature SMT Top Actuated
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com