công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DM14J7205Q3 bảng dữ liệu(PDF) 1 Page - C&K Components

tên linh kiện DM14J7205Q3
Giải thích chi tiết về linh kiện  Miniature Illuminated Power Rocker Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CK-COMPONENTS [C&K Components]
Trang chủ  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

DM14J7205Q3 bảng dữ liệu(HTML) 1 Page - C&K Components

  DM14J7205Q3 Datasheet HTML 1Page - C&K Components DM14J7205Q3 Datasheet HTML 2Page - C&K Components DM14J7205Q3 Datasheet HTML 3Page - C&K Components DM14J7205Q3 Datasheet HTML 4Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Models Available
DM Series
Miniature Illuminated Power Rocker Switches
Features/Benefits
3 AMPS to 10 AMPS
Illuminated LED
Positive detent
RoHS compliant
Typical Applications
Instrumentation
Industrial
Office machines
Specifications
CONTACT RATING: DM14 and DM24 Models: 3 AMPS @
125 V AC; 2 AMPS @ 250 V AC. DM54 and DM64 Models:
10 AMPS @ 125 V AC; 5 AMPS @ 250 V AC (UL/CSA).
ELECTRICAL LIFE: 10,000 make-and-break cycles at full load.
INSULATION RESISTANCE: 109
Ω min.
DIELECTRIC STRENGTH: 1,000 Vrms min. @ sea level.
NOTE: Any models supplied with Q contact material are RoHS compliant.
NOTE: Specification and materials listed above are for standard switches.
For information on specific and custom switches, consult Customer Service Center.
Materials
HOUSING: 6/6 nylon (UL94V-2), black.
ACTUATOR: 6/6 nylon (UL94V-2), black.
MOVABLE CONTACTS: DM14 and DM24 Models: Copper,
silver plated. DM54 and DM64 Models: Coin silver, silver plated.
STATIONARY CONTACTS & TERMINALS: Copper or brass,
silver plated.
LED TERMINALS: Brass, unplated.
CONTACT SPRING: Music wire or stainless steel.
OPERATING TEMPERATURE: -20ºC to +85ºC
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown
and described on pages G–75 and G–77. For additional options not shown in catalog, consult Customer Service Center.
Switch Function
DM14 SPST, 3 AMP
DM24 DPST, 3 AMP
DM54 SPST, 10 AMP
DM64 DPST, 10 AMP
Actuator
J7 Rocker with colorless
LED window
Actuator Color
2
Black
1
White
Housing Style/Color
S2 Snap-in, black
G2 Actuator guard, black
Contact Material
Q Silver
Terminations
05 Quick connect
LED Color
3
Red
4
Amber
6
Green
G–74
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ck-components.com
G


Số phần tương tự - DM14J7205Q3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ITT Industries
DM14J72G205Q3 ITT-DM14J72G205Q3 Datasheet
300Kb / 4P
   Miniature Illuminated Power Rocker Switches
DM14J72G205Q4 ITT-DM14J72G205Q4 Datasheet
300Kb / 4P
   Miniature Illuminated Power Rocker Switches
DM14J72G205Q6 ITT-DM14J72G205Q6 Datasheet
300Kb / 4P
   Miniature Illuminated Power Rocker Switches
DM14J72S205Q3 ITT-DM14J72S205Q3 Datasheet
300Kb / 4P
   Miniature Illuminated Power Rocker Switches
DM14J72S205Q4 ITT-DM14J72S205Q4 Datasheet
300Kb / 4P
   Miniature Illuminated Power Rocker Switches
More results

Mô tả tương tự - DM14J7205Q3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ITT Industries
DM14J72S205Q3 ITT-DM14J72S205Q3 Datasheet
300Kb / 4P
   Miniature Illuminated Power Rocker Switches
logo
CW Industries
GRL-4022-0000 CWIND-GRL-4022-0000 Datasheet
196Kb / 2P
   4000 Series Illuminated Miniature Rocker Switches
GRL-4021-0000 CWIND-GRL-4021-0000 Datasheet
179Kb / 2P
   4000 Series Illuminated Miniature Rocker Switches
GRL-4011-1600 CWIND-GRL-4011-1600_19 Datasheet
198Kb / 2P
   4000 Series Illuminated Miniature Rocker Switches
GRL-4011-0000 CWIND-GRL-4011-0000 Datasheet
198Kb / 2P
   4000 Series Illuminated Miniature Rocker Switches
GRL-4011B-0000 CWIND-GRL-4011B-0000_19 Datasheet
196Kb / 2P
   4000 Series Illuminated Miniature Rocker Switches
GRL-4012-0000 CWIND-GRL-4012-0000 Datasheet
189Kb / 2P
   4000 Series Illuminated Miniature Rocker Switches
GRL-4011-0021 CWIND-GRL-4011-0021 Datasheet
196Kb / 2P
   4000 Series Illuminated Miniature Rocker Switches
GRL-4021-0012 CWIND-GRL-4021-0012 Datasheet
194Kb / 2P
   4000 Series Illuminated Miniature Rocker Switches
logo
ITT Industries
CA04J137207Q ITT-CA04J137207Q Datasheet
259Kb / 4P
   Illuminated Power Rocker Switches
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com