công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BU1523KV-E2 bảng dữ liệu(PDF) 2 Page - Rohm |
|
BU1523KV-E2 bảng dữ liệu(HTML) 2 Page - Rohm |
2 / 23 page Technical Note 2/22 www.rohm.com 2011.02 - Rev.A © 2011 ROHM Co., Ltd. All rights reserved. BU1523KV ● Absolute maximum ratings [Table 1] Parameter Symbol Ratings Unit Supply voltage 1 VDDIO -0.3~+4.0 V Supply voltage 2 VDDI2C -0.3~+4.0 V Supply voltage 3 PVDD -0.3~+4.0 V Supply voltage 4 LVDD -0.3~+4.0 V Supply voltage 5 VDD -0.3~+2.1 V Input voltage range VIN -0.3~IO_LVL+0.3 *1 V Storage temperature range Tstg -40~+125 ℃ Power dissipation PD 1000 *2, 1499 *3 mW *1 IO_LVL is a generic name of VDDIO, VDDI2C *2 IC only. In the case exceeding 25℃, 10mW should be reduced at the rating 1℃. *3 When packaging a glass epoxy board of 70x70x1.6mm. If exceeding 25℃, 14.99mW should be reduced at the rating 1℃ * Has not been designed to withstand radiation. * Operation is not guaranteed at absolute maximum ratings. ● Operating conditions [Table 2] Parameter Symbol Ratings Unit Min. Typ. Max. Supply voltage1(IO) VDDIO 3.0 3.3 3.6 V Supply voltage2(IO) VDDI2C 3.0 3.3 3.6 V Supply voltage3(PLL) PVDD 3.0 3.3 3.6 V Supply voltage4(LVDS) LVDD 3.0 3.3 3.6 V Supply voltage5(CORE) VDD 1.65 1.8 1.95 V Input voltage range VIN 0.0 - IO_LVL *1 V Operating temperature range Topr -40 - +85 ℃ *1 IO_LVL is a generic name of VDDIO, VDDI2C. * Please supply power source in order of VDD→ (VDDIO, VDDI2C, PVDD,LVDD). |
Số phần tương tự - BU1523KV-E2 |
|
Mô tả tương tự - BU1523KV-E2 |