công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

1N17 bảng dữ liệu(PDF) 1 Page - Micro Commercial Components

tên linh kiện 1N17
Giải thích chi tiết về linh kiện  1.0 Amp Schottky Barrier Rectifier 20 to 40 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MCC [Micro Commercial Components]
Trang chủ  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

1N17 bảng dữ liệu(HTML) 1 Page - Micro Commercial Components

  1N17_11 Datasheet HTML 1Page - Micro Commercial Components 1N17_11 Datasheet HTML 2Page - Micro Commercial Components 1N17_11 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1N17
THRU
1N19
1.0 Amp Schottky
Barrier Rectifier
20 to 40 Volts
Features
Maximum Ratings
Operating Temperature: -55
°C to +125°C
Storage Temperature: -55
°C to +125°C
Typical Thermal Resistance: 50
oC/W junction to Ambient
For capacitive load. Derate current by 20%
MCC
Part Number
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum DC
Blocking
Voltage
1N17
20V
14V
20V
1N18
30V
21V
30V
1N19
40V
28V
40V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Rectified Current
I(AV)
1.0A
TA = 90
°C
Peak Forward Surge
Current
IFSM
25A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
1N17
1N18
1N19
VF
0.45V
0.55V
0.60V
IFM = 1.0A;
TC = 25
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
0.5mA
10mA
TC = 25
°C
TC = 100
°C
Typical Junction
Capacitance
CJ
110pF
Measured at
1.0MHz, VR=4.0V
A
B
D
D
C
Cathode Mark
MIN
MAX
MIN
MAX
A
0.116
0.140
2.90
3.50
B
0.091
0.102
2.30
2.60
C
0.020
0.024
0.50
0.60
D
0.787
-----
20.00
-----
DIMENSIONS
DIM
INCHES
MM
NOTE
R-1
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%   !"#
MCC
Revision: A
2011/01/01
TM
Micro Commercial Components
High Efficiency
and High Current Capability
Low Forward Voltage Drop
and Low Power loss
Metal Silicon junction, majority carrier conduction
Marking : Cathode band and type number
www.mccsemi.com
1 of 3
Notes:1.High Temperature Solder Exemption Applied, see EU Directive Annex 7.
Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
Moisture Sensitivity Level 1
Epoxy meets UL 94 V-0 flammability rating


Số phần tương tự - 1N17_11

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
GOOD-ARK Electronics
1N17 GOOD-ARK-1N17_15 Datasheet
167Kb / 2P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 40 Volts Forward Current 1.0 Ampere
logo
Jinan Jingheng (Group) ...
1N17 JINANJINGHENG-1N17_17 Datasheet
53Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Mô tả tương tự - 1N17_11

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Micro Commercial Compon...
1N17 MCC-1N17 Datasheet
370Kb / 2P
   1.0 Amp Schottky Barrier Rectifier 20 to 40 Volts
logo
Shanghai Lunsure Electr...
1N17 CHENYI-1N17 Datasheet
227Kb / 2P
   1.0 Amp Schottky Barrier Rectifier 20 to 40 Volts
logo
Central Semiconductor C...
CMSH1-20ML CENTRAL-CMSH1-20ML Datasheet
107Kb / 2P
   SCHOTTKY BARRIER RECTIFIER 1.0 AMP, 20 & 40 VOLTS
logo
Micro Commercial Compon...
RB491DS MCC-RB491DS Datasheet
216Kb / 3P
   1.0 Amp Schottky Barrier Rectifier 20 Volts
RB491DS MCC-RB491DS_13 Datasheet
253Kb / 3P
   1.0 Amp Schottky Barrier Rectifier 20 Volts
RB491D MCC-RB491D_06 Datasheet
868Kb / 4P
   1.0 Amp Schottky Barrier Rectifier 20 Volts
MBRX120 MCC-MBRX120 Datasheet
113Kb / 3P
   1.0 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRX120 MCC-MBRX120_11 Datasheet
335Kb / 6P
   1.0 Amp Schottky Barrier Rectifier 20 to 60 Volts
MBRX120 MCC-MBRX120_15 Datasheet
483Kb / 6P
   1.0 Amp Schottky Barrier Rectifier 20 to 60 Volts
1S20 MCC-1S20 Datasheet
86Kb / 3P
   1.0 Amp Schottky Barrier Rectifier 20 to 100 Volts
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com