công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BA2902KN bảng dữ liệu(PDF) 6 Page - Rohm

tên linh kiện BA2902KN
Giải thích chi tiết về linh kiện  Ground Sense Operational Amplifiers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ROHM [Rohm]
Trang chủ  http://www.rohm.com
Logo ROHM - Rohm

BA2902KN bảng dữ liệu(HTML) 6 Page - Rohm

Back Button BA2902KN Datasheet HTML 2Page - Rohm BA2902KN Datasheet HTML 3Page - Rohm BA2902KN Datasheet HTML 4Page - Rohm BA2902KN Datasheet HTML 5Page - Rohm BA2902KN Datasheet HTML 6Page - Rohm BA2902KN Datasheet HTML 7Page - Rohm BA2902KN Datasheet HTML 8Page - Rohm BA2902KN Datasheet HTML 9Page - Rohm BA2902KN Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Technical Note
BA10358F/FV, BA10324AF/FV, BA2904SF/FV/FVM, BA2904F/FV/FVM
BA2902SF/FV/KN, BA2902F/FV/KN, BA3404F/FVM
6/25
www.rohm.com
2011.08 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
Absolute Maximum Ratings (Ta=25[℃])
BA3404 family
Parameter
Symbol
Ratings
Unit
Supply Voltage
VCC-VEE
+36
V
Differential Input Voltage
(*13)
Vid
36
V
Input Common-mode Voltage Range
Vicm
(VEE-0.3)~(VEE+36)
V
Operating Temperature Range
Topr
-40~+85
Storage Temperature Range
Tstg
-55~+150
Maximum Junction Temperature
Tjmax
+150
Note:Absolute maximum rating item indicates the condition which must not be exceeded.
Application if voltage in excess of absolute maximum rating or use out of absolute maximum rated temperature environment may cause
deterioration of characteristics.
(*13) The voltage difference between inverting input and non-inverting input is the differential input voltage.
Then input terminal voltage is set to more than VEE.
Electric Characteristics
BA3404 family (Unless otherwise specified VCC=+15[V], VEE=-15[V], Ta=25[℃])
Parameter
Symbol
Temperature
Range
Limits
Unit
Condition
BA3404 family
Min.
Typ.
Max.
Input Offset Voltage
(*14)
Vio
25℃
-
2
5
mV
VOUT=0[V], Vicm=0[V]
Input Offset Current
(*14)
Iio
25℃
-
5
50
nA
VOUT=0[V], Vicm=0[V]
Input Bias Current
(*14)
Ib
25℃
-
70
200
nA
VOUT=0[V], Vicm=0[V]
Large Signal Voltage Gain
AV
25℃
88
100
-
dB
RL≧2[kΩ],
VOUT=±10[V],Vicm=0[V]
Maximum Output Voltage
VOM
25℃
±13
±14
-
V
RL≧2[kΩ]
Input Common-mode Voltage Range
Vicm
25℃
-15
-
13
V
VOUT=0[V]
Common-mode Rejection Ratio
CMRR
25℃
70
90
-
dB
VOUT=0[V],
Vicm=-15[V]~+13[V]
Power Supply Rejection Ratio
PSRR
25℃
80
94
-
dB
Ri≦10[kΩ],
VCC=+4[V]~+30[V]
Supply Current
ICC
25℃
-
2.0
3.5
mA
RL=∞ All Op-Amps,
VIN+=0[V]
Output Source Current
Isource
25℃
20
30
-
mA
VIN+=1[V],VIN-=0[V],
VOUT=+12[V],
Output of one channel only
Output Sink Current
Isink
25℃
10
20
-
mA
VIN+=0[V], VIN-=1[V],
VOUT= -12[V],
Output of one channel only
Slew rate
SR
25℃
-
1.2
-
V/μs
AV=0[dB],
RL=2[kΩ],CL=100[pF]
Unity Gain Frequency
ft
25℃
-
1.2
-
MHz RL=2[kΩ]
Total Harmonic Distortion
THD
25℃
-
0.1
-
%
VOUT=10[Vp-p],f=20[kHz],
AV=0[dB],RL=2[kΩ]
(*14) Absolute value


Số phần tương tự - BA2902KN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
BA2902KN ROHM-BA2902KN	 Datasheet
610Kb / 25P
   Operational Amplifiers: Ground Sense
BA2902KN ROHM-BA2902KN Datasheet
325Kb / 6P
   GROUND SENSE QUAD OPERATIONAL AMPLIFIERS
BA2902KN ROHM-BA2902KN Datasheet
610Kb / 25P
   Operational Amplifiers: Ground Sense
BA2902KN ROHM-BA2902KN Datasheet
554Kb / 26P
   Ground Sense Operational Amplifiers
BA2902KN ROHM-BA2902KN Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
More results

Mô tả tương tự - BA2902KN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
BA10324AF-E2 ROHM-BA10324AF-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_13 Datasheet
644Kb / 48P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_14 Datasheet
1Mb / 56P
   Ground Sense Operational Amplifiers
BA10358FV-E2 ROHM-BA10358FV-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA2904F-E2 ROHM-BA2904F-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
LM358F-E2 ROHM-LM358F-E2 Datasheet
1Mb / 48P
   Ground Sense Operational Amplifiers
01.Aug.2016 Rev.005
BA10358F-E2 ROHM-BA10358F-E2 Datasheet
554Kb / 26P
   Ground Sense Operational Amplifiers
BA10324AFV-E2 ROHM-BA10324AFV-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F ROHM-BA10358F_09 Datasheet
610Kb / 25P
   Operational Amplifiers: Ground Sense
BA3404FJ ROHM-BA3404FJ Datasheet
516Kb / 22P
   Ground Sense Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com