công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BA2901SFV bảng dữ liệu(PDF) 4 Page - Rohm

tên linh kiện BA2901SFV
Giải thích chi tiết về linh kiện  Ground Sense Comparators
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ROHM [Rohm]
Trang chủ  http://www.rohm.com
Logo ROHM - Rohm

BA2901SFV bảng dữ liệu(HTML) 4 Page - Rohm

  BA2901SFV Datasheet HTML 1Page - Rohm BA2901SFV Datasheet HTML 2Page - Rohm BA2901SFV Datasheet HTML 3Page - Rohm BA2901SFV Datasheet HTML 4Page - Rohm BA2901SFV Datasheet HTML 5Page - Rohm BA2901SFV Datasheet HTML 6Page - Rohm BA2901SFV Datasheet HTML 7Page - Rohm BA2901SFV Datasheet HTML 8Page - Rohm BA2901SFV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Technical Note
4/24
BA10393F,BA10339F,BA10339FV,BA2903SF,BA2903SFV,BA2903SFVM,BA2903F,BA2903FV,
BA2903FVM,BA2901SF,BA2901SFV,BA2901SKN,BA2901F,BA2901FV,BA2901KN,BA8391G
www.rohm.com
2011.08 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
Absolute Maximum Ratings (Ta=25[℃])
Parameter
Symbol
Ratings
Unit
BA2903S family
BA2901S family
BA2903 family
BA2901 family
Supply Voltage
VCC-VEE
+36
V
Differential Input Voltage
(*9)
Vid
±36
V
Input Common-mode
Voltage Range
Vicm
(VEE-0.3) ~ VEE+36
V
Operating Temperature Range
Topr
-40 ~ +105
-40 ~ +125
Storage Temperature Range
Tstg
-55 ~ +150
Maximum junction
Temperature
Tjmax
+150
Note: Absolute maximum rating item indicates the condition which must not be exceeded.
Application if voltage in excess of absolute maximum rating or use out of absolute maximum rated temperature environment may cause
deterioration of characteristics.
(*9)
The voltage difference between inverting input and non-inverting input is the differential input voltage.
Then input terminal voltage is set to more than VEE.
BA2903 family(Unless otherwise specified VCC=+5[V], VEE=0[V], Ta=25[℃])
Parameter
Symbol
Temperature
range
Limits
Unit
Condition
BA2903S F/FV/FVM
BA2903F/FV/FVM
Min.
Typ.
Max.
Input Offset Voltage
(*10) (*11)
Vio
25℃
-
2
7
mV
VOUT = 1.4[V]
Full range
-
-
15
VCC = 5 ~ 36[V], VOUT = 1.4[V]
Input Offset Current
(*10) (*11)
Iio
25℃
-
5
50
nA
VOUT = 1.4[V]
Full range
-
-
200
Input Bias Current
(*10) (*11)
Ib
25℃
-
50
250
nA
VOUT = 1.4[V]
Full range
-
-
500
Input Common-mode
Voltage Range
Vicm
25℃
0
-
VCC-1.5
V
-
Large Signal Voltage Gain
AV
25℃
88
100
-
dB
VCC = 15[V], VOUT=1.4 ~ 11.4[V]
RL = 15[kΩ], VRL = 15[V]
Supply Current
(*11)
ICC
25℃
-
0.6
1
mA
VOUT = open
Full range
-
-
2.5
VOUT = open, VCC = 36[V]
Output Sink Current
(*12)
IOL
25℃
6
16
-
mA
VIN+ = 0[V], VIN = 1[V],
VOL = 1.5[V]
Output Saturation Voltage
(*11)
(Low level output voltage)
VOL
25℃
-
150
400
mV
VIN+ = 0[V], VIN- = 1[V],
IOL = 4[mA]
Full range
-
-
700
Output Leakage Current
(*11)
(High level output voltage)
Ileak
25℃
-
0.1
-
μA
VIN+ = 1[V],VIN- = 0[V],
VOH = 5[V]
Full range
-
-
1
μA
VIN+ = 1[V], VIN- = 0[V],
VOH = 36[V]
Response Time
Tre
25℃
-
1.3
-
μs
RL = 5.1[kΩ], VRL = 5[V]
VIN=100[mVp-p],overdrive=5[mV]
-
0.4
-
RL=5.1[kΩ], VRL=5[V], VIN=TTL
Logic Swing, VREF=1.4[V]
(*10) Absolute value
(*11) BA2903S family: Full range -40[℃] ~ +105[℃], BA2903family: Full range -40[℃] ~ +125[℃]
(*12) Under high temperatures, please consider the power dissipation when selecting the output current.
When the output terminal is continuously shorted the output current reduces the internal temperature by flushing.


Số phần tương tự - BA2901SFV

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
BA2901SFV ROHM-BA2901SFV Datasheet
466Kb / 20P
   Comparators : Ground Sense
BA2901SFV ROHM-BA2901SFV Datasheet
533Kb / 25P
   Ground Sense Comparators
BA2901SFV ROHM-BA2901SFV Datasheet
533Kb / 25P
   Ground Sense Comparators
BA2901SFV ROHM-BA2901SFV Datasheet
958Kb / 56P
   Ground Sense Comparator
BA2901SFV-E2 ROHM-BA2901SFV-E2 Datasheet
958Kb / 56P
   Ground Sense Comparator
More results

Mô tả tương tự - BA2901SFV

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
BA10393F-E2 ROHM-BA10393F-E2 Datasheet
533Kb / 25P
   Ground Sense Comparators
BA10393F ROHM-BA10393F_09 Datasheet
574Kb / 20P
   Comparators: Ground Sense
BA10339FV-E2 ROHM-BA10339FV-E2 Datasheet
533Kb / 25P
   Ground Sense Comparators
LM393XXX ROHM-LM393XXX Datasheet
4Mb / 40P
   Ground Sense Comparators
15.Jul.2016 Rev.002
BA2903YF-LB ROHM-BA2903YF-LB Datasheet
677Kb / 31P
   Ground Sense Comparators
BA10393F ROHM-BA10393F_10 Datasheet
466Kb / 20P
   Comparators : Ground Sense
BA2903YFC ROHM-BA2903YFC Datasheet
825Kb / 32P
   Automotive Ground Sense Comparators
BA2903YFV-C ROHM-BA2903YFV-C Datasheet
1Mb / 33P
   Automotive Ground Sense Comparators
29.Sep.2015 Rev.005
BA2901YF-M ROHM-BA2901YF-M Datasheet
531Kb / 27P
   Automotive Ground Sense Comparators
BA2903YF-CE2 ROHM-BA2903YF-CE2 Datasheet
1Mb / 34P
   Automotive Ground Sense Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com