công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BD00C0AWFP bảng dữ liệu(PDF) 1 Page - Rohm

tên linh kiện BD00C0AWFP
Giải thích chi tiết về linh kiện  1A Standard Variable Output LDO Regulators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ROHM [Rohm]
Trang chủ  http://www.rohm.com
Logo ROHM - Rohm

BD00C0AWFP bảng dữ liệu(HTML) 1 Page - Rohm

  BD00C0AWFP Datasheet HTML 1Page - Rohm BD00C0AWFP Datasheet HTML 2Page - Rohm BD00C0AWFP Datasheet HTML 3Page - Rohm BD00C0AWFP Datasheet HTML 4Page - Rohm BD00C0AWFP Datasheet HTML 5Page - Rohm BD00C0AWFP Datasheet HTML 6Page - Rohm BD00C0AWFP Datasheet HTML 7Page - Rohm BD00C0AWFP Datasheet HTML 8Page - Rohm BD00C0AWFP Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/11
www.rohm.com
2011.08 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
Standard Variable Output LDO Regulators
1A Standard
Variable Output LDO Regulators
BD00C0AWFP,BD00C0AWCP-V5
Description
The BD00C0AW Series is low-saturation regulators. The output voltage can be arbitrarily configured using the external resistance.
This IC has a built-in over-current protection circuit that prevents the destruction of the IC due to output short circuits and a
thermal shutdown circuit that protects the IC from thermal damage due to overloading.
Features
1) Output Current: 1A
2) High Output Voltage Precision : ±1%
3) Low saturation with PDMOS output
4) Built-in over-current protection circuit that prevents the destruction of the IC due to output short circuits
5) Built-in thermal shutdown circuit for protecting the IC from thermal damage due to overloading
6) Low ESR Capacitor
7) TO252-5,TO220CP-V5 packaging
Applications
Audiovisual equipments, FPDs, televisions, personal computers or any other consumer device
Absolute maximum ratings (Ta=25℃)
Parameter
Symbol
Ratings
Unit
Supply Voltage
*1
Vcc
-0.3 ~ +35.0
V
Output Control Voltage
VCTL
-0.3 ~ +35.0
V
Power Dissipation (TO252-5)
*2
Pd
1.3
W
Power Dissipation (TO220CP-V5)
*3
Pd
1.85
W
Operating Temperature Range
Topr
-40 ~ +105
Storage Temperature Range
Tstg
-55 ~ +150
Maximum Junction Temperature
Tjmax
+150
*1 Not to exceed Pd.
*2 TO252-5:Reduced by 10.4mW / ℃ over Ta = 25℃, when mounted on glass epoxy board: 70mm×70mm×1.6mm.
*3 TO220CP-V5:Reduced by 14.8mW / ℃ over Ta = 25℃, when It’s without Aluminium heat dissipation board.
NOTE : This product is not designed for protection against radioactive rays.
Operating conditions (Ta=25℃)
Parameter
Symbol
Min.
Max.
Unit
Supply Voltage
Vcc
4.0
26.5
V
Output Control Voltage
VCTL
0
26.5
V
Output Current
Io
0
1.0
A
Output Voltage
Vo
3.0
15.0
V
No.11023EBT03


Số phần tương tự - BD00C0AWFP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
BD00C0AWFP-E2 ROHM-BD00C0AWFP-E2 Datasheet
827Kb / 21P
   1A Variable Output LDO Regulators
BD00C0AWFPS-M ROHM-BD00C0AWFPS-M Datasheet
693Kb / 20P
   Single-Output LDO Regulator 35V Voltage Resistance 1A LDO Regulator
BD00C0AWFPS-ME2 ROHM-BD00C0AWFPS-ME2 Datasheet
693Kb / 20P
   Single-Output LDO Regulator 35V Voltage Resistance 1A LDO Regulator
More results

Mô tả tương tự - BD00C0AWFP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
BD00C0AWFP-E2 ROHM-BD00C0AWFP-E2 Datasheet
827Kb / 21P
   1A Variable Output LDO Regulators
BA50BC0FP-E2 ROHM-BA50BC0FP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BA00CC0WHFP-TR ROHM-BA00CC0WHFP-TR Datasheet
498Kb / 20P
   2A/1A Variable Output LDO Regulators
BA00DD0WCP-V5 ROHM-BA00DD0WCP-V5_10 Datasheet
353Kb / 10P
   Standard Variable Output LDO Regulators
BA00DD0W ROHM-BA00DD0W Datasheet
2Mb / 25P
   2A/1A Variable Output LDO Regulators
BAXXBC0 ROHM-BAXXBC0 Datasheet
490Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BD00IC0WEFJ ROHM-BD00IC0WEFJ Datasheet
517Kb / 26P
   1A Variable Fixed Output LDO Regulators
BA00BC0WFP-E2 ROHM-BA00BC0WFP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BA00DD0WCP-V5 ROHM-BA00DD0WCP-V5_11 Datasheet
320Kb / 10P
   Standard Variable Output LDO Regulators with Shutdown Switch
BD00HC0WEFJ ROHM-BD00HC0WEFJ_13 Datasheet
513Kb / 20P
   1A Variable Output LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com