công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BA25BC0T bảng dữ liệu(PDF) 6 Page - Rohm

tên linh kiện BA25BC0T
Giải thích chi tiết về linh kiện  1A Secondary LDO Regulators for Local Power Supplies
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ROHM [Rohm]
Trang chủ  http://www.rohm.com
Logo ROHM - Rohm

BA25BC0T bảng dữ liệu(HTML) 6 Page - Rohm

Back Button BA25BC0T Datasheet HTML 2Page - Rohm BA25BC0T Datasheet HTML 3Page - Rohm BA25BC0T Datasheet HTML 4Page - Rohm BA25BC0T Datasheet HTML 5Page - Rohm BA25BC0T Datasheet HTML 6Page - Rohm BA25BC0T Datasheet HTML 7Page - Rohm BA25BC0T Datasheet HTML 8Page - Rohm BA25BC0T Datasheet HTML 9Page - Rohm BA25BC0T Datasheet HTML 10Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
BA□□BC0 Series,BA□□BC0W Series,BA00BC0W Series
Technical Note
6/8
www.rohm.com
2010.02 - Rev.B
© 2010 ROHM Co., Ltd. All rights reserved.
31kΩ
2kΩ
27kΩ
CTL
Notes for use
 Vcc pin
Insert a capacitor (0.33
F approx.) between VCC and GND.
The capacitance will vary depending on the application. Use a suitable capacitance and implement designs with
sufficient margins.
 GND pin
Verify that there is no potential difference between the ground of the application board and the IC.
If there is a potential difference, the set voltage will not be output accurately, resulting in unstable IC operation.
Therefore, lower the impedance by designing the ground pattern as wide and as short as possible.
 CTL pin
The CTL pin turns on at an operating power supply
voltage of 2.0 V or higher and turns off at 0.8 V or lower.
There is no particular order when turning the power
supply and CTL pins on or off.
Fig.20 Input Equivalent Circuit
Vo pin
Iinsert a capacitor between the Vo and GND pins in order to prevent output oscillation.
Fig.21 Output Equivalent Circuit
Fig.22 ESR vs IO(22μF)
The capacitance may vary greatly with temperature changes, thus making it impossible to completely prevent oscillation.
Therefore, use a tantalum aluminum electrolytic capacitor with a low ESR (Equivalent Serial Resistance). The output will
oscillate if the ESR is too high or too low, so refer to the ESR characteristics in Fig. 20 and operate the IC within the stable
region. Use a capacitor within a capacitance between 22
F and 1,000F.
Below figure,it is ESR-to-Io stability Area characteristics,measured by 22μF-ceramic-capacitor and resistor connected in series.
This characteristics is not equal value perfectly to 22µF-aluminum electrolytic capacitor in order to measurement method.
Note, however, that the stable range suggested in the figure depends on the IC and the resistance load involved, and can
vary with the board’s wiring impedance, input impedance, and/or load impedance. Therefore, be certain to ascertain the final
status of these items for actual use.
Keep capacitor capacitance within a range of 22µF~1000μF. It is also recommended that a 0.33μF bypass capacitor be
connected as close to the input pin-GND as location possible. However, in situations such as rapid fluctuation of the input
voltage or the load, please check the operation in real application to determine proper capacitance.
OUT
22 F
IC
200
400
600
800
1000
0
0.05
0.075
0.1
0.2
0.5
1.0
2.0
Io [mA]
Oscillation region
Oscillation region
Stable region
10.0


Số phần tương tự - BA25BC0T

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
BA25BC0T ROHM-BA25BC0T Datasheet
359Kb / 6P
   1.0A Low-Dropout Voltage Regulator with Shut down Switch
BA25BC0T ROHM-BA25BC0T Datasheet
490Kb / 19P
   1A Variable/Fixed Output LDO Regulators
More results

Mô tả tương tự - BA25BC0T

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
BAXXBC0 ROHM-BAXXBC0_10 Datasheet
392Kb / 10P
   1A Secondary LDO Regulators for Local Power Supplies
BD00HC0WEFJ ROHM-BD00HC0WEFJ Datasheet
491Kb / 12P
   1A Secondary Variable Output LDO Regulators for Local Power Supplies
BD00GC0WEFJ ROHM-BD00GC0WEFJ Datasheet
543Kb / 12P
   1A Secondary Variable Output LDO Regulators for Local Power Supplies
BDXXKA5 ROHM-BDXXKA5 Datasheet
364Kb / 10P
   500mA Secondary LDO Regulators for Local Power Supplies
BD10KASWFP ROHM-BD10KASWFP Datasheet
364Kb / 10P
   500mA Secondary LDO Regulators for Local Power Supplies
BAXXJC5 ROHM-BAXXJC5_09 Datasheet
381Kb / 10P
   1.5A Secondary LDO Regulators for Local Power Supplies
BD00HC5WEFJ ROHM-BD00HC5WEFJ Datasheet
492Kb / 12P
   1.5A Secondary Variable Output LDO Regulators for Local Power Supplies
BD00GA3WEFJ ROHM-BD00GA3WEFJ Datasheet
523Kb / 12P
   300mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00GA5WEFJ ROHM-BD00GA5WEFJ Datasheet
463Kb / 12P
   500mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00HA5WEFJ ROHM-BD00HA5WEFJ Datasheet
457Kb / 12P
   500mA Secondary Variable Output LDO Regulators for Local Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com