công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BA18DD0WHFP bảng dữ liệu(PDF) 1 Page - Rohm

tên linh kiện BA18DD0WHFP
Giải thích chi tiết về linh kiện  Standard Fixed Output LDO Regulators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ROHM [Rohm]
Trang chủ  http://www.rohm.com
Logo ROHM - Rohm

BA18DD0WHFP bảng dữ liệu(HTML) 1 Page - Rohm

  BA18DD0WHFP Datasheet HTML 1Page - Rohm BA18DD0WHFP Datasheet HTML 2Page - Rohm BA18DD0WHFP Datasheet HTML 3Page - Rohm BA18DD0WHFP Datasheet HTML 4Page - Rohm BA18DD0WHFP Datasheet HTML 5Page - Rohm BA18DD0WHFP Datasheet HTML 6Page - Rohm BA18DD0WHFP Datasheet HTML 7Page - Rohm BA18DD0WHFP Datasheet HTML 8Page - Rohm BA18DD0WHFP Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/11
www.rohm.com
2011.03 - Rev.C
© 2011 ROHM Co., Ltd. All rights reserved.
Standard LDO Regulators
Standard Fixed Output
LDO Regulators
BA□□DD0 Series, BA□□CC0 Series
Standard Fixed Output
LDO Regulators with Shutdown Switch
BA□□DD0W and,BA□□CC0W Series
Description
Standard Fixed Output LDO Regulators are low-saturation regulators, available for output s up to 2A / 1A. ROHM has a wide
output voltage range and package lineup with and without shutdown switches. This IC has a built-in over-current protection
circuit that prevents the destruction of the IC due to output short circuits, a thermal shut-down circuit that protects the IC from
damage due to overloading and an over-voltage protection circuit that protects the IC from surges generated in the power
supply line of the IC.
Features
1) Maximum output current : 2A (BA□□DD0),1A(BA□□CC0)
2) ±1% highly accurate output voltage (BA□□DD0)
3) Low saturation with PNP output
4) Built-in over-current protection circuit that prevents the destruction of the IC due to output short circuits
5) Built-in thermal shutdown circuit for protecting the IC from damage due to overloading
6) Built-in over- voltage protection circuit that prevents the destruction of the IC due to power supply surges
7) TO220FP and HRP5 packaging (BA□□DD0) ,TO220FP and TO252 packaging(BA□□CC0)
Applications
Used in DSP power supplies for DVD and CD players, FPDs, televisions, personal computers or any other consumer device
No.11021ECT01


Số phần tương tự - BA18DD0WHFP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
BA18DD0WHFP ROHM-BA18DD0WHFP Datasheet
269Kb / 6P
   2A Low Dropout Voltage Regulator with Shut Down Switch
BA18DD0WHFP-TR ROHM-BA18DD0WHFP-TR Datasheet
493Kb / 23P
   2A/1A Fixed OutputLDORegulators With ShutdownSwicth
BA18DD0WHFP-TR ROHM-BA18DD0WHFP-TR Datasheet
499Kb / 23P
   2A/1A Fixed Output LDO Regulators
BA18DD0WHFP-TR ROHM-BA18DD0WHFP-TR Datasheet
493Kb / 23P
   Low-saturation regulators, available for output s up to 2A/1A.
More results

Mô tả tương tự - BA18DD0WHFP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
BD80C0AFPS ROHM-BD80C0AFPS_10 Datasheet
418Kb / 13P
   Standard Fixed Output LDO Regulators
BD33C0AWFP ROHM-BD33C0AWFP Datasheet
335Kb / 13P
   Standard Fixed Output LDO Regulators with Shutdown Switch
BA33D18HFP-TR ROHM-BA33D18HFP-TR Datasheet
407Kb / 18P
   Dual Output Fixed Output LDO Regulators
BA15JC5WT ROHM-BA15JC5WT Datasheet
351Kb / 11P
   Secondary Fixed Output LDO Regulators
BD15HC0WEFJ ROHM-BD15HC0WEFJ Datasheet
495Kb / 21P
   1A Fixed Output LDO Regulators
BA00DD0WCP-V5 ROHM-BA00DD0WCP-V5_10 Datasheet
353Kb / 10P
   Standard Variable Output LDO Regulators
BD80C0AFPS-M ROHM-BD80C0AFPS-M Datasheet
766Kb / 22P
   Single-Output LDO Regulator 1A Fixed Output LDO Regulators
BD80C0AFPS-LB ROHM-BD80C0AFPS-LB Datasheet
695Kb / 22P
   Single-Output LDO Regulator 1A Fixed Output LDO Regulators
BA3258HFP ROHM-BA3258HFP_11 Datasheet
307Kb / 9P
   Dual Output Secondary Fixed Output LDO Regulators
BA50BC0FP-E2 ROHM-BA50BC0FP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com