công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISLA216IR72EV1Z bảng dữ liệu(PDF) 5 Page - Intersil Corporation

tên linh kiện ISLA216IR72EV1Z
Giải thích chi tiết về linh kiện  16-Bit, 250MSPS/200MSPS/130MSPS ADC
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISLA216IR72EV1Z bảng dữ liệu(HTML) 5 Page - Intersil Corporation

  ISLA216IR72EV1Z Datasheet HTML 1Page - Intersil Corporation ISLA216IR72EV1Z Datasheet HTML 2Page - Intersil Corporation ISLA216IR72EV1Z Datasheet HTML 3Page - Intersil Corporation ISLA216IR72EV1Z Datasheet HTML 4Page - Intersil Corporation ISLA216IR72EV1Z Datasheet HTML 5Page - Intersil Corporation ISLA216IR72EV1Z Datasheet HTML 6Page - Intersil Corporation ISLA216IR72EV1Z Datasheet HTML 7Page - Intersil Corporation ISLA216IR72EV1Z Datasheet HTML 8Page - Intersil Corporation ISLA216IR72EV1Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
ISLA216P
5
FN7574.1
April 15, 2011
4
VCM
Common Mode Output
8, 9
VINN
Analog Input Negative
10, 11
VINP
Analog Input Positive
15
CLKDIV
Tri-Level Clock Divider Control
16
IPTAT
Temperature Monitor (Output current proportional to absolute temperature)
18
RESETN
Power On Reset (Active Low)
22, 23
CLKP, CLKN
Clock Input True, Complement
24, 25
CLKDIVRSTP, CLKDIVRSTN
Synchronous Clock Divider Reset True, Complement
31
D14
DDR Logical Bits 14, 15
36
D12
DDR Logical Bits 12, 13
40
D10
DDR Logical Bits 10, 11
44
D8
DDR Logical Bits 8, 9
46
RLVDS
LVDS Bias Resistor (Connect to OVSS with 1%10k
Ω)
48
CLKOUT
CMOS Clock Output
52
D6
DDR Logical Bits 6, 7
56
D4
DDR Logical Bits 4, 5
60
D2
DDR Logical Bits 2, 3
64
D0
DDR Logical Bits 0, 1
66
SDO
SPI Serial Data Output
67
CSB
SPI Chip Select (active low)
68
SCLK
SPI Clock
69
SDIO
SPI Serial Data Input/Output
Exposed Paddle
AVSS
Analog Ground
Pin Descriptions - 72 Ld QFN, CMOS Mode (Continued)
PIN NUMBER
CMOS PIN NAME
CMOS PIN FUNCTION
Ordering Information
PART NUMBER
(Notes 1, 2)
PART
MARKING
TEMP. RANGE
(°C)
PACKAGE
(Pb-free)
PKG.
DWG. #
ISLA216P13IRZ
ISLA216P13 IRZ
-40°C to +85°C
72 Ld QFN
L72.10x10E
ISLA216P20IRZ
ISLA216P20 IRZ
-40°C to +85°C
72 Ld QFN
L72.10x10E
ISLA216P25IRZ
ISLA216P25 IRZ
-40°C to +85°C
72 Ld QFN
L72.10x10E
Coming Soon
ISLA216P13IR1Z
ISLA216P13 IR1Z
-40°C to +85°C
48 Ld QFN
TBD
Coming Soon
ISLA216P20IR1Z
ISLA216P20 IR1Z
-40°C to +85°C
48 Ld QFN
TBD
Coming Soon
ISLA216P25IR1Z
ISLA216P25 IR1Z
-40°C to +85°C
48 Ld QFN
TBD
ISLA216IR72EV1Z
Evaluation Board (72 pin QFN ADC)
NOTES:
1. These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and NiPdAu plate-e4
termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
2. For Moisture Sensitivity Level (MSL), please see device information page for ISLA216P. For more information on MSL please see techbrief TB363.


Số phần tương tự - ISLA216IR72EV1Z

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISLA216IR72EV1Z INTERSIL-ISLA216IR72EV1Z Datasheet
1,010Kb / 35P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
December 10, 2012
logo
Renesas Technology Corp
ISLA216IR72EV1Z RENESAS-ISLA216IR72EV1Z Datasheet
1Mb / 35P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
More results

Mô tả tương tự - ISLA216IR72EV1Z

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
ISLA216P RENESAS-ISLA216P Datasheet
1Mb / 35P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Intersil Corporation
ISLA216P INTERSIL-ISLA216P Datasheet
1Mb / 32P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA216P13IRZ INTERSIL-ISLA216P13IRZ Datasheet
1,010Kb / 35P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
December 10, 2012
logo
Renesas Technology Corp
ISLA212P RENESAS-ISLA212P Datasheet
1Mb / 36P
   12-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Intersil Corporation
ISLA212P INTERSIL-ISLA212P Datasheet
1Mb / 35P
   12-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA214P13IRZ INTERSIL-ISLA214P13IRZ Datasheet
1Mb / 35P
   14-Bit, 250MSPS/200MSPS/130MSPS ADC
December 5, 2012
logo
Renesas Technology Corp
ISLA214P RENESAS-ISLA214P Datasheet
1Mb / 35P
   14-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Intersil Corporation
ISLA222P INTERSIL-ISLA222P Datasheet
943Kb / 33P
   Dual 12-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Renesas Technology Corp
ISLA224P RENESAS-ISLA224P Datasheet
1Mb / 34P
   Dual 14-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA222P RENESAS-ISLA222P Datasheet
1Mb / 33P
   Dual 12-Bit, 250MSPS/200MSPS/130MSPS ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com