công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL28133 bảng dữ liệu(PDF) 7 Page - Intersil Corporation

tên linh kiện ISL28133
Giải thích chi tiết về linh kiện  Single Micropower, Chopper Stabilized, RRIO Operational Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28133 bảng dữ liệu(HTML) 7 Page - Intersil Corporation

Back Button ISL28133 Datasheet HTML 3Page - Intersil Corporation ISL28133 Datasheet HTML 4Page - Intersil Corporation ISL28133 Datasheet HTML 5Page - Intersil Corporation ISL28133 Datasheet HTML 6Page - Intersil Corporation ISL28133 Datasheet HTML 7Page - Intersil Corporation ISL28133 Datasheet HTML 8Page - Intersil Corporation ISL28133 Datasheet HTML 9Page - Intersil Corporation ISL28133 Datasheet HTML 10Page - Intersil Corporation ISL28133 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ISL28133
7
FN6560.5
July 22, 2011
FIGURE 11. MIN/MAX SUPPLY CURRENT vs TEMPERATURE,
VS = ±2.5V, VIN = 0V, RL = INF
FIGURE 12. INPUT NOISE VOLTAGE 0.01Hz TO 10Hz
FIGURE 13. INPUT NOISE VOLTAGE DENSITY vs FREQUENCY
FIGURE 14. INPUT NOISE CURRENT DENSITY vs FREQUENCY
FIGURE 15. FREQUENCY RESPONSE vs OPEN LOOP GAIN, RL =
10k
FIGURE 16. FREQUENCY RESPONSE vs OPEN LOOP GAIN, RL =
10M
Typical Performance Curves V+ = 5V, V- = 0V, V
CM = 2.5V, RL = Open. (Continued)
14
16
18
20
22
24
26
28
30
-40
-20
0
20
40
60
80
100 120
TEMPERATURE (°C)
MEDIAN
MIN
MAX
N = 67
TIME (s)
-600
-400
-200
0
200
400
600
800
0
10
203040
50
60
7080
90 100
V+ = 5V
RL = 100k
Rg = 10, Rf = 100k
AV = 10,000
CL = 3.7pF
FREQUENCY (Hz)
10
100
1000
0.001 0.01 0.1
1
10
100
1k
10k 100k
V+ = 5V
AV = 1
FREQUENCY (Hz)
0.01
0.1
1.0
0.001 0.01 0.1
1
10
100
1k
10k 100k
V+ = 5V
AV = 1
-100
-50
0
50
100
150
200
1
100
10k 100k1M 10M
FREQUENCY (Hz)
RL = 10k
SIMULATION
CL = 100pF
GAIN
PHASE
1k
10
100m
10m
1m
0.1m
-100
-50
0
50
100
150
200
FREQUENCY (Hz)
RL = 10M
SIMULATION
CL = 100pF
GAIN
PHASE
1
100
10k 100k1M 10M
1k
10
100m
10m
1m
0.1m


Số phần tương tự - ISL28133

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL28133 INTERSIL-ISL28133 Datasheet
1Mb / 20P
   Single, Dual, and Quad Micropower, Zero-Drift, RRIO Operational Amplifiers
ISL28133 INTERSIL-ISL28133 Datasheet
1Mb / 20P
   Single Micropower, Chopper Stabilized, RRIO Operational Amplifier
ISL28133 INTERSIL-ISL28133 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL28133 INTERSIL-ISL28133 Datasheet
4Mb / 20P
   Intersil?셲 Solutions for Industrial Process Control
logo
Renesas Technology Corp
ISL28133 RENESAS-ISL28133 Datasheet
2Mb / 20P
   Single Micropower, Chopper Stabilized, RRIO Operational Amplifier
More results

Mô tả tương tự - ISL28133

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL28133 INTERSIL-ISL28133 Datasheet
1Mb / 20P
   Single Micropower, Chopper Stabilized, RRIO Operational Amplifier
logo
Renesas Technology Corp
ISL28133 RENESAS-ISL28133 Datasheet
2Mb / 20P
   Single Micropower, Chopper Stabilized, RRIO Operational Amplifier
logo
Intersil Corporation
ISL28233 INTERSIL-ISL28233_10 Datasheet
1Mb / 23P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
ISL28233FUZ INTERSIL-ISL28233FUZ Datasheet
1Mb / 25P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
July 26, 2011
ISL28233_1012 INTERSIL-ISL28233_1012 Datasheet
1Mb / 25P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
ISL28233 INTERSIL-ISL28233_11 Datasheet
1Mb / 25P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28233 RENESAS-ISL28233 Datasheet
1Mb / 25P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
logo
Microchip Technology
TC7650 MICROCHIP-TC7650_13 Datasheet
209Kb / 14P
   Chopper Stabilized Operational Amplifier
11/29/12
logo
TelCom Semiconductor, I...
TC7650 TELCOM-TC7650 Datasheet
90Kb / 7P
   CHOPPER-STABILIZED OPERATIONAL AMPLIFIER
logo
Linear Technology
LTC1052CS LINER-LTC1052CS_15 Datasheet
165Kb / 2P
   CHOPPER STABILIZED OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com