công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ISL28107FBZ bảng dữ liệu(PDF) 2 Page - Intersil Corporation |
|
ISL28107FBZ bảng dữ liệu(HTML) 2 Page - Intersil Corporation |
2 / 32 page 2 FN6631.3 September 9, 2010 Ordering Information PART NUMBER (Notes 2, 3) PART MARKING TEMP. RANGE (°C) PACKAGE (Pb-Free) PKG. DWG. # ISL28107FBZ 28107 FBZ -40 to +125 8 Ld SOIC M8.15E ISL28107FBZ-T7 (Note 1) 28107 FBZ -40 to +125 8 Ld SOIC M8.15E ISL28107FBZ-T13 (Note 1) 28107 FBZ -40 to +125 8 Ld SOIC M8.15E ISL28107FBZ-T7A (Note 1) 28107 FBZ -40 to +125 8 Ld SOIC M8.15E ISL28107FUZ 8107Z -40 to +125 8 Ld MSOP M8.118 ISL28107FUZ-T7 (Note 1) 8107Z -40 to +125 8 Ld MSOP M8.118 ISL28107FUZ-T13 (Note 1) 8107Z -40 to +125 8 Ld MSOP M8.118 ISL28107FUZ-T7A (Note 1) 8107Z -40 to +125 8 Ld MSOP M8.118 ISL28107FRTZ 107Z -40 to +125 8 Ld TDFN L8.3x3A ISL28107FRTZ-T7 (Note 1) 107Z -40 to +125 8 Ld TDFN L8.3x3A ISL28107FRTZ-T13 (Note 1) 107Z -40 to +125 8 Ld TDFN L8.3x3A ISL28107FRTZ-T7A (Note 1) 107Z -40 to +125 8 Ld TDFN L8.3x3A ISL28207FBZ 28207 FBZ -40 to +125 8 Ld SOIC M8.15E ISL28207FBZ-T7 (Note 1) 28207 FBZ -40 to +125 8 Ld SOIC M8.15E ISL28207FBZ-T13 (Note 1) 28207 FBZ -40 to +125 8 Ld SOIC M8.15E ISL28207FBZ-T7A (Note 1) 28207 FBZ -40 to +125 8 Ld SOIC M8.15E ISL28207FRTZ 207Z -40 to +125 8 Ld TDFN L8.3x3A ISL28207FRTZ-T7 (Note 1) 207Z -40 to +125 8 Ld TDFN L8.3x3A ISL28207FRTZ-T13 (Note 1) 207Z -40 to +125 8 Ld TDFN L8.3x3A ISL28207FRTZ-T7A (Note 1) 207Z -40 to +125 8 Ld TDFN L8.3x3A Coming Soon ISL28407FBZ 28407 -40 to +125 14 Ld SOIC M14.15 Coming Soon ISL28407FBZ-T7A (Note 1) 28407 -40 to +125 14 Ld SOIC M14.15 Coming Soon ISL28407FVZ (Note 1) 28407 -40 to +125 14 Ld TSSOP M14.173 Coming Soon ISL28407FVZ-T13 (Note 1) 28407 -40 to +125 14 Ld TSSOP M14.173 Coming Soon ISL28407FVZ-T7A (Note 1) 28407 -40 to +125 14 Ld TSSOP M14.173 Coming Soon ISL28407FRZ 28407 -40 to +125 16 Ld QFN L16.4x4 Coming Soon ISL28407FRZ-T13 (Note 1) 28407 -40 to +125 16 Ld QFN L16.4x4 Coming Soon ISL28407FRZ-T7A (Note 1) 28407 -40 to +125 16 Ld QFN L16.4x4 ISL28107SOICEVAL1Z Evaluation Board ISL28207SOICEVAL2Z Evaluation Board NOTES: 1. Please refer to TB347 for details on reel specifications. 2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020. 3. For Moisture Sensitivity Level (MSL), please see device information page for ISL28107, ISL28207 and ISL28407. For more information on MSL please see techbrief TB363. ISL28107, ISL28207, ISL28407 |
Số phần tương tự - ISL28107FBZ |
|
Mô tả tương tự - ISL28107FBZ |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |