công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL23315 bảng dữ liệu(PDF) 4 Page - Intersil Corporation

tên linh kiện ISL23315
Giải thích chi tiết về linh kiện  Single, Low Voltage Digitally Controlled Potentiometer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL23315 bảng dữ liệu(HTML) 4 Page - Intersil Corporation

  ISL23315 Datasheet HTML 1Page - Intersil Corporation ISL23315 Datasheet HTML 2Page - Intersil Corporation ISL23315 Datasheet HTML 3Page - Intersil Corporation ISL23315 Datasheet HTML 4Page - Intersil Corporation ISL23315 Datasheet HTML 5Page - Intersil Corporation ISL23315 Datasheet HTML 6Page - Intersil Corporation ISL23315 Datasheet HTML 7Page - Intersil Corporation ISL23315 Datasheet HTML 8Page - Intersil Corporation ISL23315 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ISL23315
4
FN7778.1
August 15, 2011
Absolute Maximum Ratings
Thermal Information
Supply Voltage Range
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 6.0V
VLOGIC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 6.0V
Voltage on Any DCP Terminal Pin. . . . . . . . . . . . . . . . . . . . . . . -0.3V to 6.0V
Voltage on Any Digital Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 6.0V
Wiper current IW (10s) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±6mA
ESD Rating
Human Body Model (Tested per JESD22-A114E) . . . . . . . . . . . . . . .6.5kV
CDM Model (Tested per JESD22-A114E) . . . . . . . . . . . . . . . . . . . . . . . 1kV
Machine Model (Tested per JESD22-A115-A) . . . . . . . . . . . . . . . . . 200V
Latch Up
(Tested per JESD-78B; Class 2, Level A) . . . . . . . . . . 100mA @ +125°C
Thermal Resistance (Typical)
θJA (°C/W)
θJC (°C/W)
10 Ld MSOP Package (Notes 6, 7). . . . . . .
170
70
10 Ld µTQFN Package (Notes 6, 7) . . . . . .
145
90
Maximum Junction Temperature (Plastic Package) . . . . . . . . . . . .+150°C
Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +125°C
VCC Supply Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.7V to 5.5V
VLOGIC Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.2V to 5.5V
DCP Terminal Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .0 to VCC
Max Wiper Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±3mA
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
6.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
7. For
θJC, the “case temp” location is the center top of the package.
Analog Specifications
VCC = 2.7V to 5.5V, VLOGIC = 1.2V to 5.5V over recommended operating conditions unless otherwise
stated. Boldface limits apply over the operating temperature range, -40°C to +125°C.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 20)
TYP
(Note 8)
MAX
(Note 20)
UNITS
RTOTAL
RH to RL Resistance
W option
10
k
Ω
U option
50
k
Ω
T option
100
k
Ω
RH to RL Resistance Tolerance
-20
±2
+20
%
End-to-End Temperature Coefficient
W option
175
ppm/°C
U option
85
ppm/°C
T option
70
ppm/°C
VRH, VRL
DCP Terminal Voltage
VRH or VRL to GND
0VCC
V
RW
Wiper Resistance
RH - floating, VRL = 0V, force IW current
to the wiper,
IW = (VCC - VRL)/RTOTAL,
VCC = 2.7V to 5.5V
70
200
Ω
VCC = 1.7V
580
Ω
CH/CL/CW Terminal Capacitance
See “DCP Macro Model” on page 9
32
pF
ILkgDCP
Leakage on DCP Pins
Voltage at pin from GND to VCC
-0.4
< 0.1
0.4
µA
Noise
Resistor Noise Density
Wiper at middle point, W option
16
Wiper at middle point, U option
49
Wiper at middle point, T option
61
Feed Thru Digital Feed-through from Bus to Wiper Wiper at middle point
-65
dB
PSRR
Power Supply Reject Ratio
Wiper output change if VCC change
±10%; wiper at middle point
-75
dB
nV Hz
nV Hz
nV Hz


Số phần tương tự - ISL23315

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL23315 INTERSIL-ISL23315 Datasheet
834Kb / 19P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23315 INTERSIL-ISL23315 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL23315 INTERSIL-ISL23315 Datasheet
4Mb / 20P
   Intersil?셲 Solutions for Industrial Process Control
ISL23315 INTERSIL-ISL23315 Datasheet
1Mb / 8P
   DIGITAL POTENTIOMETERS
logo
Renesas Technology Corp
ISL23315 RENESAS-ISL23315 Datasheet
1Mb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
More results

Mô tả tương tự - ISL23315

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL23415TFUZ INTERSIL-ISL23415TFUZ Datasheet
731Kb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer
September 14, 2015
ISL23315 INTERSIL-ISL23315 Datasheet
834Kb / 19P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23415 INTERSIL-ISL23415 Datasheet
941Kb / 19P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23415 INTERSIL-ISL23415_11 Datasheet
977Kb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23315TFUZ INTERSIL-ISL23315TFUZ Datasheet
820Kb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer(XDCP??
August 12, 2015
logo
Renesas Technology Corp
ISL23315 RENESAS-ISL23315 Datasheet
1Mb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23415 RENESAS-ISL23415 Datasheet
1Mb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
X9428 INTERSIL-X9428 Datasheet
349Kb / 20P
   Single Digitally Controlled Potentiometer
logo
Xicor Inc.
X9111 XICOR-X9111 Datasheet
156Kb / 21P
   Single Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9428 INTERSIL-X9428_06 Datasheet
315Kb / 21P
   Single Digitally Controlled Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com