công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL23511WFRU10Z bảng dữ liệu(PDF) 7 Page - Intersil Corporation

tên linh kiện ISL23511WFRU10Z
Giải thích chi tiết về linh kiện  Single Push Button Controlled Potentiometer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL23511WFRU10Z bảng dữ liệu(HTML) 7 Page - Intersil Corporation

Back Button ISL23511WFRU10Z Datasheet HTML 2Page - Intersil Corporation ISL23511WFRU10Z Datasheet HTML 3Page - Intersil Corporation ISL23511WFRU10Z Datasheet HTML 4Page - Intersil Corporation ISL23511WFRU10Z Datasheet HTML 5Page - Intersil Corporation ISL23511WFRU10Z Datasheet HTML 6Page - Intersil Corporation ISL23511WFRU10Z Datasheet HTML 7Page - Intersil Corporation ISL23511WFRU10Z Datasheet HTML 8Page - Intersil Corporation ISL23511WFRU10Z Datasheet HTML 9Page - Intersil Corporation ISL23511WFRU10Z Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
FN6588.1
January 21, 2008
FIGURE 7. DNL vs TAP POSITION IN RHEOSTAT MODE FOR
10k
Ω (W)
FIGURE 8. INL vs TAP POSITION IN RHEOSTAT MODE FOR
10k
Ω (W)
FIGURE 9. END-TO-END RTOTAL % CHANGE vs
TEMPERATURE
FIGURE 10. TC FOR VOLTAGE DIVIDER MODE IN ppm
FIGURE 11. TC FOR RHEOSTAT MODE IN ppm
FIGURE 12. FREQUENCY RESPONSE (500kHz)
Typical Performance Curves (Continued)
-0.2
-0.1
0.0
0.1
0.2
0
5
10
15
20
25
30
TAP POSITION (DECIMAL)
VCC = 5.5V
VCC = 2.7V
0.0
0.2
0.4
0.6
0.8
0
5
10
15
20
25
30
TAP POSITION (DECIMAL)
VCC = 5.5V
VCC = 2.7V
-1.2
-0.6
0.0
0.6
1.2
-40
-15
10
35
60
85
110
TEMPERATURE (°C)
10k
50k
VCC = 5.5V
VCC = 2.7V
0
5
10
15
20
25
30
35
40
5
1015
202530
TAP POSITION (DECIMAL)
VCC = 2.7V
VCC = 5.5V
50k
10k
0
50
100
150
200
250
300
5
1015202530
TAP POSITION (DECIMAL)
50k
VCC = 2.7V
VCC = 5.5V
10k
INPUT
SINEWAVE
MIDSCALE
OUTPUT
3dB CUTOFF = 500kHz
ISL23511


Số phần tương tự - ISL23511WFRU10Z

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL23511WFRU10Z INTERSIL-ISL23511WFRU10Z Datasheet
389Kb / 11P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
ISL23511WFRU10Z-TK INTERSIL-ISL23511WFRU10Z-TK Datasheet
490Kb / 11P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
September 9, 2015
logo
Renesas Technology Corp
ISL23511WFRU10Z-TK RENESAS-ISL23511WFRU10Z-TK Datasheet
740Kb / 11P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
More results

Mô tả tương tự - ISL23511WFRU10Z

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
X9511 INTERSIL-X9511_07 Datasheet
195Kb / 9P
   Single Push Button Controlled Potentiometer (
ISL22512 INTERSIL-ISL22512 Datasheet
282Kb / 11P
   Single Push Button Controlled Potentiometer XDCP
X9511 INTERSIL-X9511 Datasheet
213Kb / 9P
   Single Digitally-Controlled (XDCP) Potentiometer (Push Button Controlled)
ISL22511 INTERSIL-ISL22511 Datasheet
423Kb / 13P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer Single Push Button Controlled Potentiometer XDCP
logo
Renesas Technology Corp
ISL22511 RENESAS-ISL22511 Datasheet
767Kb / 13P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
ISL23511 RENESAS-ISL23511 Datasheet
740Kb / 11P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
ISL22512 RENESAS-ISL22512 Datasheet
671Kb / 13P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 16 Taps, Push Button Controlled Potentiometer
logo
Xicor Inc.
X9514 XICOR-X9514 Datasheet
56Kb / 11P
   PushPot??Potentiometer (Push Button Controlled)
logo
Renesas Technology Corp
ISL23512 RENESAS-ISL23512 Datasheet
608Kb / 10P
   Single Push Button Controlled Potentiometer (XDCP™) Low Noise, Low Power, 16 Taps, Push Button Controlled Potentiometer
January 21, 2008
logo
Xicor Inc.
X9511 XICOR-X9511 Datasheet
56Kb / 10P
   PushPot O Potentiometer (Push Button Controlled)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com